Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ27411-G1 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # BQ27411-G1
Description  Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ27411-G1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button BQ27411-G1 Datasheet HTML 3Page - Texas Instruments BQ27411-G1 Datasheet HTML 4Page - Texas Instruments BQ27411-G1 Datasheet HTML 5Page - Texas Instruments BQ27411-G1 Datasheet HTML 6Page - Texas Instruments BQ27411-G1 Datasheet HTML 7Page - Texas Instruments BQ27411-G1 Datasheet HTML 8Page - Texas Instruments BQ27411-G1 Datasheet HTML 9Page - Texas Instruments BQ27411-G1 Datasheet HTML 10Page - Texas Instruments BQ27411-G1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
bq27411-G1
www.ti.com
SLUSBN7 – JANUARY 2014
GENERAL DESCRIPTION
The bq27411-G1 accurately predicts the battery capacity and other operational characteristics of a single Li-
based rechargeable cell. It can be interrogated by a system processor to provide cell information, such as state-
of-charge (SOC). The bq27411-G1 is available in several options optimized for different battery cell chemistries.
(See AVAILABLE OPTIONS table.) Configuration parameters unique to the customer's application are
programmed in OTP memory at the customer's factory using a 7.4V typical voltage applied to the PROG pin and
a set of I2C programming commands. More details are available in the SmartFlash OTP Programming
(SLUA703) document.
Information is accessed through a series of commands, called Standard Commands. Further capabilities are
provided by the additional Extended Commands set. Both sets of commands, indicated by the general format
Command( ), are used to read and write information contained within the bq27411-G1 control and status
registers, as well as its data locations.
The key to the bq27411-G1’s high-accuracy gas gauging prediction is Texas Instrument’s proprietary Impedance
Track™ algorithm. This algorithm uses cell measurements, characteristics, and properties to create state-of-
charge predictions that can achieve high accuracy across a wide variety of operating conditions and over the
lifetime of the battery.
The bq27411-G1 measures charge/discharge activity by monitoring the voltage across a small-value sense
resistor. When a cell is attached to the bq27411-G1, cell impedance is computed, based on cell current, cell
open-circuit voltage (OCV), and cell voltage under loading conditions.
The bq27411-G1 uses an integrated temperature sensor for estimating cell temperature. Alternatively, the host
processor can provide temperature data for the bq27411-G1.
To minimize power consumption, the bq27411-G1 has several power modes: INITIALIZATION, NORMAL,
SLEEP, and HIBERNATE. The bq27411-G1 passes automatically between these modes, depending upon the
occurrence of specific events, though a system processor can initiate some of these modes directly. More details
are found in the bq27411-G1 Technical Reference Manual (SLUUAS7).
NOTE
Formatting Conventions in this Document:
Commands: italics with parentheses( ) and no breaking spaces, for example,
RemainingCapacity( ).
Data Flash: italics, bold, and breaking spaces, for example, Design Capacity.
Register bits and flags: italics with brackets [ ], for example, [TDA]
Data flash bits: italics, bold, and brackets [ ], for example, [LED1]
Modes and states: ALL CAPITALS, for example, UNSEALED mode.
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: bq27411-G1


Similar Part No. - BQ27411-G1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27410-G1 TI1-BQ27410-G1 Datasheet
489Kb / 29P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge With Direct Battery Connection
MARCH2011
BQ27410DRZR-G1 TI1-BQ27410DRZR-G1 Datasheet
489Kb / 29P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge With Direct Battery Connection
MARCH2011
BQ27410DRZT-G1 TI1-BQ27410DRZT-G1 Datasheet
489Kb / 29P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge With Direct Battery Connection
MARCH2011
BQ27410EVM TI-BQ27410EVM Datasheet
18Mb / 18P
[Old version datasheet]   bq27410EVM: Single-Cell Impedance Track Technology
More results

Similar Description - BQ27411-G1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27545-G1 TI1-BQ27545-G1 Datasheet
1Mb / 53P
[Old version datasheet]   Single-Cell Li-Ion Battery Fuel Gauge For Battery Pack Integration
BQ27541 TI-BQ27541 Datasheet
789Kb / 38P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541-V200 TI-BQ27541-V200 Datasheet
679Kb / 41P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541-G1 TI1-BQ27541-G1 Datasheet
659Kb / 46P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27542-G1 TI1-BQ27542-G1 Datasheet
1Mb / 38P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541-V200_1004 TI-BQ27541-V200_1004 Datasheet
664Kb / 41P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541-V200 TI1-BQ27541-V200_17 Datasheet
1Mb / 46P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541-V200_1007 TI-BQ27541-V200_1007 Datasheet
743Kb / 43P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27546-G1 TI1-BQ27546-G1 Datasheet
1Mb / 38P
[Old version datasheet]   Single-Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
REVISED DECEMBER 2015
BQ27741-G1 TI1-BQ27741-G1_14 Datasheet
958Kb / 39P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge with Integrated Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com