Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ27411DRZ-G1C Datasheet(PDF) 4 Page - Texas Instruments

Part # BQ27411DRZ-G1C
Description  Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ27411DRZ-G1C Datasheet(HTML) 4 Page - Texas Instruments

  BQ27411DRZ-G1C Datasheet HTML 1Page - Texas Instruments BQ27411DRZ-G1C Datasheet HTML 2Page - Texas Instruments BQ27411DRZ-G1C Datasheet HTML 3Page - Texas Instruments BQ27411DRZ-G1C Datasheet HTML 4Page - Texas Instruments BQ27411DRZ-G1C Datasheet HTML 5Page - Texas Instruments BQ27411DRZ-G1C Datasheet HTML 6Page - Texas Instruments BQ27411DRZ-G1C Datasheet HTML 7Page - Texas Instruments BQ27411DRZ-G1C Datasheet HTML 8Page - Texas Instruments BQ27411DRZ-G1C Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
bq27411-G1
SLUSBN7 – JANUARY 2014
www.ti.com
ELECTRICAL SPECIFICATIONS
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)
(1)
PARAMETER
MIN
MAX
UNIT
VBAT
BAT pin input voltage range
–0.3
6
V
SRP and SRN pins input voltage range
-0.3
[VBAT + 0.3]
V
VSR
Differential voltage across SRP and SRN. ABS(SRP - SRN).
2
V
VDD
VDD pin supply voltage range (LDO ouptut)
–0.3
2
V
VIOD
Open-drain I/O pins (SDA, SCL)
–0.3
6
V
VPROG
PROG pin
–0.3
7.8
V
VIOPP
Push-Pull I/O pins (TEST )
–0.3
[VDD + 0.3]
V
TA
Operating free-air temperature range
–40
85
°C
TSTG
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
RECOMMENDED OPERATING CONDITIONS
TA = 30°C and VREGIN = VBAT = 3.6V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
External input capacitor for internal
CBAT
(1)
0.1
μF
Nominal capacitor values specified.
LDO between BAT and VSS
Recommend a 5% ceramic X5R type
External output capacitor for internal
capacitor located close to the device.
CLDO18
(1)
0.47
μF
LDO between VDD and VSS
External pull-up voltage for open-
VPU
(1)
1.62
3.6
V
drain pins (SDA, SCL, PROG )
VPV
PROG Programming Voltage [RA0]
TA = 15°C to 35°C. OTP Programming
7.3
7.4
7.5
V
mode only.
IPV
PROG Programming Current [RA0]
4
5
mA
(1)
Specified by design. Not production tested.
SUPPLY CURRENT
TA = 30°C and VREGIN = VBAT = 3.6V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ICC
(1)
NORMAL mode current
ILOAD > Sleep Current
(2)
93
μA
ISLP
(1)
SLEEP mode current
ILOAD < Sleep Current
(2)
21
μA
IHIB
(1)
HIBERNATE mode current
ILOAD < Hibernate Current
(2)
9
μA
Fuel gauge in host commanded
ISD
(1)
SHUTDOWN mode current
SHUTDOWN mode.
0.6
μA
(LDO Regulator Output Disabled.)
(1)
Specified by design. Not production tested.
(2)
Wake Comparator Disabled.
4
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: bq27411-G1


Similar Part No. - BQ27411DRZ-G1C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27410-G1 TI1-BQ27410-G1 Datasheet
489Kb / 29P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge With Direct Battery Connection
MARCH2011
BQ27410DRZR-G1 TI1-BQ27410DRZR-G1 Datasheet
489Kb / 29P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge With Direct Battery Connection
MARCH2011
BQ27410DRZT-G1 TI1-BQ27410DRZT-G1 Datasheet
489Kb / 29P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge With Direct Battery Connection
MARCH2011
BQ27410EVM TI-BQ27410EVM Datasheet
18Mb / 18P
[Old version datasheet]   bq27410EVM: Single-Cell Impedance Track Technology
More results

Similar Description - BQ27411DRZ-G1C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27545-G1 TI1-BQ27545-G1 Datasheet
1Mb / 53P
[Old version datasheet]   Single-Cell Li-Ion Battery Fuel Gauge For Battery Pack Integration
BQ27541 TI-BQ27541 Datasheet
789Kb / 38P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541-V200 TI-BQ27541-V200 Datasheet
679Kb / 41P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541-G1 TI1-BQ27541-G1 Datasheet
659Kb / 46P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27542-G1 TI1-BQ27542-G1 Datasheet
1Mb / 38P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541-V200_1004 TI-BQ27541-V200_1004 Datasheet
664Kb / 41P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541-V200 TI1-BQ27541-V200_17 Datasheet
1Mb / 46P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541-V200_1007 TI-BQ27541-V200_1007 Datasheet
743Kb / 43P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27546-G1 TI1-BQ27546-G1 Datasheet
1Mb / 38P
[Old version datasheet]   Single-Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
REVISED DECEMBER 2015
BQ27741-G1 TI1-BQ27741-G1_14 Datasheet
958Kb / 39P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge with Integrated Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com