Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ27441DRZR-G1B Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # BQ27441DRZR-G1B
Description  System-Side Impedance Track Fuel Gauge
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ27441DRZR-G1B Datasheet(HTML) 2 Page - Texas Instruments

  BQ27441DRZR-G1B Datasheet HTML 1Page - Texas Instruments BQ27441DRZR-G1B Datasheet HTML 2Page - Texas Instruments BQ27441DRZR-G1B Datasheet HTML 3Page - Texas Instruments BQ27441DRZR-G1B Datasheet HTML 4Page - Texas Instruments BQ27441DRZR-G1B Datasheet HTML 5Page - Texas Instruments BQ27441DRZR-G1B Datasheet HTML 6Page - Texas Instruments BQ27441DRZR-G1B Datasheet HTML 7Page - Texas Instruments BQ27441DRZR-G1B Datasheet HTML 8Page - Texas Instruments BQ27441DRZR-G1B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
bq27441-G1
SLUSBH1A – NOVEMBER 2013 – REVISED JANUARY 2014
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
DEVICE INFORMATION
AVAILABLE OPTIONS
BATTERY
FIRMWARE
PART NUMBER
CHEM_ID (1)
DM_CODE (2)
PACKAGE (4)
TYPE
VERSION (3)
bq27441DRZR-G1A
LiCoO2
0x0128
0x48
12-pin,
(4.2 V max charge)
bq27441DRZT-G1A
1.09
2.5 × 4 mm
(0x0109)
bq27441DRZR-G1B
LiMn2O4
SON
0x0312
0x58
(4.3 - 4.35 V max charge)
bq27441DRZT-G1B
(1)
See the CHEM_ID subcommand to confirm the battery chemistry type.
(2)
See the DM_CODE subcommand to confirm the Data Memory code.
(3)
See the FW_VERSION subcommand to confirm the firmware version.
(4)
For the most current package and ordering information see the Package Option Addendum at the end of this document; or, see the TI
website at www.ti.com.
THERMAL INFORMATION
bq27441-G1
THERMAL METRIC(1)
UNITS
DRZ (12-PINS)
θJA
Junction-to-ambient thermal resistance
64.1
θJCtop
Junction-to-case (top) thermal resistance
59.8
θJB
Junction-to-board thermal resistance
52.7
°C/W
ψJT
Junction-to-top characterization parameter
0.3
ψJB
Junction-to-board characterization parameter
28.3
θJCbot
Junction-to-case (bottom) thermal resistance
2.4
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
2
Submit Documentation Feedback
Copyright © 2013–2014, Texas Instruments Incorporated
Product Folder Links: bq27441-G1


Similar Part No. - BQ27441DRZR-G1B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27410-G1 TI1-BQ27410-G1 Datasheet
489Kb / 29P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge With Direct Battery Connection
MARCH2011
BQ27410DRZR-G1 TI1-BQ27410DRZR-G1 Datasheet
489Kb / 29P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge With Direct Battery Connection
MARCH2011
BQ27410DRZT-G1 TI1-BQ27410DRZT-G1 Datasheet
489Kb / 29P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge With Direct Battery Connection
MARCH2011
BQ27410EVM TI-BQ27410EVM Datasheet
18Mb / 18P
[Old version datasheet]   bq27410EVM: Single-Cell Impedance Track Technology
BQ27411-G1 TI1-BQ27411-G1 Datasheet
998Kb / 20P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
More results

Similar Description - BQ27441DRZR-G1B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27505-J2 TI-BQ27505-J2 Datasheet
843Kb / 42P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27505 TI1-BQ27505 Datasheet
878Kb / 42P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27505-J5 TI1-BQ27505-J5 Datasheet
811Kb / 41P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27520-G4 TI1-BQ27520-G4 Datasheet
1Mb / 34P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge
BQ27620-G1 TI1-BQ27620-G1 Datasheet
997Kb / 45P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27500 TI-BQ27500_08 Datasheet
812Kb / 39P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27500 TI-BQ27500 Datasheet
763Kb / 39P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27500-V130 TI1-BQ27500-V130 Datasheet
1Mb / 43P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge
BQ27426 TI1-BQ27426 Datasheet
920Kb / 25P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge
BQ27500-V120 TI-BQ27500-V120 Datasheet
789Kb / 36P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27510-G3 TI1-BQ27510-G3 Datasheet
1Mb / 30P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com