Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ294700DSGR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # BQ294700DSGR
Description  Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ294700DSGR Datasheet(HTML) 10 Page - Texas Instruments

Back Button BQ294700DSGR Datasheet HTML 6Page - Texas Instruments BQ294700DSGR Datasheet HTML 7Page - Texas Instruments BQ294700DSGR Datasheet HTML 8Page - Texas Instruments BQ294700DSGR Datasheet HTML 9Page - Texas Instruments BQ294700DSGR Datasheet HTML 10Page - Texas Instruments BQ294700DSGR Datasheet HTML 11Page - Texas Instruments BQ294700DSGR Datasheet HTML 12Page - Texas Instruments BQ294700DSGR Datasheet HTML 13Page - Texas Instruments BQ294700DSGR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
100
VCELL1
VCELL2
OUT
VDD
VSS
0.1µF
0.1µF
1k
1k
Pack+
Pack–
V3
V2
V1
V4
CD
PWPD
0.1µF
0.1µF
0.1µF
100
VCELL1
VCELL3
VCELL2
OUT
VDD
VSS
0.1µF
0.1µF
1k
1k
1k
Pack+
Pack–
V3
V2
V1
V4
CD
PWPD
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
bq294700, bq294701, bq294702
bq294703, bq294704, bq294705
bq294707
SLUSB15A – SEPTEMBER 2012 – REVISED SEPTEMBER 2013
www.ti.com
APPLICATION SCHEMATIC
Figure 11. 2-Series Cell Configuration Active High
Figure 12. 3-Series Cell Configuration Active High
with Capacitor-Programmed Delay
with Capacitor-Programmed Delay
NOTE
In these application examples of 2 s and 3 s, an external pull-up resistor is required on the
OUT terminal to configure for an Open Drain Active Low operation.
10
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: bq294700 bq294701 bq294702 bq294703 bq294704 bq294705 bq294707


Similar Part No. - BQ294700DSGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ294700DSGR TI-BQ294700DSGR Datasheet
931Kb / 19P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
BQ294700DSGR TI1-BQ294700DSGR Datasheet
859Kb / 24P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
BQ294700DSGR TI1-BQ294700DSGR Datasheet
871Kb / 27P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
BQ294700DSGR TI-BQ294700DSGR Datasheet
2Mb / 28P
[Old version datasheet]   BQ2947 Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
More results

Similar Description - BQ294700DSGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2947 TI1-BQ2947_16 Datasheet
859Kb / 24P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
BQ771604 TI1-BQ771604 Datasheet
801Kb / 20P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
BQ294502 TI1-BQ294502_17 Datasheet
1Mb / 26P
[Old version datasheet]   Overvoltage Protection For 2-Series and 3-Series Cell Li-Ion Batteries
BQ294502 TI-BQ294502 Datasheet
736Kb / 18P
[Old version datasheet]   Overvoltage Protection for 2-Series and 3-Series Cell Li-Ion Batteries
BQ2961 TI1-BQ2961 Datasheet
1Mb / 29P
[Old version datasheet]   Overvoltage Protection for 2-Series, 3-Series, and 4-Series Cell Li-Ion Batteries
BQ294707 TI1-BQ294707 Datasheet
869Kb / 20P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
BQ771604 TI1-BQ771604 Datasheet
795Kb / 20P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
BQ771600 TI-BQ771600 Datasheet
717Kb / 17P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
BQ2947 TI1-BQ2947_17 Datasheet
871Kb / 27P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
BQ294700 TI-BQ294700 Datasheet
931Kb / 19P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com