Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3697 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM3697
Description  High-Efficiency Three-String White LED Driver
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3697 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM3697 Datasheet HTML 3Page - Texas Instruments LM3697 Datasheet HTML 4Page - Texas Instruments LM3697 Datasheet HTML 5Page - Texas Instruments LM3697 Datasheet HTML 6Page - Texas Instruments LM3697 Datasheet HTML 7Page - Texas Instruments LM3697 Datasheet HTML 8Page - Texas Instruments LM3697 Datasheet HTML 9Page - Texas Instruments LM3697 Datasheet HTML 10Page - Texas Instruments LM3697 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
0.7
0.72
0.74
0.76
0.78
0.8
0.82
0.84
0.86
0.88
0.9
0.92
2.5
3
3.5
4
4.5
5
5.5
VIN (V)
One String, L=10µH, 500kHz
C002
0.7
0.72
0.74
0.76
0.78
0.8
0.82
0.84
0.86
0.88
0.9
0.92
2.5
3
3.5
4
4.5
5
5.5
VIN (V)
One String, L=10µH, 1MHz
C002
0.7
0.72
0.74
0.76
0.78
0.8
0.82
0.84
0.86
0.88
0.9
2.5
3
3.5
4
4.5
5
5.5
VIN (V)
Two String, L=10µH, 500kHz
C002
0.7
0.72
0.74
0.76
0.78
0.8
0.82
0.84
0.86
0.88
0.9
2.5
3
3.5
4
4.5
5
5.5
VIN (V)
Two String, L=10µH, 1MHz
C002
0.7
0.72
0.74
0.76
0.78
0.8
0.82
0.84
0.86
0.88
0.9
2.5
3
3.5
4
4.5
5
5.5
VIN (V)
Three String, L=10µH, 500kHz
C002
0.7
0.72
0.74
0.76
0.78
0.8
0.82
0.84
0.86
0.88
0.9
2.5
3
3.5
4
4.5
5
5.5
VIN (V)
Three String, L=10µH, 1MHz
C002
LM3697
www.ti.com
SNOSCS2A – NOVEMBER 2013 – REVISED DECEMBER 2013
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VIN = 3.6V, LEDs are WLEDs part # SML-312WBCW(A), Typical Application Circuit with L = TDK (VLF302512, 4.7 µH, 10 µH,
22 µH where specified), Schottky = On-Semi (NSR0240V2T1G), TA = +25°C unless otherwise specified. Efficiency is given as
VOUT × (IHVLED1 + IHVLED2 + IHVLED3)/(VIN × IIN), matching curves are given as (ΔILED_MAX/ILED_AVE).
Top to Bottom: 3x3, 3x4, 3x5, 3x6, 3x7 (LEDs)
Top to Bottom: 3x3, 3x4, 3x5, 3x6, 3x7 (LEDs)
Figure 9. LED Efficiency vs VIN, 20.2 mA/String
Figure 10. LED Efficiency vs VIN, 20.2 mA/String
Top to Bottom:2x3, 2x4, 2x5, 2x6, 2x7, 2x8, 2x9, 2x10 (LEDs)
Top to Bottom:2x3, 2x4, 2x5, 2x6, 2x7, 2x8, 2x9, 2x10 (LEDs)
Figure 11. LED Efficiency vs VIN, 20.2 mA/String
Figure 12. LED Efficiency vs VIN, 20.2 mA/String
Top to Bottom:1x3, 1x4, 1x5, 1x6, 1x7, 1x8, 1x9, 1x10 (LEDs)
Top to Bottom:1x3, 1x4, 1x5, 1x6, 1x7, 1x8, 1x9, 1x10 (LEDs)
Figure 13. LED Efficiency vs VIN, 20.2 mA/String
Figure 14. LED Efficiency vs VIN, 20.2 mA/String
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM3697


Similar Part No. - LM3697

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3697 TI1-LM3697 Datasheet
1Mb / 36P
[Old version datasheet]   High-Efficiency Three-String White LED Driver
LM3697YFQR TI1-LM3697YFQR Datasheet
1Mb / 36P
[Old version datasheet]   High-Efficiency Three-String White LED Driver
LM3697YFQR TI1-LM3697YFQR Datasheet
1Mb / 43P
[Old version datasheet]   High-Efficiency Three-String White LED Driver
LM3697 TI1-LM3697_15 Datasheet
1Mb / 43P
[Old version datasheet]   High-Efficiency Three-String White LED Driver
More results

Similar Description - LM3697

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3697 TI1-LM3697 Datasheet
1Mb / 36P
[Old version datasheet]   High-Efficiency Three-String White LED Driver
LM3697 TI1-LM3697_15 Datasheet
1Mb / 43P
[Old version datasheet]   High-Efficiency Three-String White LED Driver
LM3630A TI1-LM3630A_15 Datasheet
1Mb / 51P
[Old version datasheet]   High-Efficiency Dual-String White LED Driver
LM3630A TI-LM3630A Datasheet
520Kb / 45P
[Old version datasheet]   LM3630A High-Efficiency Dual-String White LED Driver
logo
Silicon Mitus, Inc.
SM5350 SILICONMITUS-SM5350 Datasheet
215Kb / 1P
   High-Efficiency Three-String with up to 10-WLED White LED Driver
August 2018
logo
Eutech Microelectronics...
EUP2990 EUTECH-EUP2990 Datasheet
681Kb / 1P
   6 String White LED Driver
logo
Analog Devices
ADD5207 AD-ADD5207 Datasheet
428Kb / 16P
   Four-String, White LED Driver
REV. A
ADD5205 AD-ADD5205 Datasheet
441Kb / 16P
   Four-String White LED Driver
REV. 0
logo
Silicon Mitus, Inc.
SM5306 SILICONMITUS-SM5306 Datasheet
293Kb / 1P
   High-Efficiency Dual-String with up to 10-WLED White LED Driver
August 2018 Rev. 0.0.0
logo
Alpha & Omega Semicondu...
AOZ1960 AOSMD-AOZ1960 Datasheet
911Kb / 20P
   Multi-String Boost White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com