Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM34919C-Q1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM34919C-Q1
Description  LM34919C-Q1 Ultra Small 50V, 600 mA Constant On-Time Buck Switching Regulator
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM34919C-Q1 Datasheet(HTML) 1 Page - Texas Instruments

  LM34919C-Q1 Datasheet HTML 1Page - Texas Instruments LM34919C-Q1 Datasheet HTML 2Page - Texas Instruments LM34919C-Q1 Datasheet HTML 3Page - Texas Instruments LM34919C-Q1 Datasheet HTML 4Page - Texas Instruments LM34919C-Q1 Datasheet HTML 5Page - Texas Instruments LM34919C-Q1 Datasheet HTML 6Page - Texas Instruments LM34919C-Q1 Datasheet HTML 7Page - Texas Instruments LM34919C-Q1 Datasheet HTML 8Page - Texas Instruments LM34919C-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
VIN
SW
BST
LM34919C
VCC
SS
RON
4.5V - 50V
Input
VOUT
RTN
ISEN
SGND
FB
PGD
EN
PGD
VOUT
C1
C5
RON
REN
RPGD
C3
C4
L1
R3
C2
R2
R1
D1
C6
LM34919C-Q1
www.ti.com
SNVS831A – SEPTEMBER 2013 – REVISED DECEMBER 2013
LM34919C-Q1 Ultra Small 50V, 600 mA Constant On-Time Buck Switching Regulator
Check for Samples: LM34919C-Q1
1
FEATURES
APPLICATIONS
2
AEC-Q100 qualified (Tj = -40°C to 125°C)
Automotive Safety and Infotainment
Maximum Switching Frequency: 2.6 MHz
High Efficiency Point-of-Load (POL) Regulator
Input Voltage Range: 4.5 V to 50 V
Telecommunication Buck Regulator
Integrated N-Channel buck switch
Secondary Side Post Regulator
Integrated Start-Up Regulator
DESCRIPTION
No Loop Compensation Required
The LM34919C Step Down Switching Regulator
Ultra-Fast Transient Response
features all of the functions needed to implement a
Operating Frequency Remains Constant with
low-cost, efficient, buck bias regulator capable of
Load Current and Input Voltage
supplying 0.6 A to the load. This buck regulator
contains an N-Channel Buck Switch and is available
Adjustable Output Voltage
in DSBGA and WSON packages. The constant on-
Power Good Output
time feedback regulation scheme requires no loop
Enable Input
compensation, results in fast load transient response,
and simplifies circuit implementation. The operating
Valley Current Limit at 0.64 A Typical
frequency remains constant with line and load
Precision Internal Voltage Reference
variations due to the inverse relationship between the
Low IQ Shutdown (<10 µA)
input voltage and the on-time. The valley current limit
results in a smooth transition from constant voltage to
Highly Efficient Operation
constant current mode when current limit is detected,
Thermal Shutdown
reducing the frequency and output voltage, without
12-Bump 2 mm x 2 mm DSBGA and 12-pin 4
the use of foldback. Additional features include:
mm x 4 mm WSON Packages
Power Good, enable, VCC undervoltage lockout,
thermal shutdown, gate drive undervoltage lockout,
and maximum duty cycle limiter.
Figure 1. Basic Step Down Regulator
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM34919C-Q1

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM34919 NSC-LM34919 Datasheet
369Kb / 18P
   40V, 600 mA Step Down COT Switching Regulator
LM34919 NSC-LM34919 Datasheet
387Kb / 18P
   Ultra Small 40V, 600 mA Constant On-Time Buck Switching Regulator
logo
Texas Instruments
LM34919 TI1-LM34919 Datasheet
1Mb / 21P
[Old version datasheet]   Ultra-Small 40-V 600-mA Constant On-Time Buck Switching Regulator
LM34919 TI1-LM34919 Datasheet
1Mb / 21P
[Old version datasheet]   Ultra-Small 40-V 600-mA Constant On-Time Buck Switching Regulator
logo
National Semiconductor ...
LM34919B NSC-LM34919B Datasheet
497Kb / 20P
   Ultra Small 40V, 600 mA Constant On-Time Buck Switching Regulator
More results

Similar Description - LM34919C-Q1

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM34919B NSC-LM34919B Datasheet
497Kb / 20P
   Ultra Small 40V, 600 mA Constant On-Time Buck Switching Regulator
LM34919 NSC-LM34919_08 Datasheet
387Kb / 18P
   Ultra Small 40V, 600 mA Constant On-Time Buck Switching Regulator
logo
Texas Instruments
LM34919 TI1-LM34919_14 Datasheet
1Mb / 21P
[Old version datasheet]   Ultra-Small 40-V 600-mA Constant On-Time Buck Switching Regulator
LM34919B TI-LM34919B_15 Datasheet
1Mb / 27P
[Old version datasheet]   Ultra-Small 40-V 600-mA Constant On-Time Buck Switching Regulator
LM34919 TI1-LM34919_15 Datasheet
1Mb / 21P
[Old version datasheet]   Ultra-Small 40-V 600-mA Constant On-Time Buck Switching Regulator
LM34923 TI1-LM34923_14 Datasheet
1Mb / 26P
[Old version datasheet]   80V, 600 mA Constant On-Time Buck Switching Regulator
LM5006 TI1-LM5006_14 Datasheet
850Kb / 25P
[Old version datasheet]   80V, 600 mA Constant On-Time Buck Switching Regulator
LM5006 TI-LM5006_15 Datasheet
1Mb / 27P
[Old version datasheet]   LM5006 80V, 600 mA Constant On-Time Buck Switching Regulator
LM34923 TI1-LM34923 Datasheet
1Mb / 26P
[Old version datasheet]   80-V 600-mA Constant On-Time Buck Switching Regulator
LM5008A TI1-LM5008A_14 Datasheet
1Mb / 22P
[Old version datasheet]   350 mA Constant On-Time Buck Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com