Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMZ31506RUQR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LMZ31506RUQR
Description  6A SIMPLE SWITCHER Power Module with 2.95V-14.5V Input and Current Sharing
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMZ31506RUQR Datasheet(HTML) 10 Page - Texas Instruments

Back Button LMZ31506RUQR Datasheet HTML 6Page - Texas Instruments LMZ31506RUQR Datasheet HTML 7Page - Texas Instruments LMZ31506RUQR Datasheet HTML 8Page - Texas Instruments LMZ31506RUQR Datasheet HTML 9Page - Texas Instruments LMZ31506RUQR Datasheet HTML 10Page - Texas Instruments LMZ31506RUQR Datasheet HTML 11Page - Texas Instruments LMZ31506RUQR Datasheet HTML 12Page - Texas Instruments LMZ31506RUQR Datasheet HTML 13Page - Texas Instruments LMZ31506RUQR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
20
30
40
50
60
70
80
90
0
1
2
3
4
5
6
Output Current (A)
100 LFM
Natural Convection
VOUT = 5.0 V
G000
1000
10000
100000
400000
−40
−30
−20
−10
0
10
20
30
40
−120
−90
−60
−30
0
30
60
90
120
Frequency (Hz)
Gain
Phase
G000
0
0.5
1
1.5
2
2.5
3
3.5
0
1
2
3
4
5
6
Output Current (A)
VOUT = 5.0 V,fSW = 780 kHz
VOUT = 3.3 V,fSW = 630 kHz
VOUT = 2.5 V,fSW = 480 kHz
VOUT = 1.8 V,fSW = 480 kHz
VOUT = 1.2 V,fSW = 480 kHz
VOUT = 0.8 V,fSW = 480 kHz
G000
20
30
40
50
60
70
80
90
0
1
2
3
4
5
6
Output Current (A)
Natural Convection
VOUT< 5.0 V
G000
40
45
50
55
60
65
70
75
80
85
90
95
100
0
1
2
3
4
5
6
Output Current (A)
VOUT = 5.0 V,fSW = 780 kHz
VOUT = 3.3 V,fSW = 630 kHz
VOUT = 2.5 V,fSW = 480 kHz
VOUT = 1.8 V,fSW = 480 kHz
VOUT = 1.2V, fSW = 480 kHz
VOUT = 0.8V, fSW = 330 kHz
G000
0
10
20
30
40
50
60
70
80
90
0
1
2
3
4
5
6
Output Current (A)
VOUT = 5.0 V,fSW = 780 kHz
VOUT = 3.3 V,fSW = 630 kHz
VOUT = 2.5 V,fSW = 480 kHz
VOUT = 1.8 V,fSW = 480 kHz
VOUT = 1.2 V,fSW = 480 kHz
VOUT = 0.8 V,fSW = 480 kHz
G000
LMZ31506
SNVS993 – JUNE 2013
www.ti.com
TYPICAL CHARACTERISTICS (PVIN = 12 V, VIN = 5 V) (1) (2)
Figure 11. Efficiency vs. Output Current
Figure 12. Voltage Ripple vs. Output Current
Figure 13. Power Dissipation vs. Output Current
Figure 14. Safe Operating Area
Figure 15. Safe Operating Area
Figure 16. VOUT= 2.5 V, IOUT= 6 A, COUT1= 200 µF ceramic,
fSW= 480 kHz
(1)
The electrical characteristic data has been developed from actual products tested at 25°C. This data is considered typical for the
converter. Applies to Figure 11, Figure 12, and Figure 13.
(2)
The temperature derating curves represent the conditions at which internal components are at or below the manufacturer's maximum
operating temperatures. Derating limits apply to devices soldered directly to a 100 mm × 100 mm double-sided PCB with 1 oz. copper.
Applies to Figure 14 and Figure 15.
10
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: LMZ31506


Similar Part No. - LMZ31506RUQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMZ31506RUQR TI1-LMZ31506RUQR Datasheet
973Kb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER짰 Power Module with 2.95V-14.5V Input and Current Sharing in QFN Package
More results

Similar Description - LMZ31506RUQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMZ31506 TI-LMZ31506_15 Datasheet
1Mb / 35P
[Old version datasheet]   6A SIMPLE SWITCHER짰 Power Module with 2.95V-14.5V Input and Current Sharing in QFN Package
LMZ31506 TI1-LMZ31506 Datasheet
973Kb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER짰 Power Module with 2.95V-14.5V Input and Current Sharing in QFN Package
LMZ31704 TI-LMZ31704_15 Datasheet
910Kb / 33P
[Old version datasheet]   4A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing
LMZ31506H TI1-LMZ31506H Datasheet
1Mb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 4.5V-14.5V Input in QFN Package
LMZ31506H TI1-LMZ31506H Datasheet
1Mb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 4.5V-14.5V Input in QFN Package
LMZ30606 TI1-LMZ30606 Datasheet
827Kb / 25P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
LMZ30606 TI1-LMZ30606 Datasheet
978Kb / 25P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
LMZ31704 TI1-LMZ31704_14 Datasheet
970Kb / 34P
[Old version datasheet]   4A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing in QFN Package
LMZ31707 TI-LMZ31707_15 Datasheet
912Kb / 33P
[Old version datasheet]   7A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing in QFN Package
LMZ31704 TI1-LMZ31704 Datasheet
961Kb / 33P
[Old version datasheet]   4A SIMPLE SWITCHER짰 Power Module with 2.95V-17V Input and Current Sharing in QFN Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com