Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPI1000L Datasheet(PDF) 4 Page - Bedford Opto Technology Ltd.

Part # OPI1000L
Description  Optically Coupled Isolators Surface Mount Low Profile
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOT [Bedford Opto Technology Ltd.]
Direct Link  http://www.bot.co.uk
Logo BOT - Bedford Opto Technology Ltd.

OPI1000L Datasheet(HTML) 4 Page - Bedford Opto Technology Ltd.

  OPI1000L_12 Datasheet HTML 1Page - Bedford Opto Technology Ltd. OPI1000L_12 Datasheet HTML 2Page - Bedford Opto Technology Ltd. OPI1000L_12 Datasheet HTML 3Page - Bedford Opto Technology Ltd. OPI1000L_12 Datasheet HTML 4Page - Bedford Opto Technology Ltd. OPI1000L_12 Datasheet HTML 5Page - Bedford Opto Technology Ltd. OPI1000L_12 Datasheet HTML 6Page - Bedford Opto Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
TEST
CONDITIONS
INPUT DIODE
Forward Voltage
VF
-
-
1.3
V
If = 20mA
Reverse Voltage
VR
5.0
-
-
V
Ir = 100uA
OUTPUT TRANSISTOR
Collector-Emitter Breakdown Volt-
age
BVceo
35
-
-
V
Ic = 10 uA
Collector-Emitter Leakage
Current
Iceo
OPI1000lE
OPI1000lA
to D
-
-
10
100
nA
nA
Vce = 30 V
Vce = 10 V
Emitter-Collector Breakdown
BVeco
5.0
-
-
V
Ie = 100uA
COUPLED PAIR
DC Current Transfer Ratio
IC/IF
OPI 1000L A
-
25
-
-
%
If = 10 mA
Vce = 5 V
OPI 1000L B
-
50
-
-
%
If = 10 mA
Vce = 5 V
OPI 1000L C
-
100
-
-
%
If = 10 mA
Vce = 5 V
OPI 1000L E
-
40
-
-
%
If = 1mA
Vce = 5 V
Isolation Voltage
VISO
10
-
-
KV
-
Collector-emitter saturation Voltage
VCE(SAT)
-
-
0.4
V
If = 10 mA,
Ic=1.6mA
Turn-on time
t on
-
8
-
uS
Ic=2mA
Turn-off time
t off
-
8
-
uS
Vcc = 5V
RL = 100ohm
OPTO ELECTRONIC DATA (TA = 25
OC)
BEDFORD OPTO TECHNOLOGY LTD
1,BIGGAR BUSINESS PARK, BIGGAR, LANARKSHIRE, ML12 6FX
Tel: +44 (0) 1899 221221 Fax: +44 (0) 1899 221009
Website: bot.co.uk E-mail: bill@bot.co.uk
OPI 1000L Series
Pb
These
components
are RoHS
compliant
Iss P 20.10.12
4/6


Similar Part No. - OPI1000L_12

ManufacturerPart #DatasheetDescription
logo
Bedford Opto Technology...
OPI1000LA BOT-OPI1000LA Datasheet
274Kb / 4P
   Optically Coupled Isolators Surface Mount Low Profile
OPI1000LB BOT-OPI1000LB Datasheet
274Kb / 4P
   Optically Coupled Isolators Surface Mount Low Profile
OPI1000LC BOT-OPI1000LC Datasheet
274Kb / 4P
   Optically Coupled Isolators Surface Mount Low Profile
OPI1000LE BOT-OPI1000LE Datasheet
274Kb / 4P
   Optically Coupled Isolators Surface Mount Low Profile
More results

Similar Description - OPI1000L_12

ManufacturerPart #DatasheetDescription
logo
Bedford Opto Technology...
OPI1000L BOT-OPI1000L Datasheet
274Kb / 4P
   Optically Coupled Isolators Surface Mount Low Profile
logo
OPTEK Technologies
OPI1264 OPTEK-OPI1264 Datasheet
248Kb / 2P
   OPTICALLY COUPLED ISOLATORS
OPI2150 OPTEK-OPI2150 Datasheet
99Kb / 2P
   OPTICALLY COUPLED ISOLATORS
OPI3153 OPTEK-OPI3153 Datasheet
88Kb / 2P
   OPTICALLY COUPLED ISOLATORS
OPL7320 OPTEK-OPL7320 Datasheet
260Kb / 2P
   Optically Coupled Isolators
OPI3151 OPTEK-OPI3151 Datasheet
87Kb / 2P
   Optically Coupled Isolators
OPI2151 OPTEK-OPI2151 Datasheet
98Kb / 2P
   OPTICALLY COUPLED ISOLATORS
OPI3152 OPTEK-OPI3152 Datasheet
88Kb / 2P
   OPTICALLY COUPLED ISOLATORS
logo
List of Unclassifed Man...
CNG35 ETC-CNG35 Datasheet
513Kb / 3P
   OPTICALLY COUPLED ISOLATORS
logo
OPTEK Technologies
OPI102 OPTEK-OPI102 Datasheet
82Kb / 2P
   OPTICALLY COUPLED ISOLATORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com