Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T89C51RD2-3CVI-L Datasheet(PDF) 9 Page - ATMEL Corporation

Part # T89C51RD2-3CVI-L
Description  0 to 40MHz Flash Programmable 8-bit Microcontroller
Download  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51RD2-3CVI-L Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button T89C51RD2-3CVI-L Datasheet HTML 5Page - ATMEL Corporation T89C51RD2-3CVI-L Datasheet HTML 6Page - ATMEL Corporation T89C51RD2-3CVI-L Datasheet HTML 7Page - ATMEL Corporation T89C51RD2-3CVI-L Datasheet HTML 8Page - ATMEL Corporation T89C51RD2-3CVI-L Datasheet HTML 9Page - ATMEL Corporation T89C51RD2-3CVI-L Datasheet HTML 10Page - ATMEL Corporation T89C51RD2-3CVI-L Datasheet HTML 11Page - ATMEL Corporation T89C51RD2-3CVI-L Datasheet HTML 12Page - ATMEL Corporation T89C51RD2-3CVI-L Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 86 page
background image
Rev. F - 15 February, 2001
9
T89C51RD2
5.1. Pin Description for 64/68 pin Packages
Port 4 and Port 5 are 8-bit bidirectional I/O ports with internal pull-ups. Pins that have 1 written to them are pulled
high by the internal pull ups and can be used as inputs.
As inputs, pins that are externally pulled low will source current because of the internal pull-ups.
Refer to the previous pin description for other pins.
PLCC68
SQUARE
VQFP64 1.4
VSS
51, 18
9/40
VCC
17
8
P0.0
15
6
P0.1
14
5
P0.2
12
3
P0.3
11
2
P0.4
9
64
P0.5
6
61
P0.6
5
60
P0.7
3
59
P1.0
19
10
P1.1
21
12
P1.2
22
13
P1.3
23
14
P1.4
25
16
P1.5
27
18
P1.6
28
19
P1.7
29
20
P2.0
54
43
P2.1
55
44
P2.2
56
45
P2.3
58
47
P2.4
59
48
P2.5
61
50
P2.6
64
53
P2.7
65
54
P3.0
34
25
P3.1
39
28
P3.2
40
29
P3.3
41
30
P3.4
42
31
P3.5
43
32
P3.6
45
34
P3.7
47
36
RESET
30
21
ALE/PROG
68
56
PSEN
67
55
EA
2
58
XTAL1
49
38
XTAL2
48
37
P4.0
20
11
P4.1
24
15
P4.2
26
17
P4.3
44
33
P4.4
46
35
P4.5
50
39
P4.6
53
42
P4.7
57
46
P5.0
60
49
P5.1
62
51
P5.2
63
52
P5.3
7
62
P5.4
8
63
P5.5
10
1
P5.6
13
4
P5.7
16
7


Similar Part No. - T89C51RD2-3CVI-L

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T89C51RD2-3CSCL ATMEL-T89C51RD2-3CSCL Datasheet
1Mb / 104P
   0 to 40 MHz Flash Programmable 8-bit Microcontroller
T89C51RD2-3CSCM ATMEL-T89C51RD2-3CSCM Datasheet
1Mb / 104P
   0 to 40 MHz Flash Programmable 8-bit Microcontroller
T89C51RD2-3CSIL ATMEL-T89C51RD2-3CSIL Datasheet
1Mb / 104P
   0 to 40 MHz Flash Programmable 8-bit Microcontroller
T89C51RD2-3CSIM ATMEL-T89C51RD2-3CSIM Datasheet
1Mb / 104P
   0 to 40 MHz Flash Programmable 8-bit Microcontroller
More results

Similar Description - T89C51RD2-3CVI-L

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T89C51RD2 ATMEL-T89C51RD2_03 Datasheet
1Mb / 104P
   0 to 40 MHz Flash Programmable 8-bit Microcontroller
logo
TEMIC Semiconductors
TSC87C51 TEMIC-TSC87C51 Datasheet
170Kb / 22P
   CMOS 0 to 25 MHz Programmable 8-bit Microcontroller
TSC87C51 TEMIC-TSC87C51 Datasheet
157Kb / 23P
   CMOS 0 to 33 MHz Programmable 8-bit Microcontroller
TSC87C52 TEMIC-TSC87C52 Datasheet
184Kb / 24P
   CMOS 0 to 33 MHz Programmable 8-bit Microcontroller
logo
ATMEL Corporation
ATMEGA329 ATMEL-ATMEGA329_07 Datasheet
6Mb / 392P
   8-bit Microcontroller with In-System Programmable Flash
ATMEGA329V_0611 ATMEL-ATMEGA329V_0611 Datasheet
3Mb / 375P
   8-bit Microcontroller with In-System Programmable Flash
ATMEGA325 ATMEL-ATMEGA325_07 Datasheet
780Kb / 29P
   8-bit Microcontroller with In-System Programmable Flash
ATMEGA329_071 ATMEL-ATMEGA329_071 Datasheet
783Kb / 29P
   8-bit Microcontroller with In-System Programmable Flash
ATMEGA325_0611 ATMEL-ATMEGA325_0611 Datasheet
3Mb / 353P
   8-bit Microcontroller with In-System Programmable Flash
ATMEGA325 ATMEL-ATMEGA325 Datasheet
2Mb / 347P
   8-bit Microcontroller with In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com