Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL-314J-500E Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-314J-500E
Description  0.4 Amp Output Current IGBT Gate Drive Optocoupler
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-314J-500E Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  HCPL-314J-500E Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCPL-314J-500E Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-314J-500E Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-314J-500E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-314J-500E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-314J-500E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-314J-500E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-314J-500E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-314J-500E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4
0
0
TS – CASE TEMPERATURE – °C
200
600
400
25
HCPL-J314
800
50
75 100
200
150 175
PS (mW)
125
100
300
500
700
IS (mA)
IEC/EN/DIN EN 60747-5-2 Insulation Characteristics
Description
Symbol
Characteristic
Unit
InstallationclassificationperDINVDE0110/1.89,Table1
forratedmainsvoltage≤150Vrms
forratedmainsvoltage≤300Vrms
forratedmainsvoltage≤600Vrms
I-IV
I-IV
I-III
ClimaticClassification
55/100/21
PollutionDegree(DINVDE0110/1.89)
2
MaximumWorkingInsulationVoltage
VIORM
891
Vpeak
InputtoOutputTestVoltage,Methodb*
VIORMx1.875=VPR,100%ProductionTestwith
tm=1sec,Partialdischarge<5pC
VPR
1670
Vpeak
InputtoOutputTestVoltage,Methoda*
VIORMx1.5=VPR,TypeandSampleTest,
tm=60sec,Partialdischarge<5pC
VPR
1336
Vpeak
HighestAllowableOvervoltage
(TransientOvervoltagetini=10sec)
VIOTM
6000
Vpeak
Safety-limitingvalues
-maximumvaluesallowedintheeventofafailure.
CaseTemperature
InputCurrent**
OutputPower**
TS
IS,INPUT
PS,OUTPUT
175
400
1200
°C
mA
mW
InsulationResistanceatTS,VIO=500V
RS
>109
* RefertotheoptocouplersectionoftheIsolationandControlComponentsDesigner’sCatalog,underProductSafetyRegulationssection, IEC/
EN/DINEN60747-5-2,foradetaileddescriptionofMethodaandMethodbpartialdischargetestprofiles.
** RefertothefollowingfigurefordependenceofPSandISonambienttemperature.


Similar Part No. - HCPL-314J-500E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-314J-500E AVAGO-HCPL-314J-500E Datasheet
212Kb / 14P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
More results

Similar Description - HCPL-314J-500E

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-314J HP-HCPL-314J Datasheet
420Kb / 16P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J314 HP-HCPL-J314 Datasheet
418Kb / 17P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-314J AVAGO-HCPL-314J_11 Datasheet
212Kb / 14P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J-500E AVAGO-HCPL-314J-500E Datasheet
212Kb / 14P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-0314-000E AVAGO-HCPL-0314-000E Datasheet
424Kb / 16P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-0302-500 AVAGO-HCPL-0302-500 Datasheet
227Kb / 15P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-T251-500E AVAGO-HCPL-T251-500E Datasheet
259Kb / 6P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3140-000E AVAGO-HCPL-3140-000E Datasheet
424Kb / 16P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3020-500E AVAGO-HCPL-3020-500E Datasheet
227Kb / 15P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-0302 AVAGO-HCPL-0302 Datasheet
227Kb / 15P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J AVAGO-HCPL-314J Datasheet
287Kb / 15P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com