Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF0704BA03163S Datasheet(PDF) 2 Page - API Technologies Corp

Part # SF0704BA03163S
Description  704 MHz SAW Filter 26 MHz Bandwidth
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

SF0704BA03163S Datasheet(HTML) 2 Page - API Technologies Corp

  SF0704BA03163S Datasheet HTML 1Page - API Technologies Corp SF0704BA03163S Datasheet HTML 2Page - API Technologies Corp SF0704BA03163S Datasheet HTML 3Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
704 MHz SAW Filter
26 MHz Bandwidth
Part Number SF0704BA03163S
Spectrum Microwave
400 Nickerson Road, Marlborough, MA 01752, USA
• Phone 1-508-251-6400 • Fax 1-508-251-6401
www.SpectrumMicrowave.com
DSSF0704BA03163S Rev A
30-Mar-2010
ECN 36650
Page 2 of 3
SPECIFICATION
Parameter
Min
Typ
Max
Units
Nominal Center Frequency FC
-
704
-
MHz
Passband
591
-
730
MHz
Maximum Insertion Loss over the Passband
-
4.0
4.2
dB
Absolute Delay
-
30
-
ns
Rejection (0.3 to 629 MHz)
1
40
52
-
dB
Rejection (629 to 678 MHz)
1
10
20
-
dB
Rejection (730 to 779 MHz)
1
10
15
-
dB
Rejection (779 to 1004 MHz)
1
40
52
-
dB
Rejection (1004 to 1154 MHz)
1
50
55
-
dB
Amplitude Variation over the Passband
-
1.6
1.7
dB p-p
Group Delay Ripple in Passband
-
15
100
ns p-p
Source/Load Impedance
50
ohms
Temperature Coefficient of Frequency, Tc
2
-
-70
-
ppm/˚C
Ambient Temperature (Tref)
-
23
-
˚C
Notes:
1. Absolute level
2. Typical shift of filter frequency response with temperature is ∆f = (T-Tref)*Tc*Fc.
MAXIMUM RATINGS
Parameter
Min
Max
Units
Storage Temperature Range
-45
85
˚C
Operating Temperature Range
-20
55
˚C
Input Power Level
-
10
dBm
MATCHING CIRCUIT
Notes:
50 ohm single ended operation.
Matching components are not required.


Similar Part No. - SF0704BA03163S

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
SF0730BA03164S APITECH-SF0730BA03164S Datasheet
141Kb / 3P
   730 MHz SAW Filter 26 MHz Bandwidth
SF0755BA03158S APITECH-SF0755BA03158S Datasheet
141Kb / 3P
   755 MHz SAW Filter 26 MHz Bandwidth
More results

Similar Description - SF0704BA03163S

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA1360A TAI-SAW-TA1360A Datasheet
439Kb / 6P
   SAW Filter 704 MHz
logo
API Technologies Corp
SF0678BA03157S APITECH-SF0678BA03157S Datasheet
141Kb / 3P
   678 MHz SAW Filter 26 MHz Bandwidth
logo
Spectrum Microwave, Inc...
SF0678BA03157S SPECTRUM-SF0678BA03157S Datasheet
141Kb / 3P
   678 MHz SAW Filter 26 MHz Bandwidth
SF0601BA03160S SPECTRUM-SF0601BA03160S Datasheet
133Kb / 3P
   601 MHz SAW Filter 26 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0915BA02501S ICST-SF0915BA02501S Datasheet
65Kb / 2P
   915 MHz SAW Filter 26 MHz Bandwidth
SF0915BA02502S ICST-SF0915BA02502S Datasheet
77Kb / 3P
   915 MHz SAW Filter 26 MHz Bandwidth
logo
API Technologies Corp
SF0627BA03161S APITECH-SF0627BA03161S Datasheet
141Kb / 3P
   627 MHz SAW Filter 26 MHz Bandwidth
logo
Spectrum Microwave, Inc...
SF0915BA02531S SPECTRUM-SF0915BA02531S Datasheet
124Kb / 3P
   915 MHz SAW Filter 26 MHz Bandwidth
logo
API Technologies Corp
SF0915BA02531S APITECH-SF0915BA02531S Datasheet
124Kb / 3P
   915 MHz SAW Filter 26 MHz Bandwidth
SF0730BA03164S APITECH-SF0730BA03164S Datasheet
141Kb / 3P
   730 MHz SAW Filter 26 MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com