Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA0508KRNPO9BB473 Datasheet(PDF) 4 Page - YAGEO Corporation

Part # CA0508KRNPO9BB473
Description  SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

CA0508KRNPO9BB473 Datasheet(HTML) 4 Page - YAGEO Corporation

  CA0508KRNPO9BB473 Datasheet HTML 1Page - YAGEO Corporation CA0508KRNPO9BB473 Datasheet HTML 2Page - YAGEO Corporation CA0508KRNPO9BB473 Datasheet HTML 3Page - YAGEO Corporation CA0508KRNPO9BB473 Datasheet HTML 4Page - YAGEO Corporation CA0508KRNPO9BB473 Datasheet HTML 5Page - YAGEO Corporation CA0508KRNPO9BB473 Datasheet HTML 6Page - YAGEO Corporation CA0508KRNPO9BB473 Datasheet HTML 7Page - YAGEO Corporation CA0508KRNPO9BB473 Datasheet HTML 8Page - YAGEO Corporation CA0508KRNPO9BB473 Datasheet HTML 9Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
www.yageo.com
Feb 05, 2010 V.1
Surface-Mount Ceramic Multilayer Capacitors
4
17
Product specification
4C-Array
NP0/X7R/Y5V
16 V to 50 V
CONSTRUCTION
The capacitor consists of a rectangular
block of ceramic dielectric in which
a number of interleaved metal
electrodes are contained. This
structure gives rise to a high
capacitance per unit volume.
The inner electrodes are connected
to the two end terminations and
finally covered with a layer of
plated tin (NiSn).
The terminations are lead-free.
An outline of the structure is
shown in Fig.1.
CCA833
Fig. 1 Simplified outline
O
OU
UT
TL
LIIN
NE
ES
S
L
P
A
B
W
T
HBK092
For dimensions see Table 1
Fig. 2 Surface mounted multilayer ceramic capacitor dimension
DIMENSIONS
TYPE
0508
(4 X 0402)
0612
(4 X 0603)
L (mm)
2.0 ±0.15
3.2 ±0.15
W (mm)
1.25 ±0.15
1.60 ±0.15
Tmin. (mm)
0.50
0.70
Tmax. (mm)
0.70
0.90
A (mm)
0.28 ±0.10
0.4 ±0.10
B (mm)
0.2 ±0.10
0.3 ±0.20
P (mm)
0.5 ±0.10
0.8 ±0.10
Table 1


Similar Part No. - CA0508KRNPO9BB473

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
CA0508KRNPO9BB121 YAGEO-CA0508KRNPO9BB121 Datasheet
985Kb / 17P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
More results

Similar Description - CA0508KRNPO9BB473

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
1489800 YAGEO-1489800 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206JRNPOBBN100 YAGEO-CC1206JRNPOBBN100 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB332 YAGEO-CC0402KRX7R9BB332 Datasheet
518Kb / 21P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB221 YAGEO-CC0402KRX7R9BB221 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402JRNPO9BN330 YAGEO-CC0402JRNPO9BN330 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603KRX7R9BB332 YAGEO-CC0603KRX7R9BB332 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0805KRX7R0BB102 YAGEO-CC0805KRX7R0BB102 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0201BRNPO7BN121 YAGEO-CC0201BRNPO7BN121 Datasheet
1Mb / 14P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CA0508JRNPO7BN121 YAGEO-CA0508JRNPO7BN121 Datasheet
985Kb / 17P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603CRNPO9BN1R0 YAGEO-CC0603CRNPO9BN1R0 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206KRX7RABB103 YAGEO-CC1206KRX7RABB103 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com