Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDB330-1 Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

Part # SDB330-1
Description  30V, 3A SCHOTTKY BARRIER RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SDB330-1 Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  SDB330-1 Datasheet HTML 1Page - KODENSHI_AUK CORP. SDB330-1 Datasheet HTML 2Page - KODENSHI_AUK CORP. SDB330-1 Datasheet HTML 3Page - KODENSHI_AUK CORP. SDB330-1 Datasheet HTML 4Page - KODENSHI_AUK CORP. SDB330-1 Datasheet HTML 5Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
KSD-D6A005-002
1
SDB330
Schottky Barrier Rectifier
TO-252
30V, 3A SCHOTTKY BARRIER RECTIFIER
Features
Low forward voltage drop
Low power loss and High efficiency
Low leakage current
High surge capability
Full lead (Pb)-free and RoHS compliant device
Applications
High efficiency SMPS
Output rectification
High frequency switching
Freewheeling
DC-DC converter systems
Description
The SDB330 is suited for Switch Mode Power Supply and high frequency DC to DC converters.
This device is especially intended for use in low voltage, high frequency inverters, freewheeling and
polarity protection applications.
Ordering Information
Device
Marking Code
Package
Packaging
SDB330
3A30
SOD-106
Tape & Reel
Marking Information
3A30 = Specific Device Code
YWW = Year & Week Code Marking
-. Y = Year Code
-. WW = Week Code
= Color band denote cathode
SOD-106
Pin Configuration
Pin 1: Cathode
Pin 2: Anode
2
1
2
1


Similar Part No. - SDB330-1

ManufacturerPart #DatasheetDescription
logo
AUK corp
SDB330 AUK-SDB330 Datasheet
195Kb / 4P
   Schottky Barrier Diode
logo
KODENSHI_AUK CORP.
SDB330 KODENSHI-SDB330 Datasheet
258Kb / 5P
   30V, 3A SCHOTTKY BARRIER RECTIFIER
logo
AUK corp
SDB330B AUK-SDB330B Datasheet
279Kb / 3P
   Schottky Barrier Diode
logo
KODENSHI_AUK CORP.
SDB330B KODENSHI-SDB330B Datasheet
270Kb / 5P
   30V, 3A SCHOTTKY BARRIER RECTIFIER
SDB330B KODENSHI-SDB330B Datasheet
270Kb / 5P
   30V, 3A SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SDB330-1

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SDB330 KODENSHI-SDB330 Datasheet
258Kb / 5P
   30V, 3A SCHOTTKY BARRIER RECTIFIER
SDB330B-1 KODENSHI-SDB330B-1 Datasheet
270Kb / 5P
   30V, 3A SCHOTTKY BARRIER RECTIFIER
SDB330B KODENSHI-SDB330B Datasheet
270Kb / 5P
   30V, 3A SCHOTTKY BARRIER RECTIFIER
logo
Torex Semiconductor
XBS303V17 TOREX-XBS303V17_12 Datasheet
103Kb / 3P
   Schottky Barrier Diode, 3A, 30V Type
XBS303V17-12 TOREX-XBS303V17-12 Datasheet
103Kb / 3P
   Schottky Barrier Diode, 3A, 30V Type
XBS303V17 TOREX-XBS303V17 Datasheet
80Kb / 3P
   Schottky Barrier Diode, 3A, 30V Type
XBS303V19R-12 TOREX-XBS303V19R-12 Datasheet
110Kb / 4P
   Schottky Barrier Diode, 3A, 30V Type
XBS303V19R TOREX-XBS303V19R_12 Datasheet
110Kb / 4P
   Schottky Barrier Diode, 3A, 30V Type
logo
Diodes Incorporated
PDS340Q DIODES-PDS340Q Datasheet
405Kb / 5P
   3A SCHOTTKY BARRIER RECTIFIER
logo
Unisonic Technologies
SB3U40 UTC-SB3U40 Datasheet
119Kb / 3P
   3A SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com