Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDB1545PH-1 Datasheet(PDF) 5 Page - KODENSHI_AUK CORP.

Part # SDB1545PH-1
Description  45V, 15A POWER SCHOTTKY RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SDB1545PH-1 Datasheet(HTML) 5 Page - KODENSHI_AUK CORP.

  SDB1545PH-1 Datasheet HTML 1Page - KODENSHI_AUK CORP. SDB1545PH-1 Datasheet HTML 2Page - KODENSHI_AUK CORP. SDB1545PH-1 Datasheet HTML 3Page - KODENSHI_AUK CORP. SDB1545PH-1 Datasheet HTML 4Page - KODENSHI_AUK CORP. SDB1545PH-1 Datasheet HTML 5Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
KSD-D0Q032-002
5
The AUK Corp. products are intended for the use as components in general electronic
equipment (Office and communication equipment, measuring equipment, home
appliance, etc.).
Please make sure that you consult with us before you use these AUK Corp. products
in equipments which require high quality and / or reliability, and in equipments which
could have major impact to the welfare of human life(atomic energy control, airplane,
spaceship, transportation, combustion control, all types of safety device, etc.). AUK
Corp. cannot accept liability to any damage which may occur in case these AUK Corp.
products were used in the mentioned equipments without prior consultation with AUK
Corp..
Specifications mentioned in this publication are subject to change without notice.
SDB1545PH


Similar Part No. - SDB1545PH-1

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SDB1545PH KODENSHI-SDB1545PH Datasheet
284Kb / 5P
   45V, 15A POWER SCHOTTKY RECTIFIER
More results

Similar Description - SDB1545PH-1

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SDB1545PH KODENSHI-SDB1545PH Datasheet
284Kb / 5P
   45V, 15A POWER SCHOTTKY RECTIFIER
logo
PFC Device Inc.
P15L45SP PFC-P15L45SP Datasheet
726Kb / 5P
   15A 45V MOS Schottky Rectifier
logo
Taiwan Semiconductor Co...
TSPB15U45S TSC-TSPB15U45S Datasheet
218Kb / 4P
   15A, 45V Trench Schottky Rectifier
logo
PFC Device Inc.
PFC15V45R PFC-PFC15V45R Datasheet
578Kb / 5P
   15A 45V MOS Schottky Rectifier
logo
Taiwan Semiconductor Co...
TSUP15M45SH TSC-TSUP15M45SH Datasheet
432Kb / 5P
   15A, 45V Trench Schottky Rectifier
logo
PFC Device Inc.
PFS15L45 PFC-PFS15L45 Datasheet
561Kb / 5P
   15A 45V MOS Schottky Rectifier
logo
Shenzhen Luguang Electr...
SD15S45SL LUGUANG-SD15S45SL Datasheet
8Mb / 4P
   15A/45V Low VF Schottky Rectifier
SD15U45SL LUGUANG-SD15U45SL Datasheet
228Kb / 3P
   15A/45V Ultra Low VF Schottky Rectifier
SD15U45SL LUGUANG-SD15U45SL Datasheet
230Kb / 3P
   15A/45V Ultra Low VF Schottky Rectifier
logo
Thinki Semiconductor Co...
15SQ045 THINKISEMI-15SQ045 Datasheet
1Mb / 2P
   15A,45V PhotoVoltaic Bypass Schottky Barrier Rectifier Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com