Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDB5200PH Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

Part # SDB5200PH
Description  DUAL COMMON CATHODE SCHOTTKY RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SDB5200PH Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  SDB5200PH Datasheet HTML 1Page - KODENSHI_AUK CORP. SDB5200PH Datasheet HTML 2Page - KODENSHI_AUK CORP. SDB5200PH Datasheet HTML 3Page - KODENSHI_AUK CORP. SDB5200PH Datasheet HTML 4Page - KODENSHI_AUK CORP. SDB5200PH Datasheet HTML 5Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
KSD-D0Q020-003
1
SDB5200PH
Schottky Barrier Rectifier
TO-220F-2L
DUAL COMMON CATHODE SCHOTTKY RECTIFIER
Features
 Low forward voltage drop
 Low power loss and High efficiency
 Low leakage current
 High surge capability
 Full lead (Pb)-free and RoHS compliant device
Applications
 Power supply - Output rectification
 Converter
 Free-wheeling diode
 Reverse battery protection
 Power inverters
Description
The SDB5200PH has two schottky barriers arranged in a common cathode configuration. Typical
applications are in switching power supplies, converters, free-wheeling diodes, and reverse battery
protection.
Ordering Information
Device
Marking Code
Package
Packaging
SDB5200PH
SDB5200PH
TO-220F-2L
Tube
Marking Information
Product Characteristics
IF(AV)
5A
VRRM
200V
VFM at 125℃
0.72V (Typ.)
IFSM
120A
AUK = Manufacture Logo
∆ = Control Code of Manufacture
YMDD = Date Code Marking
-. Y = Year Code
-. M = Monthly Code
-. DD = Daily Code
SDB5200PH = Specific Device Code
Pin Configuration
Pin 1: Cathode
Pin 2: Anode


Similar Part No. - SDB5200PH

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SDB5200PH KODENSHI-SDB5200PH Datasheet
289Kb / 5P
   DUAL COMMON CATHODE SCHOTTKY RECTIFIER
More results

Similar Description - SDB5200PH

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
M6035P VISHAY-M6035P Datasheet
114Kb / 5P
   Dual Common-Cathode Schottky Rectifier
Revision: 21-Nov-12
MBR30H35PT VISHAY-MBR30H35PT Datasheet
104Kb / 4P
   Dual Common-Cathode Schottky Rectifier
Revision: 19-May-08
MBR1535CT VISHAY-MBR1535CT_07 Datasheet
505Kb / 5P
   Dual Common-Cathode Schottky Rectifier
Revision: 08-Nov-07
MBR3035CT VISHAY-MBR3035CT Datasheet
499Kb / 5P
   Dual Common-Cathode Schottky Rectifier
Revision: 08-Nov-07
SBL2030PT VISHAY-SBL2030PT Datasheet
383Kb / 4P
   Dual Common-Cathode Schottky Rectifier
Revision: 25-Mar-08
SBL3030PT VISHAY-SBL3030PT Datasheet
378Kb / 4P
   Dual Common-Cathode Schottky Rectifier
Revision: 25-Mar-08
logo
KODENSHI_AUK CORP.
SDB1060DI KODENSHI-SDB1060DI Datasheet
210Kb / 5P
   DUAL COMMON CATHODE SCHOTTKY RECTIFIER
SDB16200PI KODENSHI-SDB16200PI Datasheet
283Kb / 5P
   DUAL COMMON CATHODE SCHOTTKY RECTIFIER
logo
Vishay Siliconix
SBL2030PT VISHAY-SBL2030PT_10 Datasheet
84Kb / 4P
   Dual Common-Cathode Schottky Rectifier
Revision: 06-Aug-10
logo
KODENSHI_AUK CORP.
SDB10D150D2 KODENSHI-SDB10D150D2 Datasheet
211Kb / 5P
   DUAL COMMON CATHODE SCHOTTKY RECTIFIER
SDB3060PI KODENSHI-SDB3060PI Datasheet
284Kb / 5P
   DUAL COMMON CATHODE SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com