Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIC30 Datasheet(PDF) 2 Page - Boca Semiconductor Corporation

Part # TIC30
Description  General purpose Amplifier and Switching Applications
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOCA [Boca Semiconductor Corporation]
Direct Link  http://www.bocasemi.com
Logo BOCA - Boca Semiconductor Corporation

TIC30 Datasheet(HTML) 2 Page - Boca Semiconductor Corporation

  TIC30 Datasheet HTML 1Page - Boca Semiconductor Corporation TIC30 Datasheet HTML 2Page - Boca Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Continental Device India Limited
Data Sheet
Page 2 of 3
Emitter-base voltage (open collector)
VEBO
max.
5.0
V
Collector current
IC
max.
1.0
A
Collector current (Peak)
ICM
max.
3.0
A
Base current
IB
max.
0.4
A
Total power dissipation upto TC=25°C
Ptot
max.
30
W
Derate above 25°C
max.
0.24
W/°C
Total power dissipation upto TA=25°C
Ptot
max.
2
W
Derate above 25°C
max.
0.016
W/°C
Junction temperature
Tj
max.
150
°C
Storage temperature
Tstg
–65 to +150
ºC
THERMAL RESISTANCE
From junction to ambient
Rth j–a
62.5
°C/W
From junction to case
Rth j–c
4.167
°C/W
CHARACTERISTICS
Tamb = 25°C unless otherwise specified
29
29A 29B 29C
30
30A 30B 30C
Collector cutoff current
IB = 0; VCE = 30V
ICEO
max. 0.3 0.3
mA
IB = 0; VCE = 60V
ICEO
max. –
0.3
0.3
mA
VEB = 0; VCE = VCEO
ICES
max.
0.2
mA
Emitter cut-off current
IC = 0; VEB = 5 V
IEBO
max.
1.0
mA
Breakdown voltages
IC = 30 mA; IB = 0
VCEO(sus)* min. 40 60
80
100
V
IC = 1 mA; IE = 0
VCBO
min. 40
60
80
100
V
IE = 1 mA; IC = 0
VEBO
min.
5.0
V
Saturation voltages
IC = 1 A; IB = 125 mA
VCEsat*
max.
0.7
V
Base emitter on voltage
IC = 1 A; VCE = 4 V
VBE(on)* max.
1.3
V
D.C. current gain
IC = 0.2 A; VCE = 4 V
hFE*
min.
40
IC = 1 A; VCE = 4 V
hFE*
min.
15
max.
75
Small-signal current gain
IC = 0.2A; VCE = 10V; f = 1 KHz
hfe
min.
20
Transition frequency
IC = 0.2A; VCE = 10V; f = 1 MHz
fT (2)
min.
3
MHz
* Pulse test: pulse width
≤ 300 µs; duty cycle ≤ 2%.
(2) fT = |hfe|• ftest.
TIP29, TIP29A, TIP29B, TIP29C
TIP30, TIP30A, TIP30B, TIP30C
http://www.bocasemi.com
page: 2


Similar Part No. - TIC30

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TIC-1000A ETC2-TIC-1000A Datasheet
383Kb / 2P
   High Performance, Value Compound for High-End Computer Processors
TIC-4000 ETC2-TIC-4000 Datasheet
385Kb / 2P
   High Performance Thermal Interface Compound for Copper-Based Heat Sinks
TIC-650P ETC2-TIC-650P Datasheet
282Kb / 2P
   Electrically Insulating, High Performance,Thermally Conductive Phase Change Material
TIC-L019-16 ETC2-TIC-L019-16 Datasheet
1Mb / 2P
   RJ45 Integrated Connector
TIC-L065-16 ETC2-TIC-L065-16 Datasheet
1Mb / 2P
   RJ45 Integrated Connector
More results

Similar Description - TIC30

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
TIP31 BOCA-TIP31 Datasheet
25Kb / 2P
   General Purpose Amplifier and Switching Applications
TIP41 BOCA-TIP41 Datasheet
25Kb / 2P
   General Purpose Amplifier and Switching Applications
logo
Fairchild Semiconductor
KSE2955T FAIRCHILD-KSE2955T Datasheet
38Kb / 4P
   General Purpose and Switching Applications
KSE3055T FAIRCHILD-KSE3055T Datasheet
38Kb / 4P
   General Purpose and Switching Applications
MJE3055T FAIRCHILD-MJE3055T Datasheet
36Kb / 4P
   General Purpose and Switching Applications
MJE2955T FAIRCHILD-MJE2955T Datasheet
37Kb / 4P
   General Purpose and Switching Applications
KSE8355T FAIRCHILD-KSE8355T Datasheet
38Kb / 4P
   General Purpose and Switching Applications
logo
Toshiba Semiconductor
2SA1954 TOSHIBA-2SA1954 Datasheet
159Kb / 4P
   TRANSISTOR (GENERAL PURPOSE AMPLIFIER, SWITCHING AND MUTING SWITCH APPLICATIONS)
2SA1953 TOSHIBA-2SA1953_07 Datasheet
196Kb / 5P
   General Purpose Amplifier Applications Switching and Muting Switch Application
2SA1954 TOSHIBA-2SA1954_07 Datasheet
234Kb / 5P
   General Purpose Amplifier Applications Switching and Muting Switch Application
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com