Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10FC Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # 10FC
Description  BRITISH STYLE?밪EMICONDUCTOR PROTECTION FUSES
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

10FC Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  10FC Datasheet HTML 1Page - List of Unclassifed Manufacturers 10FC Datasheet HTML 2Page - List of Unclassifed Manufacturers 10FC Datasheet HTML 3Page - List of Unclassifed Manufacturers 10FC Datasheet HTML 4Page - List of Unclassifed Manufacturers 10FC Datasheet HTML 5Page - List of Unclassifed Manufacturers 10FC Datasheet HTML 6Page - List of Unclassifed Manufacturers 10FC Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
87
BRITISH STYLE–
SEMICONDUCTOR PROTECTION FUSES
DIMENSIONS in Millimeters
Type
A
B
C
D
E
F
G
H
FC
74.6
64.3
54.8
8.7
8.7
6.4
4
5.5
LCT
47
38
28
8.4
8.7
6.4
4
5.5
FE & ET
77
63.5
48
17.7
19.1
12.7
7.1
9.7
LET
56
41.8
26.2
17.7
19.1
12.7
7.1
9.7
FEE & EET
94
70
46
37
19
31.8
8.7
11.9
FM
113
80-85
50
38
41.5
25.4
10.3
14
LMT
84
59
31
38.1
41
25.4
10.3
13.5
FMM
113
80-85
50
83
38
25.4
10.3
14
LMMT
84
59
31
83
38
25.4
10.3
13.5
FC & LCT
FM & LMT
FMM & LMMT
FE, ET & LET
FEE & EET


Similar Part No. - 10FC

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
10F-10F++ MINI-10F-10F+ Datasheet
264Kb / 3P
   Adapter
REV. OR
10F-10M++ MINI-10F-10M+ Datasheet
289Kb / 3P
   Adapter
REV. OR
10F-185F++ MINI-10F-185F+ Datasheet
287Kb / 3P
   Adapter
REV. OR
10F-185M++ MINI-10F-185M+ Datasheet
288Kb / 3P
   Adapter
REV. OR
logo
NIHON DEMPA KOGYO
10F12A NDK-10F12A Datasheet
93Kb / 1P
   Unlike conventional crystal filters,
More results

Similar Description - 10FC

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
250FM COOPER-250FM Datasheet
797Kb / 9P
   British BS 88 Fuses
logo
List of Unclassifed Man...
6CT ETC-6CT Datasheet
53Kb / 2P
   British Style BS 88
7-18-01
logo
Cooper Bussmann, Inc.
6-700A COOPER-6-700A Datasheet
54Kb / 2P
   British Style BS 88
logo
Littelfuse
2CM250-400 LITTELFUSE-2CM250-400 Datasheet
416Kb / 1P
   British Dimension HRCII-C Fuses
logo
CamdenBoss Ltd.
CFB1362 CAMDENBOSS-CFB1362 Datasheet
502Kb / 1P
   6.3x25mm glass and British plug top fuses
logo
Cooper Bussmann, Inc.
6CT COOPER-6CT Datasheet
54Kb / 2P
   British Style BS 88 690V 6-700A
logo
List of Unclassifed Man...
A50P ETC2-A50P Datasheet
226Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
A50QS ETC2-A50QS Datasheet
483Kb / 4P
   SEMICONDUCTOR PROTECTION FUSES
A70P ETC2-A70P Datasheet
202Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
A70Q ETC2-A70Q Datasheet
190Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com