Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN991 Datasheet(PDF) 7 Page - Microchip Technology

Part # AN991
Description  A broad portfolio of high performance, best-in-class Serial Memory Products to meet all your design requirements.
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AN991 Datasheet(HTML) 7 Page - Microchip Technology

Back Button AN991 Datasheet HTML 3Page - Microchip Technology AN991 Datasheet HTML 4Page - Microchip Technology AN991 Datasheet HTML 5Page - Microchip Technology AN991 Datasheet HTML 6Page - Microchip Technology AN991 Datasheet HTML 7Page - Microchip Technology AN991 Datasheet HTML 8Page - Microchip Technology AN991 Datasheet HTML 9Page - Microchip Technology AN991 Datasheet HTML 10Page - Microchip Technology AN991 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Serial Memory Products
7
Flexibility and Low Cost Access
Quickly add EUI-48 to your networking application
and get to market faster
Buy code only when needed.
No added programming and serialization cost –
Reduce System Costs
Come with no volume restrictions.
Additional EEPROM to store configuration settings
Unique ID
Plug-and-Play Devices
EUI-48 address embedded in a 2K-bit Serial EEPROM
Quick and easy access to IEEE MAC addresses –
Read code directly off Serial EEPROM
Available in SPI, I2C and UNI/O bus
At least 1.5 Kb of Serial EEPROM memory
Available in SOIC and SOT-23 packages
Write-protected codes
EUI-48 and EUI-64 compatible
EUI-48: Networking, Ethernet, Wi-Fi (IEEE 802.11),
Bluetooth
EUI-64: ZigBee (IEEE802.15.4), MiWi™, FireWire, IPv6
EUI-48™/EUI-64™ MAC Address Chips
Need fast, easy and inexpensive access to MAC
addresses? Use pre-programmed MAC address chips
from Microchip. No serialization needed; unique ID.
EUI-48 Programmed Serial EEPROMs provide low cost and easy access
to IEEE MAC Addresses. These plug-and-play devices allow you to quickly
add a MAC address to your networking application eliminating the need for
programming and serialization on the MCU – helping you save cost and get
to market quicker. For more information visit: www.microchip.com/MAC
24AA02E48
100 KHz
I2C
25AA02E48
10 MHz
SPI
11AA02E48
100 KHz
UNI/O
More Speciality EEPROMs
I2C and SPI Serial EEPROMs with Optional Range from -55°C to +150°C
Automotive turbo chargers and exhaust gas recirculation
Automotive fan motors, air valves, flaps and spark plugs
Aerospace
Mining (certifications for use in explosive atmospheres available)
150oC
Partial Array Write-Protect I2C EEPROMs
Microchip’s family of partial array write-protect (WP) EEPROMs offers hardware write-protect capability for only a part of the
memory array. These I2C EEPROM devices are available from 1 Kb-64 Kbit.
32 & 64 Kbit
1/4 Array WP
1/2 Array WP
User data, real-time updates,
data that changes
1 Kbit-16 Kbit
Calibration parameters, unique ID,
data that never changes
Can be custom programmed in any memory density. Contact Microchip sales for more information.


Similar Part No. - AN991

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN991 STMICROELECTRONICS-AN991 Datasheet
48Kb / 3P
   The application has been developed to supply two 18W fluorescent lamps
More results

Similar Description - AN991

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
UX60-MB-5ST HIROSE-UX60-MB-5ST Datasheet
218Kb / 8P
   Meet requirements of USB 2.0
logo
National Semiconductor ...
AN-1192 NSC-AN-1192 Datasheet
548Kb / 21P
   broad portfolio of monolithic power integrated circuits covering power levels
logo
ams AG
KBDELPS2.D2 AMSCO-KBDELPS2.D2 Datasheet
1Mb / 25P
   The TOPLED E1608 expands ams-OSRAM’s low power portfolio to meet the requirements in the field of illumination of switches and buttons in automotive interior applications.
Version 1.1 2022-11-16
logo
MKS Instruments.
AA01A MKS-AA01A Datasheet
271Kb / 4P
   All products are specified in percent of Reading for best accuracy and improved process yield
logo
ATMEL Corporation
AT90USBKEY ATMEL-AT90USBKEY Datasheet
548Kb / 8P
   Atmel Crypto Products Portfolio
logo
List of Unclassifed Man...
GT-521S ETC2-GT-521S Datasheet
154Kb / 2P
   Bench unit performance in the palm of your hand.
logo
Renesas Technology Corp
M1004204 RENESAS-M1004204 Datasheet
1Mb / 52P
   High Performance Serial MRAM Memory
Feb.21.23
logo
OmniVision Technologies...
OH02A10 OMNIVISION-OH02A10 Datasheet
742Kb / 2P
   Best-In-Class Image Quality
logo
Bel Fuse Inc.
TET3200-12-069XA BEL-TET3200-12-069XA Datasheet
1Mb / 24P
   Best-in-class, Titanium efficiency
TET3000-12-069RA BEL-TET3000-12-069RA Datasheet
2Mb / 25P
   Best-in-class, Titanium efficiency
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com