Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCKNP01SJ0390A10 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MCKNP01SJ0390A10
Description  Wire Wound Fixed Resistors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MCKNP01SJ0390A10 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MCKNP01SJ0390A10 Datasheet HTML 1Page - List of Unclassifed Manufacturers MCKNP01SJ0390A10 Datasheet HTML 2Page - List of Unclassifed Manufacturers MCKNP01SJ0390A10 Datasheet HTML 3Page - List of Unclassifed Manufacturers MCKNP01SJ0390A10 Datasheet HTML 4Page - List of Unclassifed Manufacturers MCKNP01SJ0390A10 Datasheet HTML 5Page - List of Unclassifed Manufacturers MCKNP01SJ0390A10 Datasheet HTML 6Page - List of Unclassifed Manufacturers MCKNP01SJ0390A10 Datasheet HTML 7Page - List of Unclassifed Manufacturers MCKNP01SJ0390A10 Datasheet HTML 8Page - List of Unclassifed Manufacturers MCKNP01SJ0390A10 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Wire Wound Fixed Resistors
Page <1>
14/07/11 V1.1
www.element14.com
www.farnell.com
www.newark.com
Standard : 2%, 5% 10% - E 24 Series
1% - E 96 Series
Features:
• Colour coating is “green”
• Non-inductive type available
• Excellent flame resistance
• Too low or too high ohm value can be supplied on
a case to case basis
• Special fusing wire-wound resistors can be supplied
on a case to case basis
Performance Specifications:
Temperature coefficient
: < 20
Ω: ± 400 PPM / °C; ≥ 20 Ω: ± 300 PPM / °C.
Short time overload
: ± (2% + 0.05
Ω) maximum, with no evidence of mechanical damage.
Dielectric withstanding voltage
: No evidence flashover, mechanical damage, arcing or insulation breakdown.
Pulse overload
: ± (5% + 0.05
Ω) maximum, with no evidence of mechanical damage.
Terminal strength
: No evidence of mechanical damage.
Resistance to soldering heat
: ± (1% + 0.05
Ω) maximum, with no evidence of mechanical damage.
Solderability
: Minimum 95% coverage.
Temperature cycling
: ± (2% + 0.05
Ω) maximum, with no evidence of mechanical damage.
Load life in humidity
: ± (5% + 0.05
Ω) maximum, with no evidence of mechanical damage.
Load life
: ± (5% + 0.05
Ω) maximum, with no evidence of mechanical damage.
Non-flame
: No evidence of flaming or arcing.
Style
Power Rating
at 70°C
Dimension (mm)
Resistance
Range
Std
Packing
Qty
Part Number
D ±1
L±1
d ±0.05
H ±3
PT
Normal Size
MCKNP 50
1/2 W (0.5 W)
3.5
10
0.54
28
52
0.1
Ω to 39 Ω
1,000
MCKNP0W2
MCKNP 100
1 W
5
12
0.7
25
0.1
Ω to 50 Ω
MCKNP01W
MCKNP 200
2 W
5.5
16
28
64
0.1
Ω to 120 Ω
MCKNP02W
MCKNP 300
3 W
6.5
17.5
0.75
0.1
Ω to 200 Ω
MCKNP03W
Specification Table
Dimensions : Millimetres


Similar Part No. - MCKNP01SJ0390A10

ManufacturerPart #DatasheetDescription
logo
Altech corporation
MCK-1310 ALTECH-MCK-1310 Datasheet
1Mb / 27P
   PRINTED CIRCUIT BOARD TERMINAL BLOCKS
MCK-1311 ALTECH-MCK-1311 Datasheet
1Mb / 27P
   PRINTED CIRCUIT BOARD TERMINAL BLOCKS
MCK-1312 ALTECH-MCK-1312 Datasheet
1Mb / 27P
   PRINTED CIRCUIT BOARD TERMINAL BLOCKS
MCK-1313 ALTECH-MCK-1313 Datasheet
1Mb / 27P
   PRINTED CIRCUIT BOARD TERMINAL BLOCKS
MCK-1314 ALTECH-MCK-1314 Datasheet
1Mb / 27P
   PRINTED CIRCUIT BOARD TERMINAL BLOCKS
More results

Similar Description - MCKNP01SJ0390A10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KH15 ETC-KH15 Datasheet
954Kb / 2P
   NON-FLAMMABLE WIRE WOUND FIXED RESISTORS
KR80 ETC-KR80 Datasheet
897Kb / 2P
   NON-FLAMMABLE WIRE WOUND FIXED RESISTORS
logo
RFE international
KNP RFE-KNP Datasheet
1Mb / 3P
   Wire Wound Resistors
OCT-25-2023
logo
List of Unclassifed Man...
RW1S ETC-RW1S Datasheet
832Kb / 1P
   WIRE WOUND RESISTORS
logo
RFE international
SKN RFE-SKN Datasheet
971Kb / 3P
   Wire Wound Resistors
OCT-30-2023
logo
Dubilier
DWR01J75RT52 DUBILIER-DWR01J75RT52 Datasheet
326Kb / 2P
   Resistors Power Wire Wound Resistors
logo
RFE international
FKN RFE-FKN Datasheet
1Mb / 2P
   Fusible Wire Wound Resistors
19-JUN-2023
logo
List of Unclassifed Man...
GG102A ETC-GG102A Datasheet
598Kb / 1P
   PRECISION WIRE WOUND RESISTORS
logo
UNIOHM CORPORATION
RH-5W UNIOHM-RH-5W Datasheet
233Kb / 1P
   Aluminum Wire Wound Resistors
logo
List of Unclassifed Man...
5G10A ETC-5G10A Datasheet
557Kb / 1P
   PRECISION WIRE WOUND RESISTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com