Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCKNP02WJ0220A19 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MCKNP02WJ0220A19
Description  Wire Wound Fixed Resistors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MCKNP02WJ0220A19 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MCKNP02WJ0220A19 Datasheet HTML 1Page - List of Unclassifed Manufacturers MCKNP02WJ0220A19 Datasheet HTML 2Page - List of Unclassifed Manufacturers MCKNP02WJ0220A19 Datasheet HTML 3Page - List of Unclassifed Manufacturers MCKNP02WJ0220A19 Datasheet HTML 4Page - List of Unclassifed Manufacturers MCKNP02WJ0220A19 Datasheet HTML 5Page - List of Unclassifed Manufacturers MCKNP02WJ0220A19 Datasheet HTML 6Page - List of Unclassifed Manufacturers MCKNP02WJ0220A19 Datasheet HTML 7Page - List of Unclassifed Manufacturers MCKNP02WJ0220A19 Datasheet HTML 8Page - List of Unclassifed Manufacturers MCKNP02WJ0220A19 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Wire Wound Fixed Resistors
Page <2>
14/07/11 V1.1
www.element14.com
www.farnell.com
www.newark.com
Style
Power
Rating
at 70°C
Dimension (mm)
Resistance
Range
Std
Packing
Qty
Part
Number
D ±1
L±1
d ±0.05
H ±3
PT
Small Size
MCKNP 100-S
1 W
3.5
10
0.54
28
52
0.1
Ω to 39 Ω
1,000
MCKNP01S
MCKNP 200-S
2 W
5
12
0.7
25
0.1
Ω to 50 Ω
MCKNP02S
MCKNP 300-S
3 W
5.5
16
28
64
0.1
Ω to 120 Ω
MCKNP03S
MCKNP 500-S
5 W
6.5
17.5
0.75
0.1
Ω to 200 Ω
500
MCKNP05S
MCKNP 700-S
7 W
8.5
25
38
B/B
0.5
Ω to 470 Ω
1,000
MCKNP07S
MCKNP 1000-S
10 W
53
1
Ω to 1.5 KΩ
1,800
MCKNP0AS
Extra Small Size
MCKNP 300-SS
3 W
5.5
13.5
0.7
28
64
0.1
Ω to 50 KΩ
1,000
MCKNP03U
Specification Table
Dimensions : Millimetres
Derating Curve
Heat Rise Chart
Ambient Temperature (°C)
Rated Load (%)
Part Number Table
Description
Part Number
Resistor, Wire Wound, 0R25, 5%, 0.5W
MCKNP0W2J025KA10
Resistor, Wire Wound, 10R, 5%, 0.5W
MCKNP0W2J0100A10
Resistor, Wire Wound, 25R, 5%, 0.5W
MCKNP0W2J0250A10
Resistor, Wire Wound, 47R, 5%, 0.5W
MCKNP0W2J0470A10
Resistor, Wire Wound, 130R, 5%, 0.5W
MCKNP0W2J0131A10
Resistor, Wire Wound, 470R, 5%, 0.5W
MCKNP0W2J0471A10
Resistor, Wire Wound, 0R22, 5%, 1W
MCKNP01WJ022KA10
Resistor, Wire Wound, 0R33, 5%, 1W
MCKNP01WJ033KA10


Similar Part No. - MCKNP02WJ0220A19

ManufacturerPart #DatasheetDescription
logo
Altech corporation
MCK-1310 ALTECH-MCK-1310 Datasheet
1Mb / 27P
   PRINTED CIRCUIT BOARD TERMINAL BLOCKS
MCK-1311 ALTECH-MCK-1311 Datasheet
1Mb / 27P
   PRINTED CIRCUIT BOARD TERMINAL BLOCKS
MCK-1312 ALTECH-MCK-1312 Datasheet
1Mb / 27P
   PRINTED CIRCUIT BOARD TERMINAL BLOCKS
MCK-1313 ALTECH-MCK-1313 Datasheet
1Mb / 27P
   PRINTED CIRCUIT BOARD TERMINAL BLOCKS
MCK-1314 ALTECH-MCK-1314 Datasheet
1Mb / 27P
   PRINTED CIRCUIT BOARD TERMINAL BLOCKS
More results

Similar Description - MCKNP02WJ0220A19

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KH15 ETC-KH15 Datasheet
954Kb / 2P
   NON-FLAMMABLE WIRE WOUND FIXED RESISTORS
KR80 ETC-KR80 Datasheet
897Kb / 2P
   NON-FLAMMABLE WIRE WOUND FIXED RESISTORS
logo
RFE international
KNP RFE-KNP Datasheet
1Mb / 3P
   Wire Wound Resistors
OCT-25-2023
logo
List of Unclassifed Man...
RW1S ETC-RW1S Datasheet
832Kb / 1P
   WIRE WOUND RESISTORS
logo
RFE international
SKN RFE-SKN Datasheet
971Kb / 3P
   Wire Wound Resistors
OCT-30-2023
logo
Dubilier
DWR01J75RT52 DUBILIER-DWR01J75RT52 Datasheet
326Kb / 2P
   Resistors Power Wire Wound Resistors
logo
RFE international
FKN RFE-FKN Datasheet
1Mb / 2P
   Fusible Wire Wound Resistors
19-JUN-2023
logo
List of Unclassifed Man...
GG102A ETC-GG102A Datasheet
598Kb / 1P
   PRECISION WIRE WOUND RESISTORS
logo
UNIOHM CORPORATION
RH-5W UNIOHM-RH-5W Datasheet
233Kb / 1P
   Aluminum Wire Wound Resistors
logo
List of Unclassifed Man...
5G10A ETC-5G10A Datasheet
557Kb / 1P
   PRECISION WIRE WOUND RESISTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com