Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BS616LV2023 Datasheet(PDF) 8 Page - Brilliance Semiconductor

Part # BS616LV2023
Description  Very Low Power/Voltage CMOS SRAM 128K x 16 or 256K x 8 bit switchable
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BSI [Brilliance Semiconductor]
Direct Link  
Logo BSI - Brilliance Semiconductor

BS616LV2023 Datasheet(HTML) 8 Page - Brilliance Semiconductor

Back Button BS616LV2023 Datasheet HTML 3Page - Brilliance Semiconductor BS616LV2023 Datasheet HTML 4Page - Brilliance Semiconductor BS616LV2023 Datasheet HTML 5Page - Brilliance Semiconductor BS616LV2023 Datasheet HTML 6Page - Brilliance Semiconductor BS616LV2023 Datasheet HTML 7Page - Brilliance Semiconductor BS616LV2023 Datasheet HTML 8Page - Brilliance Semiconductor BS616LV2023 Datasheet HTML 9Page - Brilliance Semiconductor BS616LV2023 Datasheet HTML 10Page - Brilliance Semiconductor BS616LV2023 Datasheet HTML 11Page - Brilliance Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Revision 2.4
April 2002
8
t WR
AC ELECTRICAL CHARACTERISTICS ( TA = 0 to + 70oC , Vcc = 3.0V )
WRITE CYCLE
SWITCHING WAVEFORMS (WRITE CYCLE)
WRITE CYCLE1 (1)
t WC
(3)
t CW
(11)
t BW
(2)
t WP
t AW
t OHZ
(4,10)
t AS
(3)
t DH
t DW
D
IN
D
OUT
WE
CE1
OE
ADDRESS
(5)
CE2
(5)
BSI
BS616LV2023
(5)
LB,UB
R0201-BS616LV2023
JEDEC
PARAMETER
NAME
PARAMETER
NAME
DESCRIPTION
BS616LV2023-70
MIN. TYP. MAX.
BS616LV2023-10
MIN. TYP. MAX.
UNIT
t
AVAX
tWC
Write Cycle Time
70
--
--
100
--
--
ns
t
E1LWH
tCW
Chip Select to End of Write
70
--
--
100
--
--
ns
t
AVWL
tAS
Address Setup Time
0
----0
--
--
ns
t
AVWH
tAW
Address Valid to End of Write
70
--
--
100
--
--
ns
t
WLWH
tWP
Write Pulse Width
35
--
--
50
--
--
ns
t
WHAX
tWR
Write recovery Time
(CE2, CE1,WE)
0
----0
--
--
ns
t
BW
tBW
Date Byte Control to End of Write
(LB,U )
3
B
0
--
--
40
--
--
ns
t
WLQZ
tWHZ
Write to Output in High Z
0--
30
0
--
40
ns
t
DVWH
tDW
Data to Write Time Overlap
30
--
--
40
--
--
ns
t
WHDX
tDH
Data Hold from Write Time
0
----0
--
--
ns
t
GHQZ
tOHZ
Output Disable to Output in High Z
0--
30
0
--
40
ns
t
WHOX
tOW
End of Write to Output Active
5--
--
10
--
--
ns
1. tBW is 30ns/40ns (@speed=70ns/100ns) with address toggle. ; tBW is 70ns/100ns (@speed=70ns/100ns) without address toggle .
NOTE :
(1)


Similar Part No. - BS616LV2023

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616LV2020 BSI-BS616LV2020 Datasheet
249Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K x 16 or 256K x 8 bit switchable
BS616LV2020AC BSI-BS616LV2020AC Datasheet
249Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K x 16 or 256K x 8 bit switchable
BS616LV2020AI BSI-BS616LV2020AI Datasheet
249Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K x 16 or 256K x 8 bit switchable
BS616LV2020DC BSI-BS616LV2020DC Datasheet
249Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K x 16 or 256K x 8 bit switchable
BS616LV2020DI BSI-BS616LV2020DI Datasheet
249Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K x 16 or 256K x 8 bit switchable
More results

Similar Description - BS616LV2023

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616LV2021 BSI-BS616LV2021 Datasheet
254Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K x 16 or 256K x 8 bit switchable
BS616LV2025 BSI-BS616LV2025 Datasheet
253Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K x 16 or 256K x 8 bit switchable
BS616LV2020 BSI-BS616LV2020 Datasheet
249Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K x 16 or 256K x 8 bit switchable
BS616UV2021 BSI-BS616UV2021 Datasheet
254Kb / 11P
   Ultra Low Power/Voltage CMOS SRAM 128K x 16 or 256K x 8 bit switchable
BS616LV4020 BSI-BS616LV4020 Datasheet
218Kb / 12P
   Very Low Power/Voltage CMOS SRAM 256K x 16 or 512K x 8 bit switchable
BS616LV4025 BSI-BS616LV4025 Datasheet
190Kb / 11P
   Very Low Power/Voltage CMOS SRAM 256K x 16 or 512K x 8 bit switchable
BS616LV4023 BSI-BS616LV4023 Datasheet
219Kb / 11P
   Very Low Power/Voltage CMOS SRAM 256K x 16 or 512K x 8 bit switchable
BS616LV4021 BSI-BS616LV4021 Datasheet
224Kb / 11P
   Very Low Power/Voltage CMOS SRAM 256K x 16 or 512K x 8 bit switchable
BS616UV4020 BSI-BS616UV4020 Datasheet
212Kb / 11P
   Ultra Low Power/Voltage CMOS SRAM 256K x 16 or 512K x 8 bit switchable
BS616LV8023 BSI-BS616LV8023 Datasheet
204Kb / 11P
   Very Low Power/Voltage CMOS SRAM 512K x 16 or 1M x 8 bit switchable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com