Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCKNP02SJ015JA10 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # MCKNP02SJ015JA10
Description  Wire Wound Fixed Resistors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MCKNP02SJ015JA10 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button MCKNP02SJ015JA10 Datasheet HTML 2Page - List of Unclassifed Manufacturers MCKNP02SJ015JA10 Datasheet HTML 3Page - List of Unclassifed Manufacturers MCKNP02SJ015JA10 Datasheet HTML 4Page - List of Unclassifed Manufacturers MCKNP02SJ015JA10 Datasheet HTML 5Page - List of Unclassifed Manufacturers MCKNP02SJ015JA10 Datasheet HTML 6Page - List of Unclassifed Manufacturers MCKNP02SJ015JA10 Datasheet HTML 7Page - List of Unclassifed Manufacturers MCKNP02SJ015JA10 Datasheet HTML 8Page - List of Unclassifed Manufacturers MCKNP02SJ015JA10 Datasheet HTML 9Page - List of Unclassifed Manufacturers MCKNP02SJ015JA10 Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Wire Wound Fixed Resistors
Page <9>
14/07/11 V1.1
www.element14.com
www.farnell.com
www.newark.com
Description
Part Number
Resistor, Wire Wound, 12R, 5%, 5WS
MCKNP05SJ0120AA9
Resistor, Wire Wound, 15R, 5%, 5WS
MCKNP05SJ0150AA9
Resistor, Wire Wound, 18R, 5%, 5WS
MCKNP05SJ0180AA9
Resistor, Wire Wound, 20R, 5%, 5WS
MCKNP05SJ0200AA9
Resistor, Wire Wound, 22R, 5%, 5WS
MCKNP05SJ0220AA9
Resistor, Wire Wound, 27R, 5%, 5WS
MCKNP05SJ0270AA9
Resistor, Wire Wound, 33R, 5%, 5WS
MCKNP05SJ0330AA9
Resistor, Wire Wound, 39R, 5%, 5WS
MCKNP05SJ0390AA9
Resistor, Wire Wound, 47R, 5%, 5WS
MCKNP05SJ0470AA9
Resistor, Wire Wound, 56R, 5%, 5WS
MCKNP05SJ0560AA9
Resistor, Wire Wound, 68R, 5%, 5WS
MCKNP05SJ0680AA9
Resistor, Wire Wound, 75R, 5%, 5WS
MCKNP05SJ0750AA9
Resistor, Wire Wound, 82R, 5%, 5WS
MCKNP05SJ0820AA9
Resistor, Wire Wound, 100R, 5%, 5WS
MCKNP05SJ0101AA9
Resistor, Wire Wound, 120R, 5%, 5WS
MCKNP05SJ0121AA9
Resistor, Wire Wound, 150R, 5%, 5WS
MCKNP05SJ0151AA9
Resistor, Wire Wound, 180R, 5%, 5WS
MCKNP05SJ0181AA9
Resistor, Wire Wound, 200R, 5%, 5WS
MCKNP05SJ0201AA9
Resistor, Wire Wound, 220R, 5%, 5WS
MCKNP05SJ0221AA9
Resistor, Wire Wound, 270R, 5%, 5WS
MCKNP05SJ0271AA9
Resistor, Wire Wound, 330R, 5%, 5WS
MCKNP05SJ0331AA9
Resistor, Wire Wound, 470R, 5%, 5WS
MCKNP05SJ0471AA9
Resistor, Wire Wound, 1K, 5%, 5WS
MCKNP05SJ0102AA9
Resistor, Wire Wound, 3R3R, 5%, 7WS
MCKNP07SJ033JB00
Resistor, Wire Wound, 5R, 5%, 7WS
MCKNP07SJ050JB00
Resistor, Wire Wound, 10R, 5%, 7WS
MCKNP07SJ0100B00
Resistor, Wire Wound, 27R, 5%, 7WS
MCKNP07SJ0270B00
Resistor, Wire Wound, 33R, 5%, 7WS
MCKNP07SJ0330B00
Resistor, Wire Wound, 100R, 5%, 7WS
MCKNP07SJ0101B00
Resistor, Wire Wound, 150R, 5%, 7WS
MCKNP07SJ0151B00
Resistor, Wire Wound, 1R, 7W, 1%
MCKNP07SF100KB00
Resistor, Wire Wound, 10R, 7W, 1%
MCKNP07SF100JB00
Resistor, Wire Wound, 50R, 7W, 1%
MCKNP07SF500JB00
Resistor, Wire Wound, 100R, 7W, 1%
MCKNP07SF1000B00
Resistor, Wire Wound, 150R, 7W, 1%
MCKNP07SF1500B00
Resistor, Wire Wound, 200R, 7W, 1%
MCKNP07SF2000B00
Resistor, Wire Wound, 250R, 7W, 1%
MCKNP07SF2500B00
Part Number Table


Similar Part No. - MCKNP02SJ015JA10

ManufacturerPart #DatasheetDescription
logo
Altech corporation
MCK-1310 ALTECH-MCK-1310 Datasheet
1Mb / 27P
   PRINTED CIRCUIT BOARD TERMINAL BLOCKS
MCK-1311 ALTECH-MCK-1311 Datasheet
1Mb / 27P
   PRINTED CIRCUIT BOARD TERMINAL BLOCKS
MCK-1312 ALTECH-MCK-1312 Datasheet
1Mb / 27P
   PRINTED CIRCUIT BOARD TERMINAL BLOCKS
MCK-1313 ALTECH-MCK-1313 Datasheet
1Mb / 27P
   PRINTED CIRCUIT BOARD TERMINAL BLOCKS
MCK-1314 ALTECH-MCK-1314 Datasheet
1Mb / 27P
   PRINTED CIRCUIT BOARD TERMINAL BLOCKS
More results

Similar Description - MCKNP02SJ015JA10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KH15 ETC-KH15 Datasheet
954Kb / 2P
   NON-FLAMMABLE WIRE WOUND FIXED RESISTORS
KR80 ETC-KR80 Datasheet
897Kb / 2P
   NON-FLAMMABLE WIRE WOUND FIXED RESISTORS
logo
RFE international
KNP RFE-KNP Datasheet
1Mb / 3P
   Wire Wound Resistors
OCT-25-2023
logo
List of Unclassifed Man...
RW1S ETC-RW1S Datasheet
832Kb / 1P
   WIRE WOUND RESISTORS
logo
RFE international
SKN RFE-SKN Datasheet
971Kb / 3P
   Wire Wound Resistors
OCT-30-2023
logo
Dubilier
DWR01J75RT52 DUBILIER-DWR01J75RT52 Datasheet
326Kb / 2P
   Resistors Power Wire Wound Resistors
logo
RFE international
FKN RFE-FKN Datasheet
1Mb / 2P
   Fusible Wire Wound Resistors
19-JUN-2023
logo
List of Unclassifed Man...
GG102A ETC-GG102A Datasheet
598Kb / 1P
   PRECISION WIRE WOUND RESISTORS
logo
UNIOHM CORPORATION
RH-5W UNIOHM-RH-5W Datasheet
233Kb / 1P
   Aluminum Wire Wound Resistors
logo
List of Unclassifed Man...
5G10A ETC-5G10A Datasheet
557Kb / 1P
   PRECISION WIRE WOUND RESISTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com