Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BS616LV2025DC Datasheet(PDF) 6 Page - Brilliance Semiconductor

Part # BS616LV2025DC
Description  Very Low Power/Voltage CMOS SRAM 128K x 16 or 256K x 8 bit switchable
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BSI [Brilliance Semiconductor]
Direct Link  
Logo BSI - Brilliance Semiconductor

BS616LV2025DC Datasheet(HTML) 6 Page - Brilliance Semiconductor

Back Button BS616LV2025DC Datasheet HTML 2Page - Brilliance Semiconductor BS616LV2025DC Datasheet HTML 3Page - Brilliance Semiconductor BS616LV2025DC Datasheet HTML 4Page - Brilliance Semiconductor BS616LV2025DC Datasheet HTML 5Page - Brilliance Semiconductor BS616LV2025DC Datasheet HTML 6Page - Brilliance Semiconductor BS616LV2025DC Datasheet HTML 7Page - Brilliance Semiconductor BS616LV2025DC Datasheet HTML 8Page - Brilliance Semiconductor BS616LV2025DC Datasheet HTML 9Page - Brilliance Semiconductor BS616LV2025DC Datasheet HTML 10Page - Brilliance Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Revision 2.4
April 2002
6
Input Pulse Levels
Input Rise and Fall Times
Input and Output
Timing Reference Level
Vcc/0V
5ns
0.5Vcc
AC ELECTRICAL CHARACTERISTICS ( TA = 0 to + 70oC , Vcc = 5.0V )
READ CYCLE
AC TEST CONDITIONS
AC TEST LOADS AND WAVEFORMS
667
THEVENIN EQUIVALENT
ALL INPUT PULSES
10%
90%
Vcc
GND
← 5ns
90%
10%
1.73V
OUTPUT
FIGURE 2
5.0V
OUTPUT
INCLUDING
JIG AND
SCOPE
1928
1020
5PF
FIGURE 1B
5.0V
OUTPUT
INCLUDING
JIG AND
SCOPE
1928
100PF
FIGURE 1A
1020
BSI
BS616LV2025
KEY TO SWITCHING WAVEFORMS
WAVEFORM
INPUTS
OUTPUTS
MUST BE
STEADY
MAY CHANGE
FROM H TO L
DON T CARE:
ANY CHANGE
PERMITTED
DOES NOT
APPLY
MUST BE
STEADY
WILL BE
CHANGE
FROM H TO L
CHANGE :
STATE
UNKNOWN
CENTER
LINE IS HIGH
IMPEDANCE
”OFF ”STATE
MAY CHANGE
FROM L TO H
WILL BE
CHANGE
FROM L TO H
,
R0201-BS616LV2025
JEDEC
PARAMETER
NAME
PARAMETER
NAME
DESCRIPTION
BS616LV2025-70
MIN. TYP. MAX.
BS616LV2025-55
MIN. TYP. MAX.
UNIT
t
AVAX
t
RC
Read Cycle Time
70
--
--
55
--
ns
t
AVQV
t
AA
Address Access Time
--
--
70
--
55
ns
t
E1LQV
t
ACS1
Chip Select Access Time
--
(CE1)
--
70
--
--
55
ns
t
E2LQV
t
ACS2
Chip Select Access Time
(CE2)
--
--
70
--
--
55
ns
t
BA
t
BA
Data Byte Control Access Time
(LB,UB)
--
--
35
--
--
30
ns
t
GLQV
t
OE
Output Enable to Output Valid
--
--
35
--
--
30
ns
t
ELQX
t
CLZ
Chip Select to Output Low Z
(CE1,
2)
1
CE
0--
--
10--
--
ns
t
BE
t
BE
Data Byte Control to Output Low Z
(LB,U )
1
B
0
--
--
10
--
--
ns
t
GLQX
t
OLZ
Output Enable to Output in Low Z
10
--
--
10
--
--
ns
t
EHQZ
t
CHZ
Chip Deselect to Output in High Z
(CE1,CE2)
0--
35
0
--
30
ns
t
BDO
t
BDO
Data Byte Control to Output High Z
(LB, UB)
0--
35
0
--
30
ns
t
GHQZ
t
OHZ
Output Disable to Output in High Z
0--
30
0
--
25
ns
t
AXOX
t
OH
Output Disable to Address Change
10
--
--
10
--
--
ns
1. tBA is 35ns/30ns (@speed=70ns/55ns) with address toggle .
tBA is 70ns/55ns (@speed=70ns/55ns) without address toggle .
NOTE :


Similar Part No. - BS616LV2025DC

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616LV2020 BSI-BS616LV2020 Datasheet
249Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K x 16 or 256K x 8 bit switchable
BS616LV2020AC BSI-BS616LV2020AC Datasheet
249Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K x 16 or 256K x 8 bit switchable
BS616LV2020AI BSI-BS616LV2020AI Datasheet
249Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K x 16 or 256K x 8 bit switchable
BS616LV2020DC BSI-BS616LV2020DC Datasheet
249Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K x 16 or 256K x 8 bit switchable
BS616LV2020DI BSI-BS616LV2020DI Datasheet
249Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K x 16 or 256K x 8 bit switchable
More results

Similar Description - BS616LV2025DC

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616LV2021 BSI-BS616LV2021 Datasheet
254Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K x 16 or 256K x 8 bit switchable
BS616LV2023 BSI-BS616LV2023 Datasheet
249Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K x 16 or 256K x 8 bit switchable
BS616LV2020 BSI-BS616LV2020 Datasheet
249Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K x 16 or 256K x 8 bit switchable
BS616UV2021 BSI-BS616UV2021 Datasheet
254Kb / 11P
   Ultra Low Power/Voltage CMOS SRAM 128K x 16 or 256K x 8 bit switchable
BS616LV4020 BSI-BS616LV4020 Datasheet
218Kb / 12P
   Very Low Power/Voltage CMOS SRAM 256K x 16 or 512K x 8 bit switchable
BS616LV4025 BSI-BS616LV4025 Datasheet
190Kb / 11P
   Very Low Power/Voltage CMOS SRAM 256K x 16 or 512K x 8 bit switchable
BS616LV4023 BSI-BS616LV4023 Datasheet
219Kb / 11P
   Very Low Power/Voltage CMOS SRAM 256K x 16 or 512K x 8 bit switchable
BS616LV4021 BSI-BS616LV4021 Datasheet
224Kb / 11P
   Very Low Power/Voltage CMOS SRAM 256K x 16 or 512K x 8 bit switchable
BS616UV4020 BSI-BS616UV4020 Datasheet
212Kb / 11P
   Ultra Low Power/Voltage CMOS SRAM 256K x 16 or 512K x 8 bit switchable
BS616LV8023 BSI-BS616LV8023 Datasheet
204Kb / 11P
   Very Low Power/Voltage CMOS SRAM 512K x 16 or 1M x 8 bit switchable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com