Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV101HD1-1E1 Datasheet(PDF) 7 Page - AZ Displays

Part # HV101HD1-1E1
Description  color active matrix TFT LCD module
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

HV101HD1-1E1 Datasheet(HTML) 7 Page - AZ Displays

Back Button HV101HD1-1E1 Datasheet HTML 3Page - AZ Displays HV101HD1-1E1 Datasheet HTML 4Page - AZ Displays HV101HD1-1E1 Datasheet HTML 5Page - AZ Displays HV101HD1-1E1 Datasheet HTML 6Page - AZ Displays HV101HD1-1E1 Datasheet HTML 7Page - AZ Displays HV101HD1-1E1 Datasheet HTML 8Page - AZ Displays HV101HD1-1E1 Datasheet HTML 9Page - AZ Displays HV101HD1-1E1 Datasheet HTML 10Page - AZ Displays HV101HD1-1E1 Datasheet HTML 11Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
TD-0008247 (3/3)
A4(210 X 297)
PRODUCT GROUP
REV
ISSUE DATE
TFT LCD PRODUCT
P0
2012. 05. 23
SPEC. NUMBER
SPEC TITLE
HV101HD1-1E1 Preliminary Product Specification
PAGE
OF 30
7
3.0 ELECTRICAL SPECIFICATIONS
3.1 Electrical Specifications
Parameter
Min.
Typ.
Ma
x.
Unit
Remarks
Logic Power Supply Voltage
V
DD
-
3.3
-
V
Logic Power Supply Current
I
DD
-
TBD
-
mA
Vdd=3.3V,
25
Note 1
Back-light LED Voltage /
Back-light LED Total Voltage
V
LED
/V
BL
2.8/
16.8
2.9/
17.4
3.0/
18.0
V
Back-light LED Current /
Back-light LED Total Current
I
LED
/I
BL
-
17/
102
-
mA
Power Consumption
P
DD
-
TBD
-
W
Note 2
Pcc
-
TBD
-
W
PBL
2.02
2.10
2.16
W
< Table 3. Electrical Specifications >
Notes : 1. The supply voltage is measured and specified at the interface connector of LCM.
( Test Pattern : White)
2. Calculated value for reference (VLED × ILED × # of LEDs (36EA) ).
This value is with LED driver efficiency (85%)


Similar Part No. - HV101HD1-1E1

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV101 SUTEX-HV101 Datasheet
83Kb / 5P
   3-Pin Hotswap, Inrush Current Limiter Controllers
HV101 SUTEX-HV101 Datasheet
591Kb / 8P
   3-Pin Hotswap, Inrush Current Limiter Controllers (Negative Supply Rail)
HV101DB1 SUTEX-HV101DB1 Datasheet
443Kb / 2P
   3-Pin Hotswap Controller
HV101K5 SUTEX-HV101K5 Datasheet
83Kb / 5P
   3-Pin Hotswap, Inrush Current Limiter Controllers
HV101K5 SUTEX-HV101K5 Datasheet
591Kb / 8P
   3-Pin Hotswap, Inrush Current Limiter Controllers (Negative Supply Rail)
More results

Similar Description - HV101HD1-1E1

ManufacturerPart #DatasheetDescription
logo
AZ Displays
HV070WX2-1E0 AZDISPLAYS-HV070WX2-1E0 Datasheet
1Mb / 32P
   color active matrix TFT LCD module
HV070WS1-105 AZDISPLAYS-HV070WS1-105 Datasheet
785Kb / 34P
   color active matrix TFT LCD module
HX104X02-100 AZDISPLAYS-HX104X02-100 Datasheet
1Mb / 31P
   color active matrix TFT LCD module
logo
Kyocera Kinseki Corpota...
TVL-55683D116U-LW-I-AAN KSS-TVL-55683D116U-LW-I-AAN Datasheet
1Mb / 31P
   Color Active Matrix TFT TN LCD module
TVL-55684D140U-LW-I-AAN KSS-TVL-55684D140U-LW-I-AAN Datasheet
915Kb / 31P
   Color Active Matrix TFT TN LCD module
TVL-55682D101U-LW-I-AAN KSS-TVL-55682D101U-LW-I-AAN Datasheet
1Mb / 33P
   Color Active Matrix TFT TN LCD module
logo
List of Unclassifed Man...
4DLCD-144 ETC2-4DLCD-144 Datasheet
802Kb / 18P
   color active matrix LCD module incorporating amorphous silicon TFT (Thin Film Transistor).
TM150XG-22L01A ETC1-TM150XG-22L01A Datasheet
612Kb / 15P
   TFT COLOR LCD MODULE
logo
AZ Displays
PM070WU1 AZDISPLAYS-PM070WU1 Datasheet
582Kb / 20P
   color TFT LCD module
PM102ZY3 AZDISPLAYS-PM102ZY3 Datasheet
793Kb / 28P
   color TFT LCD module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com