Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD057VUB Datasheet(PDF) 6 Page - AZ Displays

Part # PD057VUB
Description  color TFT LCD module
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PD057VUB Datasheet(HTML) 6 Page - AZ Displays

Back Button PD057VUB Datasheet HTML 2Page - AZ Displays PD057VUB Datasheet HTML 3Page - AZ Displays PD057VUB Datasheet HTML 4Page - AZ Displays PD057VUB Datasheet HTML 5Page - AZ Displays PD057VUB Datasheet HTML 6Page - AZ Displays PD057VUB Datasheet HTML 7Page - AZ Displays PD057VUB Datasheet HTML 8Page - AZ Displays PD057VUB Datasheet HTML 9Page - AZ Displays PD057VUB Datasheet HTML 10Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
3'98%
7KH LQIRUPDWLRQ FRQWDLQHG KHUHLQ LV WKH H[FOXVLYH SURSHUW\ RI 3ULPH 9LHZ ,QWHUQDWLRQDO &R /WG DQG VKDOO QRW EH
GLVWULEXWHG UHSURGXFHG RU GLVFORVHG LQ ZKROH RU LQ SDUW ZLWKRXW SULRU ZULWWHQ SHUPLVVLRQ RI 3ULPH 9LHZ ,QWHUQDWLRQDO &R
/WG
3DJH
,QSXW  2XWSXW 7HUPLQDOV
 7)7/&' 3DQHO 'ULYLQJ
&RQQHFWRU W\SH (/&2 $ 3,1 1R  SLQV
3LQ 1R 6\PERO ,2
'HVFULSWLRQ
5HPDUN

*1'

*1'

&.
,
&ORFN VLJQDO IRU VDPSOLQJ HDFK GDWD VLJQDO

+V\QF
,
+RUL]RQWDO V\QFKURQRXV VLJQDO QHTDWLYH

9V\QF
,
9HUWLFDO V\QFKURQRXV VLJQDO QHTDWLYH

*1'

*1'

5
5(' GDWD VLJQDO /6%

5
,
5(' GDWD VLJQDO

5
,
5(' GDWD VLJQDO

5
,
5(' GDWD VLJQDO

5
,
5(' GDWD VLJQDO

5
,
5(' GDWD VLJQDO 06%

*1'

*1'

*
,
*5((1 GDWD VLJQDO /6%

*
,
*5((1 GDWD VLJQDO

*
,
*5((1 GDWD VLJQDO

*
,
*5((1 GDWD VLJQDO

*
,
*5((1 GDWD VLJQDO

*
,
*5((1 GDWD VLJQDO 06%

*1'

*1'

%
,
%OXH GDWD VLJQDO /6%

%
,
%OXH GDWD VLJQDO

%
,
%OXH GDWD VLJQDO

%
,
%OXH GDWD VLJQDO

%
,
%OXH GDWD VLJQDO

%
,
%OXH GDWD VLJQDO 06%

*1'

*1'

(1$%
,
6LJQDO WR VHWWOH WKH KRUL]RQWDO GLVSOD\ SRVLWLRQ SRVLWLYH
1RWH

9&&

9 SRZHU VXSSO\

9&&

9 SRZHU VXSSO\

5/
,
+RUL]RQWDO GLVSOD\ PRGH VHOHFW VLJQDO
/ 1RUPDO + /HIW5LJKWUHYHUVHPRGH
1RWH

8'
,
9HUWLFDO GLVSOD\ PRGH VHOHFW VLJQDO
+ 1RUPDO / 8S'RZQ UHYHUVH PRGH
1RWH

94
,9*$ 49*$ PRGH VHOHFW VLJQDO
1RWH

*1'

*1'
1RWH 7KHKRUL]RQWDO GLVSOD\ VWDUWWLPLQJ LV VHWWOHGLQ DFFRUGDQFHZLWKULVLQJ RI (1$% VLJQDO
,QFDVH (1$%LV IL[HG´/RZ´WKHKRUL]RQWDO VWDUWWLPLQJ LVGHWHUPLQHGDV GHVFULEHGLQ
 'RQCW NHHS (1$%´+LJK´ GXULQJ RSHUDWLRQ
P-511-541(V:2)


Similar Part No. - PD057VUB

ManufacturerPart #DatasheetDescription
logo
AZ Displays
PD057VU4 AZDISPLAYS-PD057VU4 Datasheet
484Kb / 18P
   TECHNICAL SPECIFICATION
PD057VU4 AZDISPLAYS-PD057VU4 Datasheet
727Kb / 19P
   TECHNICAL SPECIFICATION
PD057VU4_V5 AZDISPLAYS-PD057VU4_V5 Datasheet
727Kb / 19P
   TECHNICAL SPECIFICATION
PD057VU5 AZDISPLAYS-PD057VU5 Datasheet
447Kb / 19P
   TECHNICAL SPECIFICATION
PD057VU6 AZDISPLAYS-PD057VU6 Datasheet
917Kb / 22P
   TECHNICAL SPECIFICATION
More results

Similar Description - PD057VUB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TM150XG-22L01A ETC1-TM150XG-22L01A Datasheet
612Kb / 15P
   TFT COLOR LCD MODULE
logo
AZ Displays
PM070WU1 AZDISPLAYS-PM070WU1 Datasheet
582Kb / 20P
   color TFT LCD module
PM102ZY3 AZDISPLAYS-PM102ZY3 Datasheet
793Kb / 28P
   color TFT LCD module
logo
NEC
NL6448BC20-18D NEC-NL6448BC20-18D Datasheet
354Kb / 29P
   TFT COLOR LCD MODULE
logo
AZ Displays
PD040QX2 AZDISPLAYS-PD040QX2 Datasheet
1Mb / 34P
   color TFT LCD module
logo
Purdy Electronics Corpo...
AND-TFT-35VX-LED PURDY-AND-TFT-35VX-LED Datasheet
3Mb / 6P
   TFT LCD Color Module
logo
NEC
NL6448BC33-53 NEC-NL6448BC33-53 Datasheet
253Kb / 29P
   TFT COLOR LCD MODULE
logo
List of Unclassifed Man...
TM150XG-02L02E ETC1-TM150XG-02L02E Datasheet
233Kb / 18P
   TFT COLOR LCD MODULE
TM150XG-02L02F ETC1-TM150XG-02L02F Datasheet
235Kb / 17P
   TFT COLOR LCD MODULE
TM150XG-26L07 ETC1-TM150XG-26L07 Datasheet
200Kb / 14P
   TFT COLOR LCD MODULE
V26L8060AA ETC-V26L8060AA Datasheet
295Kb / 17P
   color TFT LCD module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com