Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ771600DPJR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # BQ771600DPJR
Description  Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ771600DPJR Datasheet(HTML) 9 Page - Texas Instruments

Back Button BQ771600DPJR Datasheet HTML 5Page - Texas Instruments BQ771600DPJR Datasheet HTML 6Page - Texas Instruments BQ771600DPJR Datasheet HTML 7Page - Texas Instruments BQ771600DPJR Datasheet HTML 8Page - Texas Instruments BQ771600DPJR Datasheet HTML 9Page - Texas Instruments BQ771600DPJR Datasheet HTML 10Page - Texas Instruments BQ771600DPJR Datasheet HTML 11Page - Texas Instruments BQ771600DPJR Datasheet HTML 12Page - Texas Instruments BQ771600DPJR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
VDD
V4
V3
V2
OUT
CD
VSS
V1
CIN
CIN
CIN
RIN
CIN
CCD
Cell 4
Cell 3
Cell 2
Cell1
RVD
CVD
RIN
RIN
RIN
bq771600, bq771601, bq771602, bq771604
www.ti.com
SLUSAX0A – DECEMBER 2012 – REVISED SEPTEMBER 2013
APPLICATION INFORMATION
Figure 10 shows each external component.
Figure 10. Application Configuration
NOTE
In the case of an Open Drain Active Low configuration, an external pull-up resistor is
required on the OUT terminal.
Changes to the ranges stated in Table 1 will impact the accuracy of the cell
measurements.
Changes to the ranges stated in Table 1 will impact the accuracy of the cell measurements.
Table 1. Parameters
PARAMETER
EXTERNAL COMPONENT
MIN
NOM
MAX
UNIT
Voltage monitor filter resistance
RIN
900
1000
1100
Ω
Voltage monitor filter capacitance
CIN
0.01
0.1
µF
Supply voltage filter resistance
RVD
100
1K
Ω
Supply voltage filter capacitance
CVD
0.1
µF
CD external delay capacitance
CCD
0.1
1
µF
OUT Open drain version pull-up
ROUT
100k
Ω
resistance to PACK+
NOTE
The device is calibrated using an RIN value = 1 kΩ. Using a value other than this
recommended value changes the accuracy of the cell voltage measurements and VOV
trigger level.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: bq771600 bq771601 bq771602 bq771604


Similar Part No. - BQ771600DPJR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ771600DPJR TI-BQ771600DPJR Datasheet
717Kb / 17P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
BQ771600DPJR TI1-BQ771600DPJR Datasheet
884Kb / 23P
[Old version datasheet]   External Delay Capacitor
More results

Similar Description - BQ771600DPJR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ294707 TI1-BQ294707 Datasheet
869Kb / 20P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
BQ2947 TI1-BQ2947_16 Datasheet
859Kb / 24P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
BQ294502 TI1-BQ294502_17 Datasheet
1Mb / 26P
[Old version datasheet]   Overvoltage Protection For 2-Series and 3-Series Cell Li-Ion Batteries
BQ294502 TI-BQ294502 Datasheet
736Kb / 18P
[Old version datasheet]   Overvoltage Protection for 2-Series and 3-Series Cell Li-Ion Batteries
BQ2961 TI1-BQ2961 Datasheet
1Mb / 29P
[Old version datasheet]   Overvoltage Protection for 2-Series, 3-Series, and 4-Series Cell Li-Ion Batteries
BQ294707 TI1-BQ294707 Datasheet
869Kb / 20P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
BQ771604 TI1-BQ771604 Datasheet
795Kb / 20P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
BQ771600 TI-BQ771600 Datasheet
717Kb / 17P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
BQ2947 TI1-BQ2947_17 Datasheet
871Kb / 27P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
BQ294700 TI-BQ294700 Datasheet
931Kb / 19P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com