Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BS616LV4020DC Datasheet(PDF) 11 Page - Brilliance Semiconductor

Part # BS616LV4020DC
Description  Very Low Power/Voltage CMOS SRAM 256K x 16 or 512K x 8 bit switchable
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BSI [Brilliance Semiconductor]
Direct Link  
Logo BSI - Brilliance Semiconductor

BS616LV4020DC Datasheet(HTML) 11 Page - Brilliance Semiconductor

Back Button BS616LV4020DC Datasheet HTML 4Page - Brilliance Semiconductor BS616LV4020DC Datasheet HTML 5Page - Brilliance Semiconductor BS616LV4020DC Datasheet HTML 6Page - Brilliance Semiconductor BS616LV4020DC Datasheet HTML 7Page - Brilliance Semiconductor BS616LV4020DC Datasheet HTML 8Page - Brilliance Semiconductor BS616LV4020DC Datasheet HTML 9Page - Brilliance Semiconductor BS616LV4020DC Datasheet HTML 10Page - Brilliance Semiconductor BS616LV4020DC Datasheet HTML 11Page - Brilliance Semiconductor BS616LV4020DC Datasheet HTML 12Page - Brilliance Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Revision 2.3
April 2002
11
BSI
BS616LV4020
R0201-BS616LV4020
3: SYMBOL "N" IS THE NUMBER OF SOLDER BALLS.
1: CONTROLLING DIMENSIONS ARE IN MILLIMETERS.
2: PIN#1 DOT MARKING BY LASER OR PAD PRINT.
N
E
D
NOTES:
48
10.0
8.0
E1
D1
e
3.75
5.25
0.75
SIDE VIEW
D0.1
D1
SOLDER BALL
0.35
0.05
VIEW A
48 mini-BGA (8 x 10mm)
PACKAGE DIMENSIONS (continued)


Similar Part No. - BS616LV4020DC

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616LV4021 BSI-BS616LV4021 Datasheet
224Kb / 11P
   Very Low Power/Voltage CMOS SRAM 256K x 16 or 512K x 8 bit switchable
BS616LV4021BC BSI-BS616LV4021BC Datasheet
224Kb / 11P
   Very Low Power/Voltage CMOS SRAM 256K x 16 or 512K x 8 bit switchable
BS616LV4021BI BSI-BS616LV4021BI Datasheet
224Kb / 11P
   Very Low Power/Voltage CMOS SRAM 256K x 16 or 512K x 8 bit switchable
BS616LV4021DC BSI-BS616LV4021DC Datasheet
224Kb / 11P
   Very Low Power/Voltage CMOS SRAM 256K x 16 or 512K x 8 bit switchable
BS616LV4021DI BSI-BS616LV4021DI Datasheet
224Kb / 11P
   Very Low Power/Voltage CMOS SRAM 256K x 16 or 512K x 8 bit switchable
More results

Similar Description - BS616LV4020DC

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616LV4025 BSI-BS616LV4025 Datasheet
190Kb / 11P
   Very Low Power/Voltage CMOS SRAM 256K x 16 or 512K x 8 bit switchable
BS616LV4023 BSI-BS616LV4023 Datasheet
219Kb / 11P
   Very Low Power/Voltage CMOS SRAM 256K x 16 or 512K x 8 bit switchable
BS616LV4021 BSI-BS616LV4021 Datasheet
224Kb / 11P
   Very Low Power/Voltage CMOS SRAM 256K x 16 or 512K x 8 bit switchable
BS616UV4020 BSI-BS616UV4020 Datasheet
212Kb / 11P
   Ultra Low Power/Voltage CMOS SRAM 256K x 16 or 512K x 8 bit switchable
BS616LV2021 BSI-BS616LV2021 Datasheet
254Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K x 16 or 256K x 8 bit switchable
BS616LV2025 BSI-BS616LV2025 Datasheet
253Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K x 16 or 256K x 8 bit switchable
BS616LV8023 BSI-BS616LV8023 Datasheet
204Kb / 11P
   Very Low Power/Voltage CMOS SRAM 512K x 16 or 1M x 8 bit switchable
BS616LV8021 BSI-BS616LV8021 Datasheet
205Kb / 11P
   Very Low Power/Voltage CMOS SRAM 512K x 16 or 1M x 8 bit switchable
BS616LV8022 BSI-BS616LV8022 Datasheet
210Kb / 11P
   Very Low Power/Voltage CMOS SRAM 512K x 16 or 1M x 8 bit switchable
BS616LV2023 BSI-BS616LV2023 Datasheet
249Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K x 16 or 256K x 8 bit switchable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com