Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

bq771600 Datasheet(PDF) 6 Page - Texas Instruments

Part # bq771600
Description  Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

bq771600 Datasheet(HTML) 6 Page - Texas Instruments

Back Button bq771600 Datasheet HTML 2Page - Texas Instruments bq771600 Datasheet HTML 3Page - Texas Instruments bq771600 Datasheet HTML 4Page - Texas Instruments bq771600 Datasheet HTML 5Page - Texas Instruments bq771600 Datasheet HTML 6Page - Texas Instruments bq771600 Datasheet HTML 7Page - Texas Instruments bq771600 Datasheet HTML 8Page - Texas Instruments bq771600 Datasheet HTML 9Page - Texas Instruments bq771600 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
bq771600, bq771601, bq771602, bq771604
SLUSAX0A – DECEMBER 2012 – REVISED SEPTEMBER 2013
www.ti.com
RECOMMENDED OPERATING CONDITIONS
Over operating free-air temperature range (unless otherwise noted)
PARAMETER
MIN
NOM
MAX
UNIT
Supply voltage, VDD
(1)
3
20
V
Input voltage
V4–V3, V3–V2, V2–V1, V1–VSS, or CD–VSS
0
5
V
range
Operating ambient temperature range, TA
–40
110
°C
(1)
See APPLICATION SCHEMATIC.
DC CHARACTERISTICS
Typical values stated where TA = 25°C and VDD = 14.4 V, MIN/MAX values stated where TA = –40°C to 110°C and VDD = 3 V
to 20 V (unless otherwise noted).
SYMBOL
PARAMETER
CONDITION
MIN
TYP
MAX
UNIT
Voltage Protection Threshold VCx
bq771600
4.300
V
bq771601
4.225
V
bq771602
4.225
V
bq771603(1)
4.325
V
bq771604
4.200
V
bq771605(1)
3.850
V
bq771607(1)
4.200
V
V(PROTECT)
VOV
Overvoltage
bq771608(1)
4.225
V
Detection
bq771609(1)
4.250
V
bq771610(1)
4.250
V
bq771611(1)
4.350
V
bq771612(1)
3.900
V
bq771613(1)
4.200
V
bq771614(1)
4.225
V
bq771615(1)
4.250
V
bq771600
250
300
400
mV
bq771601
25
50
75
mV
bq771602
25
50
75
mV
bq771603(1)
25
50
75
mV
bq771604
25
50
75
mV
bq771605(1)
200
250
300
mV
bq771607(1)
200
250
300
mV
OV Detection
VHYS
bq771608(1)
200
250
300
mV
Hysteresis
bq771609(1)
25
50
75
mV
bq771610(1)
200
250
300
mV
bq771611(1)
250
300
400
mV
bq771612(1)
250
300
400
mV
bq771613(1)
25
50
75
mV
bq771614(1)
200
250
300
mV
bq771615(1)
25
50
75
mV
OV Detection
VOA
TA = 25°C
–10
10
mV
Accuracy
(1)
Future option. Contact TI.
6
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: bq771600 bq771601 bq771602 bq771604


Similar Part No. - bq771600

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ771600 TI-BQ771600 Datasheet
717Kb / 17P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
BQ771600 TI1-BQ771600 Datasheet
795Kb / 20P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
BQ771600 TI1-BQ771600 Datasheet
884Kb / 23P
[Old version datasheet]   External Delay Capacitor
BQ771600DPJR TI-BQ771600DPJR Datasheet
717Kb / 17P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
BQ771600DPJR TI1-BQ771600DPJR Datasheet
884Kb / 23P
[Old version datasheet]   External Delay Capacitor
More results

Similar Description - bq771600

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ294707 TI1-BQ294707 Datasheet
869Kb / 20P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
BQ2947 TI1-BQ2947_16 Datasheet
859Kb / 24P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
BQ294502 TI1-BQ294502_17 Datasheet
1Mb / 26P
[Old version datasheet]   Overvoltage Protection For 2-Series and 3-Series Cell Li-Ion Batteries
BQ294502 TI-BQ294502 Datasheet
736Kb / 18P
[Old version datasheet]   Overvoltage Protection for 2-Series and 3-Series Cell Li-Ion Batteries
BQ2961 TI1-BQ2961 Datasheet
1Mb / 29P
[Old version datasheet]   Overvoltage Protection for 2-Series, 3-Series, and 4-Series Cell Li-Ion Batteries
BQ294707 TI1-BQ294707 Datasheet
869Kb / 20P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
BQ771604 TI1-BQ771604 Datasheet
795Kb / 20P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
BQ771600 TI-BQ771600 Datasheet
717Kb / 17P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
BQ2947 TI1-BQ2947_17 Datasheet
871Kb / 27P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
BQ294700 TI-BQ294700 Datasheet
931Kb / 19P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com