Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ771803DPJR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # BQ771803DPJR
Description  Overvoltage Protection for 2-Series to 5-Series Cell Li-Ion Batteries with Internal Delay Timer
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ771803DPJR Datasheet(HTML) 8 Page - Texas Instruments

Back Button BQ771803DPJR Datasheet HTML 4Page - Texas Instruments BQ771803DPJR Datasheet HTML 5Page - Texas Instruments BQ771803DPJR Datasheet HTML 6Page - Texas Instruments BQ771803DPJR Datasheet HTML 7Page - Texas Instruments BQ771803DPJR Datasheet HTML 8Page - Texas Instruments BQ771803DPJR Datasheet HTML 9Page - Texas Instruments BQ771803DPJR Datasheet HTML 10Page - Texas Instruments BQ771803DPJR Datasheet HTML 11Page - Texas Instruments BQ771803DPJR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
VDD
V5
V4
V3
OUT
VSS
V1
V2
CIN
Cell5
Cell4
Cell3
Cell2
R
VD
CVD
Cell1
R
IN
CIN
CIN
CIN
CIN
R
IN
R
IN
R
IN
R
IN
bq771800, bq771801, bq771802
bq771803, bq771808, bq771809
SLUSAX1B – DECEMBER 2012 – REVISED OCTOBER 2013
www.ti.com
APPLICATION INFORMATION
Figure 9. Application Configuration
NOTE
In the case of an Open Drain Active Low configuration, an external pull-up resistor is
required on the OUT terminal.
Changes to the ranges stated in Table 1 will impact the accuracy of the cell
measurements.
Changes to the ranges stated in Table 1 will impact the accuracy of the cell measurements. Figure 9 shows each
external component.
Table 1. Parameters
PARAMETER
EXTERNAL COMPONENT
MIN
NOM
MAX
UNIT
Voltage monitor filter resistance
RIN
900
1000
1100
Ω
Voltage monitor filter capacitance
CIN
0.01
0.1
µF
Supply voltage filter resistance
RVD
100
1K
Ω
Supply voltage filter capacitance
CVD
0.1
µF
CD external delay capacitance
0.1
1
µF
OUT Open drain version pull-up resistance
100
k
Ω
to PACK+
NOTE
The device is calibrated using an RIN value = 1 kΩ. Using a value other than this
recommended value changes the accuracy of the cell voltage measurements and VOV
trigger level.
8
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: bq771800 bq771801 bq771802 bq771803 bq771808 bq771809


Similar Part No. - BQ771803DPJR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ771803DPJR TI-BQ771803DPJR Datasheet
748Kb / 16P
[Old version datasheet]   Overvoltage Protection for 2-Series to 5-Series Cell Li-Ion Batteries with Internal Delay Timer
BQ771803DPJR TI1-BQ771803DPJR Datasheet
810Kb / 19P
[Old version datasheet]   Overvoltage Protection for 2-Series to 5-Series Cell Li-Ion Batteries with Internal Delay Timer
BQ771803DPJR TI1-BQ771803DPJR Datasheet
875Kb / 23P
[Old version datasheet]   Internal Delay Timer
BQ771803DPJR TI1-BQ771803DPJR Datasheet
887Kb / 28P
[Old version datasheet]   Overvoltage Protection for 2-Series to 5-Series Cell Li-Ion Batteries with Internal Delay Timer
BQ771803DPJR TI1-BQ771803DPJR Datasheet
1,007Kb / 28P
[Old version datasheet]   bq7718 Overvoltage Protection for 2-Series to 5-Series Cell Li-Ion Batteries with Internal Delay Timer
More results

Similar Description - BQ771803DPJR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ771808 TI1-BQ771808 Datasheet
810Kb / 19P
[Old version datasheet]   Overvoltage Protection for 2-Series to 5-Series Cell Li-Ion Batteries with Internal Delay Timer
BQ771800 TI-BQ771800 Datasheet
748Kb / 16P
[Old version datasheet]   Overvoltage Protection for 2-Series to 5-Series Cell Li-Ion Batteries with Internal Delay Timer
BQ7718 TI1-BQ7718 Datasheet
887Kb / 28P
[Old version datasheet]   Overvoltage Protection for 2-Series to 5-Series Cell Li-Ion Batteries with Internal Delay Timer
BQ7718 TI-BQ7718_V03 Datasheet
1Mb / 28P
[Old version datasheet]   BQ7718 Overvoltage Protection for 2-Series to 5-Series Cell Li-Ion Batteries with Internal Delay Timer
BQ7718 TI1-BQ7718_V02 Datasheet
1Mb / 28P
[Old version datasheet]   BQ7718 Overvoltage Protection for 2-Series to 5-Series Cell Li-Ion Batteries with Internal Delay Timer
BQ7718 TI-BQ7718_V04 Datasheet
1Mb / 28P
[Old version datasheet]   BQ7718 Overvoltage Protection for 2-Series to 5-Series Cell Li-Ion Batteries with Internal Delay Timer
BQ7718 TI1-BQ7718_V01 Datasheet
1,007Kb / 28P
[Old version datasheet]   bq7718 Overvoltage Protection for 2-Series to 5-Series Cell Li-Ion Batteries with Internal Delay Timer
BQ77205 TI-BQ77205 Datasheet
876Kb / 19P
[Old version datasheet]   BQ77205 Overvoltage Protection for 3-Series to 5-Series Cell Li-Ion Batteries with Internal Delay Timer
OCTOBER 2023
BQ294707 TI1-BQ294707 Datasheet
869Kb / 20P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
BQ771604 TI1-BQ771604 Datasheet
795Kb / 20P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com