Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BS616LV4021DC Datasheet(PDF) 1 Page - Brilliance Semiconductor

Part # BS616LV4021DC
Description  Very Low Power/Voltage CMOS SRAM 256K x 16 or 512K x 8 bit switchable
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BSI [Brilliance Semiconductor]
Direct Link  
Logo BSI - Brilliance Semiconductor

BS616LV4021DC Datasheet(HTML) 1 Page - Brilliance Semiconductor

  BS616LV4021DC Datasheet HTML 1Page - Brilliance Semiconductor BS616LV4021DC Datasheet HTML 2Page - Brilliance Semiconductor BS616LV4021DC Datasheet HTML 3Page - Brilliance Semiconductor BS616LV4021DC Datasheet HTML 4Page - Brilliance Semiconductor BS616LV4021DC Datasheet HTML 5Page - Brilliance Semiconductor BS616LV4021DC Datasheet HTML 6Page - Brilliance Semiconductor BS616LV4021DC Datasheet HTML 7Page - Brilliance Semiconductor BS616LV4021DC Datasheet HTML 8Page - Brilliance Semiconductor BS616LV4021DC Datasheet HTML 9Page - Brilliance Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Revision 2.4
April 2002
1
BSI
Very Low Power/Voltage CMOS SRAM
256K x 16 or 512K x 8 bit switchable
The BS616LV4021 is a high performance, very low power CMOS Static
Random Access Memory organized as 262,144words by 16 bits or
524,288 bytes by 8 bits selectable by CIO pin and operates from a wide
range of 2.4V to 5.5V supply voltage.
Advanced CMOS technology and circuit techniques provide both high
speed and low power features with a typical CMOS standby current
of 0.25uA and maximum access time of 70/100ns in 3V operation.
Easy
memory
expansion is
provided by active HIGH chip
enable2(CE2), active LOW chip enable1(CE1), active LOW output
enable(OE) and three-state output drivers.
The BS616LV4021 has an automatic power down feature, reducing the
power consumption significantly when chip is deselected.
The BS616LV4021 is available in DICE form and 48-ball BGA type.
POWER DISSIPATION
SPEED
(ns)
STANDBY
(ICCSB1, Max)
Operating
(ICC, Max)
PRODUCT
FAMILY
OPERATING
TEMPERATURE
Vcc
RANGE
Vcc=3.0V
Vcc=
3.0V
Vcc=
5.0V
Vcc=
3.0V
Vcc=
5.0V
PKG TYPE
BS616LV4021DC
DICE
BS616LV4021BC
+0
O C to +70 O C
2.4V ~ 5.5V
70 / 100
15uA
1.5uA
20mA
45mA
BGA-48-0810
BS616LV4021DI
DICE
BS616LV4021BI
-40
O C to +85 O C
2.4V ~ 5.5V
70 / 100
3uA
50uA
25mA
50mA
BGA-48-0810
• Very low operation voltage : 2.4 ~ 5.5V
• Very low power consumption :
Vcc = 3.0V C-grade: 20mA (Max.) operating current
I-grade : 25mA (Max.) operating current
0.25uA (Typ.) CMOS standby current
Vcc = 5.0V C-grade: 45mA (Max.) operating current
I-grade : 50mA (Max.) operating current
1.5uA (Typ.) CMOS standby current
• High speed access time :
-70
70ns (Max.) at Vcc=3.0V
-10
100ns (Max.) at Vcc=3.0V
• Automatic power down when chip is deselected
• Three state outputs and TTL compatible
• Fully static operation
• Data retention supply voltage as low as 1.5V
• Easy expansion with CE1, CE2 and OE options
• I/O Configuration x8/x16 selectable by CIO, LB and UB pin
DESCRIPTION
FEATURES
BLOCK DIAGRAM
PRODUCT FAMILY
Brilliance Semiconductor Inc. reserves the right to modify document contents without notice.
BS616LV4021
PIN CONFIGURATION
R0201-BS616LV4021
Row
Decoder
Memory Array
2048 x 2048
Column I/O
Write Driver
Sense Amp
Column Decoder
Data
Buffer
Output
A1 A2 A3
Data
Input
Buffer
Control
Vss
Vdd
OE
WE
D0
A8
A12
16(8)
16(8)
16(8)
16(8)
CE1
D15
A11
A7
A17
A13
14(16)
128(256)
2048
2048
22
A10
A9
A0
A6
A4
A16
A14
Address
Input
Buffer
A5
Address Input Buffer
.
.
.
.
UB
.
.
.
.
LB
A15
CIO
CE2
(SAE)


Similar Part No. - BS616LV4021DC

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616LV4020 BSI-BS616LV4020 Datasheet
218Kb / 12P
   Very Low Power/Voltage CMOS SRAM 256K x 16 or 512K x 8 bit switchable
BS616LV4020AC BSI-BS616LV4020AC Datasheet
218Kb / 12P
   Very Low Power/Voltage CMOS SRAM 256K x 16 or 512K x 8 bit switchable
BS616LV4020AI BSI-BS616LV4020AI Datasheet
218Kb / 12P
   Very Low Power/Voltage CMOS SRAM 256K x 16 or 512K x 8 bit switchable
BS616LV4020BC BSI-BS616LV4020BC Datasheet
218Kb / 12P
   Very Low Power/Voltage CMOS SRAM 256K x 16 or 512K x 8 bit switchable
BS616LV4020BI BSI-BS616LV4020BI Datasheet
218Kb / 12P
   Very Low Power/Voltage CMOS SRAM 256K x 16 or 512K x 8 bit switchable
More results

Similar Description - BS616LV4021DC

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616LV4020 BSI-BS616LV4020 Datasheet
218Kb / 12P
   Very Low Power/Voltage CMOS SRAM 256K x 16 or 512K x 8 bit switchable
BS616LV4025 BSI-BS616LV4025 Datasheet
190Kb / 11P
   Very Low Power/Voltage CMOS SRAM 256K x 16 or 512K x 8 bit switchable
BS616LV4023 BSI-BS616LV4023 Datasheet
219Kb / 11P
   Very Low Power/Voltage CMOS SRAM 256K x 16 or 512K x 8 bit switchable
BS616UV4020 BSI-BS616UV4020 Datasheet
212Kb / 11P
   Ultra Low Power/Voltage CMOS SRAM 256K x 16 or 512K x 8 bit switchable
BS616LV2021 BSI-BS616LV2021 Datasheet
254Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K x 16 or 256K x 8 bit switchable
BS616LV2025 BSI-BS616LV2025 Datasheet
253Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K x 16 or 256K x 8 bit switchable
BS616LV8023 BSI-BS616LV8023 Datasheet
204Kb / 11P
   Very Low Power/Voltage CMOS SRAM 512K x 16 or 1M x 8 bit switchable
BS616LV8021 BSI-BS616LV8021 Datasheet
205Kb / 11P
   Very Low Power/Voltage CMOS SRAM 512K x 16 or 1M x 8 bit switchable
BS616LV8022 BSI-BS616LV8022 Datasheet
210Kb / 11P
   Very Low Power/Voltage CMOS SRAM 512K x 16 or 1M x 8 bit switchable
BS616LV2023 BSI-BS616LV2023 Datasheet
249Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K x 16 or 256K x 8 bit switchable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com