Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ771809DPJR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # BQ771809DPJR
Description  Overvoltage Protection for 2-Series to 5-Series Cell Li-Ion Batteries with Internal Delay Timer
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ771809DPJR Datasheet(HTML) 4 Page - Texas Instruments

  BQ771809DPJR Datasheet HTML 1Page - Texas Instruments BQ771809DPJR Datasheet HTML 2Page - Texas Instruments BQ771809DPJR Datasheet HTML 3Page - Texas Instruments BQ771809DPJR Datasheet HTML 4Page - Texas Instruments BQ771809DPJR Datasheet HTML 5Page - Texas Instruments BQ771809DPJR Datasheet HTML 6Page - Texas Instruments BQ771809DPJR Datasheet HTML 7Page - Texas Instruments BQ771809DPJR Datasheet HTML 8Page - Texas Instruments BQ771809DPJR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
OUT
V3
V1
V2
VSS
VDD
RVD
CVD
CIN
VOV
OSC
Delay
Timer
PACK+
PACK–
INT_EN
REG
V4
RIN
V5
RIN
RIN
RIN
RIN
CIN
CIN
CIN
CIN
bq771800, bq771801, bq771802
bq771803, bq771808, bq771809
SLUSAX1B – DECEMBER 2012 – REVISED OCTOBER 2013
www.ti.com
FUNCTIONAL BLOCK DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Over operating free-air temperature range (unless otherwise noted)
(1)
PARAMETER
CONDITION
VALUE/UNIT
Supply voltage range
VDD–VSS
–0.3 to 30 V
V5–VSS or V4–VSS or
Input voltage range
–0.3 to 30 V
V3–VSS or V2–VSS or V1–VSS
Output voltage range
OUT–VSS
–0.3 to 30 V
Continuous total power dissipation, PTOT
See package dissipation rating.
Functional temperature
–40 to 110°C
Storage temperature range, TSTG
–65 to 150°C
Lead temperature (soldering, 10 s), TSOLDER
300°C
(1)
Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating
conditions” is not implied. Exposure to absolute-maximum–rated conditions for extended periods may affect device reliability.
RECOMMENDED OPERATING CONDITIONS
Over operating free-air temperature range (unless otherwise noted)
PARAMETER
MIN
NOM
MAX
UNIT
Supply voltage, VDD
(1)
3
25
V
Input voltage range
V5–V4 or V4–V3 or
0
5
V
V3–V2 or V2–V1 or V1–VSS
Operating ambient temperature range, TA
–40
110
°C
(1)
See APPLICATION SCHEMATIC.
4
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: bq771800 bq771801 bq771802 bq771803 bq771808 bq771809


Similar Part No. - BQ771809DPJR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ771809DPJR TI1-BQ771809DPJR Datasheet
810Kb / 19P
[Old version datasheet]   Overvoltage Protection for 2-Series to 5-Series Cell Li-Ion Batteries with Internal Delay Timer
BQ771809DPJR TI1-BQ771809DPJR Datasheet
875Kb / 23P
[Old version datasheet]   Internal Delay Timer
BQ771809DPJR TI1-BQ771809DPJR Datasheet
887Kb / 28P
[Old version datasheet]   Overvoltage Protection for 2-Series to 5-Series Cell Li-Ion Batteries with Internal Delay Timer
BQ771809DPJR TI1-BQ771809DPJR Datasheet
1,007Kb / 28P
[Old version datasheet]   bq7718 Overvoltage Protection for 2-Series to 5-Series Cell Li-Ion Batteries with Internal Delay Timer
BQ771809DPJR TI1-BQ771809DPJR Datasheet
1Mb / 28P
[Old version datasheet]   BQ7718 Overvoltage Protection for 2-Series to 5-Series Cell Li-Ion Batteries with Internal Delay Timer
More results

Similar Description - BQ771809DPJR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ771808 TI1-BQ771808 Datasheet
810Kb / 19P
[Old version datasheet]   Overvoltage Protection for 2-Series to 5-Series Cell Li-Ion Batteries with Internal Delay Timer
BQ771800 TI-BQ771800 Datasheet
748Kb / 16P
[Old version datasheet]   Overvoltage Protection for 2-Series to 5-Series Cell Li-Ion Batteries with Internal Delay Timer
BQ7718 TI1-BQ7718 Datasheet
887Kb / 28P
[Old version datasheet]   Overvoltage Protection for 2-Series to 5-Series Cell Li-Ion Batteries with Internal Delay Timer
BQ7718 TI-BQ7718_V03 Datasheet
1Mb / 28P
[Old version datasheet]   BQ7718 Overvoltage Protection for 2-Series to 5-Series Cell Li-Ion Batteries with Internal Delay Timer
BQ7718 TI1-BQ7718_V02 Datasheet
1Mb / 28P
[Old version datasheet]   BQ7718 Overvoltage Protection for 2-Series to 5-Series Cell Li-Ion Batteries with Internal Delay Timer
BQ7718 TI-BQ7718_V04 Datasheet
1Mb / 28P
[Old version datasheet]   BQ7718 Overvoltage Protection for 2-Series to 5-Series Cell Li-Ion Batteries with Internal Delay Timer
BQ7718 TI1-BQ7718_V01 Datasheet
1,007Kb / 28P
[Old version datasheet]   bq7718 Overvoltage Protection for 2-Series to 5-Series Cell Li-Ion Batteries with Internal Delay Timer
BQ77205 TI-BQ77205 Datasheet
876Kb / 19P
[Old version datasheet]   BQ77205 Overvoltage Protection for 3-Series to 5-Series Cell Li-Ion Batteries with Internal Delay Timer
OCTOBER 2023
BQ294707 TI1-BQ294707 Datasheet
869Kb / 20P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
BQ771604 TI1-BQ771604 Datasheet
795Kb / 20P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com