Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD104SLG Datasheet(PDF) 9 Page - AZ Displays

Part # PD104SLG
Description  color TFT LCD module
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PD104SLG Datasheet(HTML) 9 Page - AZ Displays

Back Button PD104SLG Datasheet HTML 5Page - AZ Displays PD104SLG Datasheet HTML 6Page - AZ Displays PD104SLG Datasheet HTML 7Page - AZ Displays PD104SLG Datasheet HTML 8Page - AZ Displays PD104SLG Datasheet HTML 9Page - AZ Displays PD104SLG Datasheet HTML 10Page - AZ Displays PD104SLG Datasheet HTML 11Page - AZ Displays PD104SLG Datasheet HTML 12Page - AZ Displays PD104SLG Datasheet HTML 13Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
PD104SLG
The information contained herein is the exclusive property of E Ink Holdings Inc., and shall not be distributed,
reproduced, or disclosed in whole or in part without prior written permission of E Ink Holdings Inc.
Page:9
5-2) Backlight driving
Connector type : “BHSR-02VS-1” of
Japan Solderless Terminal MFG Co. LTD
Pin No
Symbol
Description
Remark
1
+
Input terminal (Anode)
Wire color : Red
2
-
Input terminal (Cathode)
Wire Color : Black
6.Absolute Maximum Ratings:
GND=0V, Ta=25℃
Parameters
Symbol
MIN.
MAX.
Unit
Remark
Supply Voltage
VDD
-0.3
+4.0
V
7.Electrical Characteristics
7-1) Recommended Operating Conditions:
GND = 0V,Ta = 25℃
Item
Symbol
Min.
Typ.
Max.
Unit
Remark
Supply Voltage
VDD
3.0
3.3
3.6
V
Current Dissipation
IDD
-
190
380
mA
Note 7-1
LVDS Differential input high threshold
VTH
-
-
100
mV
Note 7-2
LVDS Differential input low threshold
VTL
-100
-
-
Note 7-1 : To test the current dissipation of VDD, using the “color bars” testing pattern shown
as below
1
2
3
4
5
6
7
8
1.
White
2.
Yellow
3.
Cyan
4.
Green
5.
Magenta
6.
Red
7.
Blue
8.
Black
Idd current dissipation testing pattern
Note 7-2 :Please refers to THC63LVDF63A specification by THINE Corporation.
This LCD
module conforms to LVDS standard.
P-511-525(V:3)


Similar Part No. - PD104SLG

ManufacturerPart #DatasheetDescription
logo
AZ Displays
PD104SL3 AZDISPLAYS-PD104SL3 Datasheet
510Kb / 21P
   Color TFT LCD module
PD104SL5 AZDISPLAYS-PD104SL5 Datasheet
544Kb / 22P
   Color TFT LCD module
PD104SL7 AZDISPLAYS-PD104SL7 Datasheet
408Kb / 21P
   TECHNICAL SPECIFICATION
PD104SLF AZDISPLAYS-PD104SLF Datasheet
879Kb / 25P
   color TFT LCD module
More results

Similar Description - PD104SLG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TM150XG-22L01A ETC1-TM150XG-22L01A Datasheet
612Kb / 15P
   TFT COLOR LCD MODULE
logo
AZ Displays
PM070WU1 AZDISPLAYS-PM070WU1 Datasheet
582Kb / 20P
   color TFT LCD module
PM102ZY3 AZDISPLAYS-PM102ZY3 Datasheet
793Kb / 28P
   color TFT LCD module
logo
NEC
NL6448BC20-18D NEC-NL6448BC20-18D Datasheet
354Kb / 29P
   TFT COLOR LCD MODULE
logo
AZ Displays
PD040QX2 AZDISPLAYS-PD040QX2 Datasheet
1Mb / 34P
   color TFT LCD module
logo
Purdy Electronics Corpo...
AND-TFT-35VX-LED PURDY-AND-TFT-35VX-LED Datasheet
3Mb / 6P
   TFT LCD Color Module
logo
NEC
NL6448BC33-53 NEC-NL6448BC33-53 Datasheet
253Kb / 29P
   TFT COLOR LCD MODULE
logo
List of Unclassifed Man...
TM150XG-02L02E ETC1-TM150XG-02L02E Datasheet
233Kb / 18P
   TFT COLOR LCD MODULE
TM150XG-02L02F ETC1-TM150XG-02L02F Datasheet
235Kb / 17P
   TFT COLOR LCD MODULE
TM150XG-26L07 ETC1-TM150XG-26L07 Datasheet
200Kb / 14P
   TFT COLOR LCD MODULE
V26L8060AA ETC-V26L8060AA Datasheet
295Kb / 17P
   color TFT LCD module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com