Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LS125N Datasheet(PDF) 3 Page - Motorola, Inc

Part # SN74LS125N
Description  QUAD 3-STATE BUFFERS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

SN74LS125N Datasheet(HTML) 3 Page - Motorola, Inc

  SN74LS125N Datasheet HTML 1Page - Motorola, Inc SN74LS125N Datasheet HTML 2Page - Motorola, Inc SN74LS125N Datasheet HTML 3Page - Motorola, Inc SN74LS125N Datasheet HTML 4Page - Motorola, Inc SN74LS125N Datasheet HTML 5Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
5-209
FAST AND LS TTL DATA
SN54/74LS125A
• SN54/74LS126A
Figure 1
Figure 2
Figure 3
Figure 4
Figure 5
VIN
VOUT
1.3 V
1.3 V
tPLH
tPHL
1.3 V
1.3 V
VIN
VOUT
1.3 V
1.3 V
tPHL
1.3 V
tPLH
1.3 V
VE
VE
VOUT
1.3 V
tPZL
1.3 V
tPLZ
1.3 V
≈ 1.3 V
VOL
0.5 V
VE
VOUT
1.3 V
tPZH
1.3 V
1.3 V
tPHZ
> VOH
≈ 1.3 V
0.5 V
VCC
RL
SW1
TO OUTPUT
UNDER TEST
CL
5 kΩ
SW2
VE
SWITCH POSITIONS
SYMBOL
SW1
SW2
tPZH
Open
Closed
tPZL
Closed
Open
tPLZ
Closed
Closed
tPHZ
Closed
Closed


Similar Part No. - SN74LS125N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SN74LS125A ONSEMI-SN74LS125A Datasheet
99Kb / 4P
   LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
logo
Texas Instruments
SN74LS125A TI-SN74LS125A Datasheet
265Kb / 18P
[Old version datasheet]   QUADRUPLE BUS BUFFERS WITH 3-STATE OUTPUTS
SN74LS125A TI-SN74LS125A Datasheet
648Kb / 22P
[Old version datasheet]   QUADRUPLE BUS BUFFERS WITH 3-STATE OUTPUTS
SN74LS125A TI-SN74LS125A Datasheet
769Kb / 21P
[Old version datasheet]   QUADRUPLE BUS BUFFERS WITH 3-STATE OUTPUTS
logo
ON Semiconductor
SN74LS125AD ONSEMI-SN74LS125AD Datasheet
99Kb / 4P
   LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
More results

Similar Description - SN74LS125N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F125 PHILIPS-74F125 Datasheet
77Kb / 10P
   Quad buffers 3-State
1989 March 28
logo
ON Semiconductor
MM74HC125 ONSEMI-MM74HC125 Datasheet
238Kb / 9P
   3-STATE Quad Buffers
February 2008 Rev. 1.3.0
logo
Fairchild Semiconductor
MM74HC125 FAIRCHILD-MM74HC125 Datasheet
82Kb / 6P
   3-STATE Quad Buffers
MM74HC125 FAIRCHILD-MM74HC125_05 Datasheet
90Kb / 8P
   3-STATE Quad Buffers
logo
Motorola, Inc
MC54F125 MOTOROLA-MC54F125 Datasheet
131Kb / 5P
   3-STATE QUAD BUFFERS
logo
Fairchild Semiconductor
MM74HC126 FAIRCHILD-MM74HC126_08 Datasheet
335Kb / 10P
   3-STATE Quad Buffers
Rev. 1.3.0
logo
IK Semicon Co., Ltd
IN74VHC126 IKSEMICON-IN74VHC126 Datasheet
285Kb / 7P
   QUAD 3-STATE NONINVERTING BUFFERS
IN74VHCT125 IKSEMICON-IN74VHCT125 Datasheet
268Kb / 7P
   Quad 3-State Noninverting Buffers
logo
KODENSHI_AUK CORP.
KK74VHCT126 KODENSHI-KK74VHCT126 Datasheet
280Kb / 7P
   Quad 3-State Noninverting Buffers
logo
STMicroelectronics
M54HC125 STMICROELECTRONICS-M54HC125 Datasheet
256Kb / 9P
   QUAD BUS BUFFERS 3-STATE
March 2004
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com