Electronic Components Datasheet Search |
|
BS616LV4010BI Datasheet(PDF) 4 Page - Brilliance Semiconductor |
|
BS616LV4010BI Datasheet(HTML) 4 Page - Brilliance Semiconductor |
4 / 10 page Revision 2.3 April. 2002 4 R0201-BS616LV4010 JEDEC PARAMETER NAME PARAMETER NAME DESCRIPTION BS616LV4010-70 MIN. TYP. MAX. BS616LV4010-10 MIN. TYP. MAX. UNIT t AVAX t RC Read Cycle Time 70 -- -- 100 -- -- ns t AVQV t AA Address Access Time -- -- 70 -- -- 100 ns t ELQV t ACS Chip Select Access Time (CE) -- -- 70 -- -- 100 ns t BA t BA Data Byte Control Access Time (LB,UB) -- -- 35 -- -- 50 ns t GLQV t OE Output Enable to Output Valid -- -- 35 -- -- 50 ns t ELQX t CLZ Chip Select to Output Low Z (CE) 10 -- -- 15 -- -- ns t BE t BE Data Byte Control to Output Low Z (LB,UB) 10 -- -- 15 -- -- ns t GLQX t OLZ Output Enable to Output in Low Z 10 -- -- 15 -- -- ns t EHQZ t CHZ Chip Deselect to Output in High Z (CE) 0 -- 35 0 -- 40 ns t BDO t BDO Data Byte Control to Output High Z (LB,UB) 0 -- 35 0 -- 40 ns t GHQZ t OHZ Output Disable to Output in High Z 0-- 30 0 -- 35 ns t AXOX t OH Output Disable to Address Change 10 -- -- 15 -- -- ns Input Pulse Levels Input Rise and Fall Times Input and Output Timing Reference Level Vcc/0V 5ns 0.5Vcc AC ELECTRICAL CHARACTERISTICS ( TA = 0 to + 70oC , Vcc = 3.0V ) READ CYCLE AC TEST CONDITIONS AC TEST LOADS AND WAVEFORMS KEY TO SWITCHING WAVEFORMS WAVEFORM INPUTS OUTPUTS MUST BE STEADY MAY CHANGE FROM H TO L DON T CAR ANY CHANG PERMITTED E: CHANGE : ESTATE DOES NOT APPLY MUST BE STEADY WILL BE CHANGE FROM H TO L UNKNOWN CENTER LINE IS HIGH IMPEDANCE ”OFF ”STATE MAY CHANGE FROM L TO H WILL BE CHANGE FROM L TO H , LOW V CC DATA RETENTION WAVEFORM ( CE Controlled ) CE Data Retention Mode Vcc t CDR Vcc t R VIH VIH Vcc VDR 1.5V ≥ CE Vcc - 0.2V ≥ Ω 667 THEVENIN EQUIVALENT ALL INPUT PULSES → 10% 90% ← Vcc GND → ← 5ns 90% 10% 1.73V OUTPUT FIGURE 2 3.3V OUTPUT INCLUDING JIG AND SCOPE Ω 1269 Ω 1404 5PF FIGURE 1B 3.3V OUTPUT INCLUDING JIG AND SCOPE Ω 1269 Ω 100PF FIGURE 1A 1404 BSI BS616LV4010 (1) 1. tBA is 35ns/50ns (@speed=70ns/100ns) with address toggle. ; tBA is 70ns/100ns (@speed=70ns/100ns) without address toggle. NOTE : |
Similar Part No. - BS616LV4010BI |
|
Similar Description - BS616LV4010BI |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |