Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF0869BA02588S Datasheet(PDF) 2 Page - Spectrum Microwave, Inc.

Part # SF0869BA02588S
Description  869 MHz SAW Filter 11 MHz Bandwidth
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRUM [Spectrum Microwave, Inc.]
Direct Link  http://www.spectrummicrowave.com
Logo SPECTRUM - Spectrum Microwave, Inc.

SF0869BA02588S Datasheet(HTML) 2 Page - Spectrum Microwave, Inc.

  SF0869BA02588S Datasheet HTML 1Page - Spectrum Microwave, Inc. SF0869BA02588S Datasheet HTML 2Page - Spectrum Microwave, Inc. SF0869BA02588S Datasheet HTML 3Page - Spectrum Microwave, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
869 MHz SAW Filter
11 MHz Bandwidth
Part Number SF0869BA02588S
Spectrum Microwave
324 Clark Street, Worcester, MA 01606, USA
• Phone 1-508-852-5400 • Fax 1-508-852-8456
www.SpectrumMicrowave.com
DSSF0869BA02588S Rev A 6-Apr-2010
ECN 36650
Page 2 of 3
SPECIFICATION
Parameter
Min
Typ
(1)
Max
Units
Center Frequency FC
-
869
-
MHz
Insertion Loss (868-870 MHz)
-
2.8
3.4
dB
Amplitude Ripple (868-870 MHz)
-
0.3
1.5
dB
Source Impedance (Single Ended)
-
50
(2)
-
ohms
Load Impedance (Single Ended)
50
(2)
-
ohms
Absolute Attenuation
(3)
DC to 300 MHz
45
52
-
dB
300 to 856.5 MHz
40
44
-
dB
856.5 to 859.5 MHz
15
40
-
dB
878 to 883.5 MHz
15
30
-
dB
883.5 to 890 MHz
48
70
-
dB
890 to 915 MHz
28
36
-
dB
915 to 1500 MHz
40
50
dB
Temperature Coefficient of Frequency
-
-36
ppm/
˚C
MAXIMUM RATINGS
Parameter
Min
Max
Units
Storage Temperature Range
-40
85
˚C
Operating temperature Range
-40
85
˚C
Input Power Level
-
15
dBm
Max. D. C. Voltage between Each Terminal
-
3
V
TEST CIRCUIT
HP Network Analyzer
Note: No matching circuit is required.
Notes:
(1). Typical values are nominal performance at room temperature.
(2). No external matching circuit is required.
(3). Reference level from 0 db.
Input
50
Output
50


Similar Part No. - SF0869BA02588S

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
SF0869BA02588S APITECH-SF0869BA02588S Datasheet
169Kb / 3P
   869 MHz SAW Filter 11 MHz Bandwidth
More results

Similar Description - SF0869BA02588S

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
SF0869BA02588S APITECH-SF0869BA02588S Datasheet
169Kb / 3P
   869 MHz SAW Filter 11 MHz Bandwidth
logo
Spectrum Microwave, Inc...
SF0869BA02503S SPECTRUM-SF0869BA02503S Datasheet
201Kb / 3P
   869 MHz SAW Filter 10 MHz Bandwidth
SF0869BA02504S SPECTRUM-SF0869BA02504S Datasheet
133Kb / 3P
   869 MHz SAW Filter 12 MHz Bandwidth
logo
API Technologies Corp
SF0869BA02504S APITECH-SF0869BA02504S Datasheet
133Kb / 3P
   869 MHz SAW Filter 12 MHz Bandwidth
logo
Spectrum Microwave, Inc...
SF0869BA02618S SPECTRUM-SF0869BA02618S Datasheet
121Kb / 3P
   869 MHz SAW Filter 2 MHz Bandwidth
SF0869BA02656S SPECTRUM-SF0869BA02656S Datasheet
146Kb / 3P
   869 MHz SAW Filter 6 MHz Bandwidth
logo
API Technologies Corp
SF0869BA02656S APITECH-SF0869BA02656S Datasheet
146Kb / 3P
   869 MHz SAW Filter 6 MHz Bandwidth
SF0869BA02630S APITECH-SF0869BA02630S Datasheet
187Kb / 3P
   869 MHz SAW Filter 12.5 MHz Bandwidth
logo
Spectrum Microwave, Inc...
SF0869BA02630S SPECTRUM-SF0869BA02630S Datasheet
187Kb / 3P
   869 MHz SAW Filter 12.5 MHz Bandwidth
logo
API Technologies Corp
SF0869BA02503S APITECH-SF0869BA02503S Datasheet
201Kb / 3P
   869 MHz SAW Filter 10 MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com