Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BS616LV8015BC Datasheet(PDF) 3 Page - Brilliance Semiconductor

Part # BS616LV8015BC
Description  Very Low Power/Voltage CMOS SRAM 512K X 16 bit
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BSI [Brilliance Semiconductor]
Direct Link  
Logo BSI - Brilliance Semiconductor

BS616LV8015BC Datasheet(HTML) 3 Page - Brilliance Semiconductor

  BS616LV8015BC Datasheet HTML 1Page - Brilliance Semiconductor BS616LV8015BC Datasheet HTML 2Page - Brilliance Semiconductor BS616LV8015BC Datasheet HTML 3Page - Brilliance Semiconductor BS616LV8015BC Datasheet HTML 4Page - Brilliance Semiconductor BS616LV8015BC Datasheet HTML 5Page - Brilliance Semiconductor BS616LV8015BC Datasheet HTML 6Page - Brilliance Semiconductor BS616LV8015BC Datasheet HTML 7Page - Brilliance Semiconductor BS616LV8015BC Datasheet HTML 8Page - Brilliance Semiconductor BS616LV8015BC Datasheet HTML 9Page - Brilliance Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Revision 2.4
April 2002
3
R0201-BS616LV8015
SYMBOL
PARAMETER
TEST CONDITIONS
MIN. TYP. (1) MAX.
UNITS
VDR
Vcc for Data Retention
CE1
Vcc - 0.2V or CE2 0.2V
VIN
Vcc - 0.2V or VIN
0.2V
1.5
--
--
V
ICCDR
Data Retention Current
CE1
Vcc - 0.2V or CE2 0.2V
VIN
Vcc - 0.2V or VIN
0.2V
--
0.2
2
uA
tCDR
Chip Deselect to Data
Retention Time
0--
-
n
-s
tR
Operation Recovery Time
See Retention Waveform
TRC (2)
--
--
ns
1. Typical characteristics are at TA = 25oC.
2. These are absolute values with respect to device ground and all overshoots due to system or tester notice are included.
3. Fmax = 1/t
RC .
DATA RETENTION CHARACTERISTICS ( TA = 0 to + 70oC )
1. Vcc = 1.5V, TA = + 25OC
2. t
RC = Read Cycle Time
DC ELECTRICAL CHARACTERISTICS ( TA = 0 to + 70oC )
BSI
BS616LV8015
NAME
PARAMETER
TEST CONDITIONS
MIN. TYP.(1) MAX.
VIL
Guaranteed Input Low
Voltage (2)
Vcc=5V
-0.5
--
0.8
V
VIH
Guaranteed Input High
Voltage (2)
Vcc=5V
2.2
--
Vcc+0.2
V
IIL
Input Leakage Current
Vcc = Max, VIN = 0V to Vcc
--
--
1
uA
IOL
Output Leakage Current
Vcc = Max, CE1=VIH, or CE2 = ViL , or
OE = VIH , VI/O= 0V to Vcc
--
--
1
uA
VOL
Output Low Voltage
Vcc = Max, IOL = 2mA
Vcc=5V
--
--
0.4
V
VOH
Output High Voltage
Vcc = Min, I OH=
-1mA
Vcc=5V
2.4
----V
ICC
Operating Power
Current
IL and CE2 =
= 0mA, F = Fmax(3)
Vcc=5V
Supply
Vcc= max, CE1=V
VIH , IDQ
--
--
45
mA
ICCSB
Standby Current
- TTL
Vcc= max, CE1 = V
V, I = 0mA
IH or CE2 =
IL
DQ
Vcc=5V
--
--
2
mA
ICCSB1
Standby Current
- CMOS CE2 0.2V, V
IN
Vcc - 0.2V
or VIN 0.2V
Vcc=5V
Vcc= max,CE1 Vcc -0.2V, or
--
3
30
uA
LOW V
CC DATA RETENTION WAVEFORM (1) ( CE1 Controlled )
CE1
Data Retention Mode
Vcc
t CDR
Vcc
t R
VIH
VIH
Vcc
VDR
1.5V
CE1
Vcc - 0.2V
LOW V
CC DATA RETENTION WAVEFORM (2) ( CE2 Controlled )
CE2
Data Retention Mode
Vcc
t CDR
Vcc
t R
VIL
VIL
Vcc
VDR
1.5V
CE2
0.2V
PARAMETER
UNITS


Similar Part No. - BS616LV8015BC

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616LV8010 BSI-BS616LV8010 Datasheet
272Kb / 9P
   Very Low Power/Voltage CMOS SRAM 512K X 16 bit
BS616LV8010EC BSI-BS616LV8010EC Datasheet
272Kb / 9P
   Very Low Power/Voltage CMOS SRAM 512K X 16 bit
BS616LV8010EC-55 BSI-BS616LV8010EC-55 Datasheet
272Kb / 9P
   Very Low Power/Voltage CMOS SRAM 512K X 16 bit
BS616LV8010EC-70 BSI-BS616LV8010EC-70 Datasheet
272Kb / 9P
   Very Low Power/Voltage CMOS SRAM 512K X 16 bit
BS616LV8010ECG55 BSI-BS616LV8010ECG55 Datasheet
272Kb / 9P
   Very Low Power/Voltage CMOS SRAM 512K X 16 bit
More results

Similar Description - BS616LV8015BC

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616LV8019 BSI-BS616LV8019 Datasheet
271Kb / 9P
   Very Low Power/Voltage CMOS SRAM 512K X 16 bit
BS616LV8012 BSI-BS616LV8012 Datasheet
207Kb / 9P
   Very Low Power/Voltage CMOS SRAM 512K X 16 bit
BS616LV8013 BSI-BS616LV8013 Datasheet
203Kb / 9P
   Very Low Power/Voltage CMOS SRAM 512K X 16 bit
BS616LV8010 BSI-BS616LV8010 Datasheet
272Kb / 9P
   Very Low Power/Voltage CMOS SRAM 512K X 16 bit
BS616LV8011 BSI-BS616LV8011 Datasheet
192Kb / 9P
   Very Low Power/Voltage CMOS SRAM 512K X 16 bit
BS616LV8016 BSI-BS616LV8016 Datasheet
255Kb / 8P
   Very Low Power/Voltage CMOS SRAM 512K X 16 bit
BS616LV8018 BSI-BS616LV8018 Datasheet
253Kb / 8P
   Very Low Power/Voltage CMOS SRAM 512K X 16 bit
BS616LV8017 BSI-BS616LV8017 Datasheet
272Kb / 9P
   Very Low Power/Voltage CMOS SRAM 512K X 16 bit
BS616LV8016 BSI-BS616LV8016_06 Datasheet
155Kb / 10P
   Very Low Power CMOS SRAM 512K X 16 bit
BS616LV8017 BSI-BS616LV8017_08 Datasheet
245Kb / 11P
   Very Low Power CMOS SRAM 512K X 16 bit
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com