Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BS616LV8015BI Datasheet(PDF) 1 Page - Brilliance Semiconductor

Part # BS616LV8015BI
Description  Very Low Power/Voltage CMOS SRAM 512K X 16 bit
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BSI [Brilliance Semiconductor]
Direct Link  
Logo BSI - Brilliance Semiconductor

BS616LV8015BI Datasheet(HTML) 1 Page - Brilliance Semiconductor

  BS616LV8015BI Datasheet HTML 1Page - Brilliance Semiconductor BS616LV8015BI Datasheet HTML 2Page - Brilliance Semiconductor BS616LV8015BI Datasheet HTML 3Page - Brilliance Semiconductor BS616LV8015BI Datasheet HTML 4Page - Brilliance Semiconductor BS616LV8015BI Datasheet HTML 5Page - Brilliance Semiconductor BS616LV8015BI Datasheet HTML 6Page - Brilliance Semiconductor BS616LV8015BI Datasheet HTML 7Page - Brilliance Semiconductor BS616LV8015BI Datasheet HTML 8Page - Brilliance Semiconductor BS616LV8015BI Datasheet HTML 9Page - Brilliance Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Revision 2.4
April 2002
1
R0201-BS616LV8015
Very Low Power/Voltage CMOS SRAM
512K X 16 bit
• Very low operation voltage : 4.5~5.5V
• Very low power consumption :
Vcc = 5.0V C-grade: 45mA (Max.) operating current
I-grade : 50mA (Max.) operating current
3uA (Typ.) CMOS standby current
• High speed access time :
-55
70ns (Max.) at Vcc=5V
-70
70ns (Max.) at Vcc=5V
• Automatic power down when chip is deselected
• Three state outputs and TTL compatible
• Fully static operation
• Data retention supply voltage as low as 1.5V
• Easy expansion with CE1,CE2 and OE options
• I/O Configuration x8/x16 selectable by LB and UB pin
The BS616LV8015 is a high performance, very low power CMOS Static
Random Access Memory organized as 524,288 words by 16 bits and
operates from a wide range of 4.5V to 5.5V supply voltage.
Advanced CMOS technology and circuit techniques provide both high
speed and low power features with a typical CMOS standby current
of 3uA and maximum access time of 55/70ns in 5V operation.
Easy memory expansion is provided by an active LOW chip enable(CE1),
active HIGH chip enable (CE2), active LOW output enable(OE) and
three-state output drivers.
The BS616LV8015 has an automatic power down feature, reducing the
power consumption significantly when chip is deselected.
The BS616LV8015 is available in 48-pin BGA package.
DESCRIPTION
FEATURES
BLOCK DIAGRAM
PRODUCT FAMILY
PIN CONFIGURATIONS
Brilliance Semiconductor Inc. reserves the right to modify document contents without notice.
BS616LV8015
LB
OE
A0
A1
A2
CE2
D8
UB
A3
A4
CE1
D0
D9
D10
A5
A6
D1
D2
VSS
D3
VCC
VCC
D12
A16
D4
VSS
D14
D13
A14
A15
D15
NC
.
A12
A13
WE
D7
D11
A17
A7
D5
D6
A8
A8
A9
A10
A11
NC
1
A
B
C
D
E
F
G
H
1
2
3456
VSS
POWER DISSIPATION
SPEED
(ns)
STANDBY
(I
, Max)
CCSB1
Operating
(I
, Max)
CC
PRODUCT FAMILY
OPERATING
TEMPERATURE
Vcc
RANGE
Vcc=5V
Vcc=5V
Vcc=5V
PKG TYPE
BS616LV8015BC
+0 O C to +70 O C4.5V ~
BS616LV8015BI
-40 O C to +85 O C4.5V ~
5.5V
55 / 70
30uA
45mA
BGA-48-0810
5.5V
55 / 70
100uA
50mA
BGA-48-0810
Row
Decoder
Memory Array
2048 x 4096
Column I/O
Write Driver
Sense Amp
Column Decoder
Data
Buffer
Output
A9 A8 A7
Data
Input
Buffer
Control
Gnd
Vcc
OE
A15
A1
16
16
16
16
WE
CE1
D15
D0
A0
A13
A14
A2
16
256
4096
2048
22
A17
A16
A10
A12
A6
A11
A3
Address
Input
Buffer
A5
Address Input Buffer
.
.
.
.
UB
.
.
.
.
LB
A4
A18
CE2
48-Ball CSP top View
BSI


Similar Part No. - BS616LV8015BI

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616LV8010 BSI-BS616LV8010 Datasheet
272Kb / 9P
   Very Low Power/Voltage CMOS SRAM 512K X 16 bit
BS616LV8010EC BSI-BS616LV8010EC Datasheet
272Kb / 9P
   Very Low Power/Voltage CMOS SRAM 512K X 16 bit
BS616LV8010EC-55 BSI-BS616LV8010EC-55 Datasheet
272Kb / 9P
   Very Low Power/Voltage CMOS SRAM 512K X 16 bit
BS616LV8010EC-70 BSI-BS616LV8010EC-70 Datasheet
272Kb / 9P
   Very Low Power/Voltage CMOS SRAM 512K X 16 bit
BS616LV8010ECG55 BSI-BS616LV8010ECG55 Datasheet
272Kb / 9P
   Very Low Power/Voltage CMOS SRAM 512K X 16 bit
More results

Similar Description - BS616LV8015BI

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616LV8019 BSI-BS616LV8019 Datasheet
271Kb / 9P
   Very Low Power/Voltage CMOS SRAM 512K X 16 bit
BS616LV8012 BSI-BS616LV8012 Datasheet
207Kb / 9P
   Very Low Power/Voltage CMOS SRAM 512K X 16 bit
BS616LV8013 BSI-BS616LV8013 Datasheet
203Kb / 9P
   Very Low Power/Voltage CMOS SRAM 512K X 16 bit
BS616LV8010 BSI-BS616LV8010 Datasheet
272Kb / 9P
   Very Low Power/Voltage CMOS SRAM 512K X 16 bit
BS616LV8011 BSI-BS616LV8011 Datasheet
192Kb / 9P
   Very Low Power/Voltage CMOS SRAM 512K X 16 bit
BS616LV8016 BSI-BS616LV8016 Datasheet
255Kb / 8P
   Very Low Power/Voltage CMOS SRAM 512K X 16 bit
BS616LV8018 BSI-BS616LV8018 Datasheet
253Kb / 8P
   Very Low Power/Voltage CMOS SRAM 512K X 16 bit
BS616LV8017 BSI-BS616LV8017 Datasheet
272Kb / 9P
   Very Low Power/Voltage CMOS SRAM 512K X 16 bit
BS616LV8016 BSI-BS616LV8016_06 Datasheet
155Kb / 10P
   Very Low Power CMOS SRAM 512K X 16 bit
BS616LV8017 BSI-BS616LV8017_08 Datasheet
245Kb / 11P
   Very Low Power CMOS SRAM 512K X 16 bit
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com