Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BS616UV1620 Datasheet(PDF) 6 Page - Brilliance Semiconductor

Part # BS616UV1620
Description  Ultra Low Power/Voltage CMOS SRAM 1M x 16 or 2M x 8 bit switchable
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BSI [Brilliance Semiconductor]
Direct Link  
Logo BSI - Brilliance Semiconductor

BS616UV1620 Datasheet(HTML) 6 Page - Brilliance Semiconductor

Back Button BS616UV1620 Datasheet HTML 2Page - Brilliance Semiconductor BS616UV1620 Datasheet HTML 3Page - Brilliance Semiconductor BS616UV1620 Datasheet HTML 4Page - Brilliance Semiconductor BS616UV1620 Datasheet HTML 5Page - Brilliance Semiconductor BS616UV1620 Datasheet HTML 6Page - Brilliance Semiconductor BS616UV1620 Datasheet HTML 7Page - Brilliance Semiconductor BS616UV1620 Datasheet HTML 8Page - Brilliance Semiconductor BS616UV1620 Datasheet HTML 9Page - Brilliance Semiconductor BS616UV1620 Datasheet HTML 10Page - Brilliance Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Revision 2.2
April 2001
6
Input Pulse Levels
Input Rise and Fall Times
Input and Output
Timing Reference Level
Vcc/0V
5ns
0.5Vcc
AC ELECTRICAL CHARACTERISTICS ( TA = 0oC to +70oC, Vcc = 2.0V )
READ CYCLE
AC TEST CONDITIONS
AC TEST LOADS AND WAVEFORMS
BSI
BS616UV1620
KEY TO SWITCHING WAVEFORMS
WAVEFORM
INPUTS
OUTPUTS
MUST BE
STEADY
MAY CHANGE
FROM H TO L
DON T CARE:
ANY CHANGE
PERMITTED
DOES NOT
APPLY
MUST BE
STEADY
WILL BE
CHANGE
FROM H TO L
CHANGE :
STATE
UNKNOWN
CENTER
LINE IS HIGH
IMPEDANCE
”OFF ”STATE
MAY CHANGE
FROM L TO H
WILL BE
CHANGE
FROM L TO H
,
JEDEC
PARAMETER
NAME
PARAMETER
NAME
DESCRIPTION
BS616UV1620-70
MIN. TYP. MAX.
UNIT
Data Byte Control to Output High Z
Read Cycle Time
t
AVAX
t
AVQV
t
E1LQV
t
GLQV
t
BE
t
E1HQZ
t
GHQZ
t
BDO
t
GLQX
t
E1LQX
t
BA
t
RC
t
AA
t
ACS1
t
BA
t
OE
t
CL1
t
BE
t
OLZ
t
CHZ
t
BDO
t
OHZ
t
OH
Address Access Time
Chip Select Access Time
Data Byte Control Access Time
Chip Select to Output Low Z
Output Enable to Output in Low Z
Chip Deselect to Output in High Z
Output Disable to Output in High Z
Output Disable to Output Address Change
Data Byte Control to Output Low Z
70
10
10
10
0
0
0
10
t
AXQX
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
Output Enable to Output Valid
(CE1)
(CE2,CE1)
70
70
70
50
50
35
30
30
BS616UV1620-10
MIN. TYP. MAX.
100
15
15
15
0
0
0
15
100
100
100
60
60
40
35
35
(CE2,CE1)
ns
t
E2LQV
t
ACS2
(CE2)
Chip Select Access Time
(LB,UB)
(LB,UB)
(LB,UB)
R0201-BS616UV1620
800
THEVENIN EQUIVALENT
ALL INPUT PULSES
10%
90%
Vcc
GND
5ns
90%
10%
1.2V
OUTPUT
FIGURE 2
2V
OUTPUT
INCLUDING
JIG AND
SCOPE
1333
2000
5PF
FIGURE 1B
2V
OUTPUT
INCLUDING
JIG AND
SCOPE
1333
100PF
FIGURE 1A
2000


Similar Part No. - BS616UV1620

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616UV1610 BSI-BS616UV1610 Datasheet
217Kb / 10P
   Ultra Low Power/Voltage CMOS SRAM 1M X 16 bit
BS616UV1610BC BSI-BS616UV1610BC Datasheet
217Kb / 10P
   Ultra Low Power/Voltage CMOS SRAM 1M X 16 bit
BS616UV1610BI BSI-BS616UV1610BI Datasheet
217Kb / 10P
   Ultra Low Power/Voltage CMOS SRAM 1M X 16 bit
BS616UV1610FC BSI-BS616UV1610FC Datasheet
217Kb / 10P
   Ultra Low Power/Voltage CMOS SRAM 1M X 16 bit
BS616UV1610FI BSI-BS616UV1610FI Datasheet
217Kb / 10P
   Ultra Low Power/Voltage CMOS SRAM 1M X 16 bit
More results

Similar Description - BS616UV1620

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616LV1626 BSI-BS616LV1626 Datasheet
255Kb / 10P
   Very Low Power/Voltage CMOS SRAM 1M x 16 or 2M x 8 bit switchable
logo
List of Unclassifed Man...
BS616LV1623 ETC-BS616LV1623 Datasheet
256Kb / 10P
   Very Low Power/Voltage CMOS SRAM 1M x 16 or 2M x 8 bit switchable
logo
Brilliance Semiconducto...
BS616LV1622 BSI-BS616LV1622 Datasheet
257Kb / 10P
   Very Low Power/Voltage CMOS SRAM 1M x 16 or 2M x 8 bit switchable
BS616UV8021 BSI-BS616UV8021 Datasheet
215Kb / 12P
   Ultra Low Power/Voltage CMOS SRAM 512K x 16 or 1M x 8 bit switchable
BS616UV8020 BSI-BS616UV8020 Datasheet
207Kb / 11P
   Ultra Low Power/Voltage CMOS SRAM 512K x 16 or 1M x 8 bit switchable
BS616LV8023 BSI-BS616LV8023 Datasheet
204Kb / 11P
   Very Low Power/Voltage CMOS SRAM 512K x 16 or 1M x 8 bit switchable
BS616LV8021 BSI-BS616LV8021 Datasheet
205Kb / 11P
   Very Low Power/Voltage CMOS SRAM 512K x 16 or 1M x 8 bit switchable
BS616LV8022 BSI-BS616LV8022 Datasheet
210Kb / 11P
   Very Low Power/Voltage CMOS SRAM 512K x 16 or 1M x 8 bit switchable
BS616LV8025 BSI-BS616LV8025 Datasheet
207Kb / 11P
   Very Low Power/Voltage CMOS SRAM 512K x 16 or 1M x 8 bit switchable
BS616UV2021 BSI-BS616UV2021 Datasheet
254Kb / 11P
   Ultra Low Power/Voltage CMOS SRAM 128K x 16 or 256K x 8 bit switchable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com