Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF1575BA02532S Datasheet(PDF) 2 Page - Spectrum Microwave, Inc.

Part # SF1575BA02532S
Description  1575.42 MHz SAW Filter 35 MHz Bandwidth
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPECTRUM [Spectrum Microwave, Inc.]
Direct Link  http://www.spectrummicrowave.com
Logo SPECTRUM - Spectrum Microwave, Inc.

SF1575BA02532S Datasheet(HTML) 2 Page - Spectrum Microwave, Inc.

  SF1575BA02532S Datasheet HTML 1Page - Spectrum Microwave, Inc. SF1575BA02532S Datasheet HTML 2Page - Spectrum Microwave, Inc. SF1575BA02532S Datasheet HTML 3Page - Spectrum Microwave, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1575.42 MHz SAW Filter
35 MHz Bandwidth
Part Number SF1575BA02532S
Spectrum Microwave
324 Clark Street, Worcester, MA 01606, USA
• Phone 1-508-852-5400 • Fax 1-508-852-8456
www.SpectrumMicrowave.com
DSSF1575BA02532S Rev X4
1-Mar-2010
ECN 36650
Page 2 of 3
SPECIFICATION
Parameter
Min
Typ
Max
Units
Center Frequency FC
-
1575.42
-
MHz
Insertion Loss
1
-
2.7
3.5
dB
Passband Amplitude Ripple
1
-
0.1
1.0
dB
Stopband Rejection, 1475.42 MHz
2
35
40
-
dB
Stopband Rejection, 1535.42 MHz
2
30
37
-
dB
Stopband Rejection, 1615.42 MHz
2
30
60
-
dB
Stopband Rejection, 1675.42 MHz
2
40
62
-
dB
VSWR
1
-
1.2
2.0
--
Source and Load Impedance
50
ohms
Ambient Temperature
25
˚C
Notes:
1. Defined over 1574.42 to 1576.42 MHz.
2. Relative to insertion loss.
MAXIMUM RATINGS
Parameter
Min
Max
Units
Storage Temperature Range
-50
100
˚C
Operating temperature Range
-40
85
˚C
Input Power Level
-
10
dBm
Max. D. C. Voltage between Each Terminal
-
5
V
TEST CIRCUIT
Notes:
Circuit operates in 50 ohm system, single-ended.
No matching circuit is required.
Input
50
Single ended
Output
50
Single ended


Similar Part No. - SF1575BA02532S

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
SF1575BA02532S APITECH-SF1575BA02532S Datasheet
203Kb / 3P
   1575.42 MHz SAW Filter 35 MHz Bandwidth
More results

Similar Description - SF1575BA02532S

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
SF1575BA02634S SPECTRUM-SF1575BA02634S Datasheet
120Kb / 3P
   1575.42 MHz SAW Filter 35 MHz Bandwidth
logo
API Technologies Corp
SF1575BA02634S APITECH-SF1575BA02634S Datasheet
120Kb / 3P
   1575.42 MHz SAW Filter 35 MHz Bandwidth
SF1575BA02532S APITECH-SF1575BA02532S Datasheet
203Kb / 3P
   1575.42 MHz SAW Filter 35 MHz Bandwidth
SF1575BA02627S APITECH-SF1575BA02627S Datasheet
111Kb / 3P
   1575.42 MHz SAW Filter 45 MHz Bandwidth
logo
Spectrum Microwave, Inc...
SF1575BA02627S SPECTRUM-SF1575BA02627S Datasheet
111Kb / 3P
   1575.42 MHz SAW Filter 45 MHz Bandwidth
SF1575BA02506S SPECTRUM-SF1575BA02506S Datasheet
149Kb / 3P
   1575.42 MHz SAW Filter 55 MHz Bandwidth
logo
API Technologies Corp
SF1575BA02506S APITECH-SF1575BA02506S Datasheet
149Kb / 3P
   1575.42 MHz SAW Filter 55 MHz Bandwidth
SF1575BA02534S APITECH-SF1575BA02534S Datasheet
111Kb / 3P
   1575.42 MHz SAW Filter 48 MHz Bandwidth
logo
Spectrum Microwave, Inc...
SF1575BA02534S SPECTRUM-SF1575BA02534S Datasheet
111Kb / 3P
   1575.42 MHz SAW Filter 48 MHz Bandwidth
logo
API Technologies Corp
SF0258BA02488S APITECH-SF0258BA02488S Datasheet
158Kb / 3P
   257.5 MHz SAW Filter 35 MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com