Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BS616UV2011AC Datasheet(PDF) 3 Page - Brilliance Semiconductor

Part # BS616UV2011AC
Description  Ultra Low Power/Voltage CMOS SRAM 128K X 16 bit
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BSI [Brilliance Semiconductor]
Direct Link  
Logo BSI - Brilliance Semiconductor

BS616UV2011AC Datasheet(HTML) 3 Page - Brilliance Semiconductor

  BS616UV2011AC Datasheet HTML 1Page - Brilliance Semiconductor BS616UV2011AC Datasheet HTML 2Page - Brilliance Semiconductor BS616UV2011AC Datasheet HTML 3Page - Brilliance Semiconductor BS616UV2011AC Datasheet HTML 4Page - Brilliance Semiconductor BS616UV2011AC Datasheet HTML 5Page - Brilliance Semiconductor BS616UV2011AC Datasheet HTML 6Page - Brilliance Semiconductor BS616UV2011AC Datasheet HTML 7Page - Brilliance Semiconductor BS616UV2011AC Datasheet HTML 8Page - Brilliance Semiconductor BS616UV2011AC Datasheet HTML 9Page - Brilliance Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
R0201-BS616UV2011
Revision 2.5
April 2002
3
SYMBOL
PARAMETER
TEST CONDITIONS
MIN.
TYP. (1)
MAX.
UNITS
VDR
Vcc for Data Retention
CE
Vcc - 0.2V
VIN
Vcc - 0.2V or VIN
0.2V
1.5
--
--
V
ICCDR
Data Retention Current
CE
Vcc - 0.2V
VIN
Vcc - 0.2V or VIN
0.2V
--
0.05
0.5
uA
tCDR
Chip Deselect to Data
Retention Time
0
--
--
ns
tR
Operation Recovery Time
See Retention Waveform
TRC
(2)
--
--
ns
SYMBOL
PARAMETER
CONDITIONS
MAX.
UNIT
CIN
Input
Capacitance
VIN=0V
6
pF
CDQ
Input/Output
Capacitance
VI/O=0V
8
pF
RANGE
AMBIENT
TEMPERATURE
Vcc
Commercial
0 O C to +70 O C1.8V ~ 3.6V
Industrial
-40 O C to +85 O C1.8V ~ 3.6V
1. Typical characteristics are at TA = 25oC.
2. These are absolute values with respect to device ground and all overshoots due to system or tester notice are included.
3. Fmax = 1/t
RC .
DATA RETENTION CHARACTERISTICS ( TA = 0 to + 70oC )
1. Vcc = 1.5V, TA = + 25OC
2. t
RC = Read Cycle Time
ABSOLUTE MAXIMUM RATINGS(1)
OPERATING RANGE
CAPACITANCE (1) (TA = 25oC, f = 1.0 MHz)
1. Stresses greater than those listed under ABSOLUTE MAXIMUM
RATINGS may cause permanent damage to the device. This is a
stress rating only and functional operation of the device at these
or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
reliability.
1. This parameter is guaranteed and not tested.
DC ELECTRICAL CHARACTERISTICS ( TA = 0 to + 70oC )
SYMBOL
PARAMETER
RATING
UNITS
VTERM
Terminal
Voltage
with
Respect to GND
-0.5 to
Vcc+0.5
V
TBIAS
Temperature Under Bias
-40 to +125
O C
TSTG
Storage Temperature
-60 to +150
O C
PT
Power Dissipation
1.0
W
IOUT
DC Output Current
20
mA
BSI
BS616UV2011
PARAMETER
NAME
PARAMETER
TEST CONDITIONS
MIN. TYP. (1) MAX.
UNITS
Vcc=2.0V
0.6
VIL
Guaranteed Input Low
(2)
Voltage
0.8
Vcc=3.0V
-0.5
--
V
Vcc=2.0V
1.4
VIH
Guaranteed Input High
(2)
Voltage
Vcc=3.0V
2.0
--
Vcc+0.2
V
IIL
Input Leakage Current
= 0V to Vcc
Vcc = Max, VIN
--
--
1
uA
IOL
Output Leakage Current
Vcc = Max, CE = V
V= 0V to Vcc
IH
, or OE = VIH,
I/O
--
--
1
uA
Vcc=2.0V
VOL
Output Low Voltage
= 1mA
Vcc = Max, IOL
Vcc=3.0V
--
--
0.4
V
Vcc=2.0V
1.6
VOH
Output High Voltage
= -0.5mA
Vcc = Min, IOH
Vcc=3.0V
2.4
--
--
V
Vcc=2.0V
--
--
15
ICC
Operating Power Supply
Current
CE = VIL, IDQ = 0mA, F =
Vcc=3.0V
Fmax(3)
--
--
20
mA
Vcc=2.0V
--
--
0.1
ICCSB
Standby Current
TTL
IH
, IDQ = 0mA
CE = V
Vcc=3.0V
--
--
0.5
mA
Vcc=2.0V
--
0.08
0.5
ICCSB1
Standby Current CMOS
CE
Vcc-0.2V,
VIN
Vcc - 0.2V or VIN
0.2V
Vcc=3.0V
--
0.1
0.7
uA


Similar Part No. - BS616UV2011AC

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616UV2019 BSI-BS616UV2019 Datasheet
267Kb / 9P
   Ultra Low Power/Voltage CMOS SRAM 128K X 16 bit
BS616UV2019 BSI-BS616UV2019 Datasheet
172Kb / 11P
   Ultra Low Power CMOS SRAM 128K X 16 bit
BS616UV2019 BSI-BS616UV2019 Datasheet
239Kb / 11P
   Ultra Low Power CMOS SRAM 128K X 16 bit
BS616UV2019AC BSI-BS616UV2019AC Datasheet
267Kb / 9P
   Ultra Low Power/Voltage CMOS SRAM 128K X 16 bit
BS616UV2019AC-10 BSI-BS616UV2019AC-10 Datasheet
267Kb / 9P
   Ultra Low Power/Voltage CMOS SRAM 128K X 16 bit
More results

Similar Description - BS616UV2011AC

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616UV2019 BSI-BS616UV2019 Datasheet
267Kb / 9P
   Ultra Low Power/Voltage CMOS SRAM 128K X 16 bit
BS616UV2019 BSI-BS616UV2019_08 Datasheet
239Kb / 11P
   Ultra Low Power CMOS SRAM 128K X 16 bit
BS616UV2019 BSI-BS616UV2019_06 Datasheet
172Kb / 11P
   Ultra Low Power CMOS SRAM 128K X 16 bit
logo
AMIC Technology
LP62P16128C-T AMICC-LP62P16128C-T Datasheet
163Kb / 15P
   128K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62E16128A-T AMICC-LP62E16128A-T Datasheet
210Kb / 15P
   128K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62S16128B-T AMICC-LP62S16128B-T Datasheet
160Kb / 14P
   128K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62S16128C-I AMICC-LP62S16128C-I Datasheet
166Kb / 15P
   128K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62E16128A-I AMICC-LP62E16128A-I_15 Datasheet
179Kb / 15P
   128K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62S16128-T AMICC-LP62S16128-T Datasheet
158Kb / 14P
   128K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62E16128A-T AMICC-LP62E16128A-T_15 Datasheet
216Kb / 15P
   128K X 16 BIT LOW VOLTAGE CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com