Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BS616UV4010EC Datasheet(PDF) 4 Page - Brilliance Semiconductor

Part # BS616UV4010EC
Description  Ultra Low Power/Voltage CMOS SRAM 256K X 16 bit
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BSI [Brilliance Semiconductor]
Direct Link  
Logo BSI - Brilliance Semiconductor

BS616UV4010EC Datasheet(HTML) 4 Page - Brilliance Semiconductor

  BS616UV4010EC Datasheet HTML 1Page - Brilliance Semiconductor BS616UV4010EC Datasheet HTML 2Page - Brilliance Semiconductor BS616UV4010EC Datasheet HTML 3Page - Brilliance Semiconductor BS616UV4010EC Datasheet HTML 4Page - Brilliance Semiconductor BS616UV4010EC Datasheet HTML 5Page - Brilliance Semiconductor BS616UV4010EC Datasheet HTML 6Page - Brilliance Semiconductor BS616UV4010EC Datasheet HTML 7Page - Brilliance Semiconductor BS616UV4010EC Datasheet HTML 8Page - Brilliance Semiconductor BS616UV4010EC Datasheet HTML 9Page - Brilliance Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Revision 2.4
April 2002
4
R0201-BS616UV4010
JEDEC
PARAMETER
NAME
PARAMETER
NAME
DESCRIPTION
BS616UV4010-70
MIN. TYP. MAX.
BS616UV4010-10
MIN. TYP. MAX.
UNIT
t
AVAX
Read Cycle Time
t
RC
70
--
--
100
--
--
ns
t
AVQV
t
AA
Address Access Time
--
--
70
--
--
100
ns
t
ELQV
t
ACS
Chip Select Access Time
(CE)
--
--
70
--
--
100
ns
t
BA
t
BA
Data Byte Control Access Time
(LB,UB)
--
--
35
--
--
50
ns
t
GLQV
t
OE
Output Enable to Output Valid
--
--
35
--
--
50
ns
t
ELQX
t
CLZ
Chip Select to Output Low Z
(CE)
10
--
--
15
--
--
ns
t
BE
t
BE
Data Byte Control to Output Low Z
(LB,UB)
10
--
--
15
--
--
ns
t
GLQX
t
OLZ
Output Enable to Output in Low Z
10
--
--
15
--
--
ns
t
EHQZ
t
CHZ
Chip Deselect to Output in High Z
(CE)
0
--
35
0
--
40
ns
t
BDO
t
BDO
Data Byte Control to Output High Z
(LB,UB)
0
--
35
0
--
40
ns
t
GHQZ
t
OHZ
Output Disable to Output in High Z
0--
30
0
--
35
ns
t
AXOX
t
OH
Output Disable to Address Change
10
--
--
15
--
--
ns
Input Pulse Levels
Input Rise and Fall Times
Input and Output
Timing Reference Level
Vcc/0V
5ns
0.5Vcc
AC ELECTRICAL CHARACTERISTICS ( TA = 0 to + 70oC , Vcc = 2.0V )
READ CYCLE
AC TEST CONDITIONS
AC TEST LOADS AND WAVEFORMS
KEY TO SWITCHING WAVEFORMS
WAVEFORM
INPUTS
OUTPUTS
MUST BE
STEADY
MAY CHANGE
FROM H TO L
DON T CAR
ANY CHANG
PERMITTED
E:
CHANGE :
E
STATE
DOES NOT
APPLY
MUST BE
STEADY
WILL BE
CHANGE
FROM H TO L
UNKNOWN
CENTER
LINE IS HIGH
IMPEDANCE
”OFF ”STATE
MAY CHANGE
FROM L TO H
WILL BE
CHANGE
FROM L TO H
,
LOW V
CC DATA RETENTION WAVEFORM ( CE Controlled )
CE
Data Retention Mode
Vcc
t CDR
Vcc
t R
VIH
VIH
Vcc
VDR
1.5V
CE
Vcc - 0.2V
BSI
BS616UV4010
800
THEVENIN EQUIVALENT
ALL INPUT PULSES
10%
90%
Vcc
GND
← 5ns
90%
10%
1.2V
OUTPUT
FIGURE 2
2V
OUTPUT
INCLUDING
JIG AND
SCOPE
2000
5PF
FIGURE 1B
1333
2V
OUTPUT
INCLUDING
JIG AND
SCOPE
100PF
FIGURE 1A
1333
2000
(1)
1. tBA is 35ns/50ns (@speed=70ns/100ns) with address toggle. ; tBA is 70ns/100ns (@speed=70ns/100ns) without address toggle.
NOTE :


Similar Part No. - BS616UV4010EC

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616UV4016 BSI-BS616UV4016 Datasheet
149Kb / 10P
   Ultra Low Power/High Speed CMOS SRAM 256K X 16 Bit
BS616UV4016 BSI-BS616UV4016 Datasheet
207Kb / 11P
   Ultra Low Power CMOS SRAM 256K X 16 bit
BS616UV4016 BSI-BS616UV4016 Datasheet
245Kb / 11P
   Ultra Low Power CMOS SRAM 256K X 16 bit
BS616UV4016AC BSI-BS616UV4016AC Datasheet
149Kb / 10P
   Ultra Low Power/High Speed CMOS SRAM 256K X 16 Bit
BS616UV4016AC-10 BSI-BS616UV4016AC-10 Datasheet
149Kb / 10P
   Ultra Low Power/High Speed CMOS SRAM 256K X 16 Bit
More results

Similar Description - BS616UV4010EC

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616UV4016 BSI-BS616UV4016_06 Datasheet
207Kb / 11P
   Ultra Low Power CMOS SRAM 256K X 16 bit
BS616UV4016 BSI-BS616UV4016_08 Datasheet
245Kb / 11P
   Ultra Low Power CMOS SRAM 256K X 16 bit
logo
AMIC Technology
LP62S16256E-I AMICC-LP62S16256E-I Datasheet
167Kb / 15P
   256K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62S16256E-T AMICC-LP62S16256E-T Datasheet
167Kb / 15P
   256K X 16 BIT LOW VOLTAGE CMOS SRAM
A62S8316 AMICC-A62S8316 Datasheet
142Kb / 15P
   256K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62E16256E-T AMICC-LP62E16256E-T_15 Datasheet
193Kb / 14P
   256K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62S16256F-T AMICC-LP62S16256F-T Datasheet
159Kb / 14P
   256K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62S16256F-I AMICC-LP62S16256F-I_15 Datasheet
176Kb / 14P
   256K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62E16256E-T AMICC-LP62E16256E-T Datasheet
164Kb / 15P
   256K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62S16256G-I AMICC-LP62S16256G-I Datasheet
176Kb / 14P
   256K X 16 BIT LOW VOLTAGE CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com