Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BS616UV8010 Datasheet(PDF) 9 Page - Brilliance Semiconductor

Part # BS616UV8010
Description  Ultra Low Power/Voltage CMOS SRAM 512K X 16 bit
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BSI [Brilliance Semiconductor]
Direct Link  
Logo BSI - Brilliance Semiconductor

BS616UV8010 Datasheet(HTML) 9 Page - Brilliance Semiconductor

  BS616UV8010 Datasheet HTML 1Page - Brilliance Semiconductor BS616UV8010 Datasheet HTML 2Page - Brilliance Semiconductor BS616UV8010 Datasheet HTML 3Page - Brilliance Semiconductor BS616UV8010 Datasheet HTML 4Page - Brilliance Semiconductor BS616UV8010 Datasheet HTML 5Page - Brilliance Semiconductor BS616UV8010 Datasheet HTML 6Page - Brilliance Semiconductor BS616UV8010 Datasheet HTML 7Page - Brilliance Semiconductor BS616UV8010 Datasheet HTML 8Page - Brilliance Semiconductor BS616UV8010 Datasheet HTML 9Page - Brilliance Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Revision 2.4
April 2002
9
BSI
R0201-BS616UV8010
REVISION HISTORY
Revision
Description
Date
Note
2.2
2001 Data Sheet release
Apr. 15, 2001
2.3
Modify Standby Current (Typ.
and Max.)
Jun. 29, 2001
2.4
Modify some AC parameters
April,11,2002
BS616UV8010


Similar Part No. - BS616UV8010

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616UV8011 BSI-BS616UV8011 Datasheet
221Kb / 10P
   Ultra Low Power/Voltage CMOS SRAM 512K X 16 bit
BS616UV8011BC BSI-BS616UV8011BC Datasheet
221Kb / 10P
   Ultra Low Power/Voltage CMOS SRAM 512K X 16 bit
BS616UV8011BI BSI-BS616UV8011BI Datasheet
221Kb / 10P
   Ultra Low Power/Voltage CMOS SRAM 512K X 16 bit
BS616UV8011DC BSI-BS616UV8011DC Datasheet
221Kb / 10P
   Ultra Low Power/Voltage CMOS SRAM 512K X 16 bit
BS616UV8011DI BSI-BS616UV8011DI Datasheet
221Kb / 10P
   Ultra Low Power/Voltage CMOS SRAM 512K X 16 bit
More results

Similar Description - BS616UV8010

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616UV8011 BSI-BS616UV8011 Datasheet
221Kb / 10P
   Ultra Low Power/Voltage CMOS SRAM 512K X 16 bit
logo
AMIC Technology
LP62S16512-I AMICC-LP62S16512-I Datasheet
150Kb / 14P
   512K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62E16512-T AMICC-LP62E16512-T_15 Datasheet
205Kb / 14P
   512K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62S16512-I AMICC-LP62S16512-I_15 Datasheet
204Kb / 14P
   512K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62S16512-T AMICC-LP62S16512-T Datasheet
150Kb / 14P
   512K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62E16512-I AMICC-LP62E16512-I Datasheet
147Kb / 14P
   512K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62E16512-T AMICC-LP62E16512-T Datasheet
147Kb / 14P
   512K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62E16512-I AMICC-LP62E16512-I_15 Datasheet
203Kb / 14P
   512K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62S16512-T AMICC-LP62S16512-T_15 Datasheet
196Kb / 13P
   512K X 16 BIT LOW VOLTAGE CMOS SRAM
logo
Lyontek Inc.
LY6251216 LYONTEK-LY6251216 Datasheet
190Kb / 13P
   512K X 16 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com