Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BS616UV4020BI Datasheet(PDF) 11 Page - Brilliance Semiconductor

Part # BS616UV4020BI
Description  Ultra Low Power/Voltage CMOS SRAM 256K x 16 or 512K x 8 bit switchable
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BSI [Brilliance Semiconductor]
Direct Link  
Logo BSI - Brilliance Semiconductor

BS616UV4020BI Datasheet(HTML) 11 Page - Brilliance Semiconductor

Back Button BS616UV4020BI Datasheet HTML 3Page - Brilliance Semiconductor BS616UV4020BI Datasheet HTML 4Page - Brilliance Semiconductor BS616UV4020BI Datasheet HTML 5Page - Brilliance Semiconductor BS616UV4020BI Datasheet HTML 6Page - Brilliance Semiconductor BS616UV4020BI Datasheet HTML 7Page - Brilliance Semiconductor BS616UV4020BI Datasheet HTML 8Page - Brilliance Semiconductor BS616UV4020BI Datasheet HTML 9Page - Brilliance Semiconductor BS616UV4020BI Datasheet HTML 10Page - Brilliance Semiconductor BS616UV4020BI Datasheet HTML 11Page - Brilliance Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
Revision 2.4
April 2002
11
BSI
R0201-BS616UV4020
REVISION HISTORY
Revision
Description
Date
Note
2.2
2001 Data Sheet release
Apr. 15, 2001
2.3
Modify Standby Current (Typ.
and Max.)
Jun. 29, 2001
2.4
Modify some AC parameters
April,11,2002
BS616UV4020


Similar Part No. - BS616UV4020BI

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616UV4010 BSI-BS616UV4010 Datasheet
218Kb / 10P
   Ultra Low Power/Voltage CMOS SRAM 256K X 16 bit
BS616UV4010BC BSI-BS616UV4010BC Datasheet
218Kb / 10P
   Ultra Low Power/Voltage CMOS SRAM 256K X 16 bit
BS616UV4010BI BSI-BS616UV4010BI Datasheet
218Kb / 10P
   Ultra Low Power/Voltage CMOS SRAM 256K X 16 bit
BS616UV4010DC BSI-BS616UV4010DC Datasheet
218Kb / 10P
   Ultra Low Power/Voltage CMOS SRAM 256K X 16 bit
BS616UV4010DI BSI-BS616UV4010DI Datasheet
218Kb / 10P
   Ultra Low Power/Voltage CMOS SRAM 256K X 16 bit
More results

Similar Description - BS616UV4020BI

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616LV4020 BSI-BS616LV4020 Datasheet
218Kb / 12P
   Very Low Power/Voltage CMOS SRAM 256K x 16 or 512K x 8 bit switchable
BS616LV4025 BSI-BS616LV4025 Datasheet
190Kb / 11P
   Very Low Power/Voltage CMOS SRAM 256K x 16 or 512K x 8 bit switchable
BS616LV4023 BSI-BS616LV4023 Datasheet
219Kb / 11P
   Very Low Power/Voltage CMOS SRAM 256K x 16 or 512K x 8 bit switchable
BS616LV4021 BSI-BS616LV4021 Datasheet
224Kb / 11P
   Very Low Power/Voltage CMOS SRAM 256K x 16 or 512K x 8 bit switchable
BS616UV2021 BSI-BS616UV2021 Datasheet
254Kb / 11P
   Ultra Low Power/Voltage CMOS SRAM 128K x 16 or 256K x 8 bit switchable
BS616UV8021 BSI-BS616UV8021 Datasheet
215Kb / 12P
   Ultra Low Power/Voltage CMOS SRAM 512K x 16 or 1M x 8 bit switchable
BS616UV8020 BSI-BS616UV8020 Datasheet
207Kb / 11P
   Ultra Low Power/Voltage CMOS SRAM 512K x 16 or 1M x 8 bit switchable
BS616LV2021 BSI-BS616LV2021 Datasheet
254Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K x 16 or 256K x 8 bit switchable
BS616LV2025 BSI-BS616LV2025 Datasheet
253Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K x 16 or 256K x 8 bit switchable
BS616LV8023 BSI-BS616LV8023 Datasheet
204Kb / 11P
   Very Low Power/Voltage CMOS SRAM 512K x 16 or 1M x 8 bit switchable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com