Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BS62LV1023 Datasheet(PDF) 4 Page - Brilliance Semiconductor

Part # BS62LV1023
Description  Very Low Power/Voltage CMOS SRAM 128K X 8 bit
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BSI [Brilliance Semiconductor]
Direct Link  
Logo BSI - Brilliance Semiconductor

BS62LV1023 Datasheet(HTML) 4 Page - Brilliance Semiconductor

  BS62LV1023 Datasheet HTML 1Page - Brilliance Semiconductor BS62LV1023 Datasheet HTML 2Page - Brilliance Semiconductor BS62LV1023 Datasheet HTML 3Page - Brilliance Semiconductor BS62LV1023 Datasheet HTML 4Page - Brilliance Semiconductor BS62LV1023 Datasheet HTML 5Page - Brilliance Semiconductor BS62LV1023 Datasheet HTML 6Page - Brilliance Semiconductor BS62LV1023 Datasheet HTML 7Page - Brilliance Semiconductor BS62LV1023 Datasheet HTML 8Page - Brilliance Semiconductor BS62LV1023 Datasheet HTML 9Page - Brilliance Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
R0201-BS62LV1023
Revision 2.2
April 2001
4
JEDEC
PARAMETER
NAME
PARAMETER
NAME
DESCRIPTION
BS62LV1023-70
MIN. TYP. MAX.
UNIT
t
AVAX
Read Cycle Time
t
RC
70
--
--
ns
t
AVQV
t
AA
Address Access Time
--
--
70
ns
t
E1LQV
t
ACS1
Chip Select Access Time
(CE1)
--
--
70
ns
t
E2HOV
t
ACS2
Chip Select Access Time
(CE2)
--
--
70
ns
t
GLQV
t
OE
Output Enable to Output Valid
--
--
50
ns
t
E1LQX
t
CLZ1
Chip Select to Output Low Z
(CE1)
10
--
--
ns
t
E2HOX
t
CLZ2
Chip Select to Output Low Z
(CE2)
10
--
--
ns
t
GLQX
t
OLZ
Output Enable to Output in Low Z
10
--
--
ns
t
E1HQZ
t
CHZ1
Chip Deselect to Output in High Z
(CE1)
0--
40
ns
t
E2HQZ
t
CHZ2
Chip Deselect to Output in High Z
(CE2)
040
t
GHQZ
t
OHZ
Output Disable to Output in High Z
0--
35
ns
t
AXOX
t
OH
Output Disable to Output Address Change
10
--
--
ns
Input Pulse Levels
Vcc/0V
Input Rise and Fall Times
Input and Output
Timing Reference Level
5ns
0.5Vcc
AC ELECTRICAL CHARACTERISTICS ( TA = 0oC to + 70oC, Vcc=3.0V )
READ CYCLE
AC TEST CONDITIONS
AC TEST LOADS AND WAVEFORMS
KEY TO SWITCHING WAVEFORMS
WAVEFORM
INPUTS
OUTPUTS
MUST BE
STEADY
MAY CHANGE
FROM H TO L
DON T CAR
ANY CHANG
PERMITTED
E:
CHANGE :
E
STATE
DOES NOT
APPLY
MUST BE
STEADY
WILL BE
CHANGE
FROM H TO L
UNKNOWN
CENTER
LINE IS HIGH
IMPEDANCE
”OFF ”STATE
MAY CHANGE
FROM L TO H
WILL BE
CHANGE
FROM L TO H
,
BSI
BS62LV1023
667
THEVENIN EQUIVALENT
ALL INPUT PULSES
10%
90%
Vcc
GND
5ns
90%
10%
1.73V
OUTPUT
FIGURE 2
3.3V
OUTPUT
INCLUDING
JIG AND
SCOPE
1269
1404
5PF
FIGURE 1B
3.3V
INCLUDING
JIG AND
SCOPE
1269
100PF
FIGURE 1A
1404
OUTPUT


Similar Part No. - BS62LV1023

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS62LV1024 BSI-BS62LV1024 Datasheet
383Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K X 8 bit
BS62LV1024DC BSI-BS62LV1024DC Datasheet
383Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K X 8 bit
BS62LV1024DI BSI-BS62LV1024DI Datasheet
383Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K X 8 bit
BS62LV1024JC BSI-BS62LV1024JC Datasheet
383Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K X 8 bit
BS62LV1024JI BSI-BS62LV1024JI Datasheet
383Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K X 8 bit
More results

Similar Description - BS62LV1023

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS62LV1029 BSI-BS62LV1029 Datasheet
424Kb / 10P
   Very Low Power/Voltage CMOS SRAM 128K X 8 bit
BS62LV1025 BSI-BS62LV1025 Datasheet
382Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K X 8 bit
BS62LV1028 BSI-BS62LV1028 Datasheet
424Kb / 10P
   Very Low Power/Voltage CMOS SRAM 128K X 8 bit
BS62LV1024 BSI-BS62LV1024 Datasheet
383Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K X 8 bit
BS62LV1027 BSI-BS62LV1027_08 Datasheet
383Kb / 11P
   Very Low Power CMOS SRAM 128K X 8 bit
BS62LV1027 BSI-BS62LV1027_06 Datasheet
386Kb / 11P
   Very Low Power CMOS SRAM 128K X 8 bit
BS616LV2013 BSI-BS616LV2013 Datasheet
241Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K X 16 bit
BS616LV2016 BSI-BS616LV2016 Datasheet
263Kb / 9P
   Very Low Power/Voltage CMOS SRAM 128K X 16 bit
BS616LV2018 BSI-BS616LV2018 Datasheet
220Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K X 16 bit
BS616LV2012 BSI-BS616LV2012 Datasheet
217Kb / 10P
   Very Low Power/Voltage CMOS SRAM 128K X 16 bit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com