Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BS616UV8021BI Datasheet(PDF) 10 Page - Brilliance Semiconductor

Part # BS616UV8021BI
Description  Ultra Low Power/Voltage CMOS SRAM 512K x 16 or 1M x 8 bit switchable
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BSI [Brilliance Semiconductor]
Direct Link  
Logo BSI - Brilliance Semiconductor

BS616UV8021BI Datasheet(HTML) 10 Page - Brilliance Semiconductor

Back Button BS616UV8021BI Datasheet HTML 4Page - Brilliance Semiconductor BS616UV8021BI Datasheet HTML 5Page - Brilliance Semiconductor BS616UV8021BI Datasheet HTML 6Page - Brilliance Semiconductor BS616UV8021BI Datasheet HTML 7Page - Brilliance Semiconductor BS616UV8021BI Datasheet HTML 8Page - Brilliance Semiconductor BS616UV8021BI Datasheet HTML 9Page - Brilliance Semiconductor BS616UV8021BI Datasheet HTML 10Page - Brilliance Semiconductor BS616UV8021BI Datasheet HTML 11Page - Brilliance Semiconductor BS616UV8021BI Datasheet HTML 12Page - Brilliance Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Revision 2.2
April 2001
10
BSI
BS616UV8021
R0201-BS616UV8021
PACKAGE
B :BGA - 48 PIN(8x10mm)
F :BGA - 48 PIN(9x12mm)
D :DICE
ORDERING INFORMATION
BS616UV8021
X X
-- Y Y
GRADE
C: +0oC ~ +70oC
I: -40oC ~ +85oC
SPEED
70: 70ns
10: 100ns
PACKAGE DIMENSIONS
48 mini-BGA (8 x 10mm)
3: SYMBOL "N" IS THE NUMBER OF SOLDER BALLS.
1: CONTROLLING DIMENSIONS ARE IN MILLIMETERS.
2: PIN#1 DOT MARKING BY LASER OR PAD PRINT.
N
E
D
NOTES:
48
10.0
8.0
E1
D1
e
3.75
5.25
0.75
SIDE VIEW
D0.1
D1
SOLDER BALL
0.35
0.05
VIEW A


Similar Part No. - BS616UV8021BI

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616UV8020 BSI-BS616UV8020 Datasheet
207Kb / 11P
   Ultra Low Power/Voltage CMOS SRAM 512K x 16 or 1M x 8 bit switchable
BS616UV8020BC BSI-BS616UV8020BC Datasheet
207Kb / 11P
   Ultra Low Power/Voltage CMOS SRAM 512K x 16 or 1M x 8 bit switchable
BS616UV8020BI BSI-BS616UV8020BI Datasheet
207Kb / 11P
   Ultra Low Power/Voltage CMOS SRAM 512K x 16 or 1M x 8 bit switchable
More results

Similar Description - BS616UV8021BI

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS616UV8020 BSI-BS616UV8020 Datasheet
207Kb / 11P
   Ultra Low Power/Voltage CMOS SRAM 512K x 16 or 1M x 8 bit switchable
BS616LV8023 BSI-BS616LV8023 Datasheet
204Kb / 11P
   Very Low Power/Voltage CMOS SRAM 512K x 16 or 1M x 8 bit switchable
BS616LV8021 BSI-BS616LV8021 Datasheet
205Kb / 11P
   Very Low Power/Voltage CMOS SRAM 512K x 16 or 1M x 8 bit switchable
BS616LV8022 BSI-BS616LV8022 Datasheet
210Kb / 11P
   Very Low Power/Voltage CMOS SRAM 512K x 16 or 1M x 8 bit switchable
BS616LV8025 BSI-BS616LV8025 Datasheet
207Kb / 11P
   Very Low Power/Voltage CMOS SRAM 512K x 16 or 1M x 8 bit switchable
BS616UV4020 BSI-BS616UV4020 Datasheet
212Kb / 11P
   Ultra Low Power/Voltage CMOS SRAM 256K x 16 or 512K x 8 bit switchable
BS616UV1620 BSI-BS616UV1620 Datasheet
215Kb / 12P
   Ultra Low Power/Voltage CMOS SRAM 1M x 16 or 2M x 8 bit switchable
BS616LV4020 BSI-BS616LV4020 Datasheet
218Kb / 12P
   Very Low Power/Voltage CMOS SRAM 256K x 16 or 512K x 8 bit switchable
BS616LV4025 BSI-BS616LV4025 Datasheet
190Kb / 11P
   Very Low Power/Voltage CMOS SRAM 256K x 16 or 512K x 8 bit switchable
BS616LV4023 BSI-BS616LV4023 Datasheet
219Kb / 11P
   Very Low Power/Voltage CMOS SRAM 256K x 16 or 512K x 8 bit switchable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com