Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BS62LV2003SI Datasheet(PDF) 2 Page - Brilliance Semiconductor

Part # BS62LV2003SI
Description  Very Low Power/Voltage CMOS SRAM 256K X 8 bit
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BSI [Brilliance Semiconductor]
Direct Link  
Logo BSI - Brilliance Semiconductor

BS62LV2003SI Datasheet(HTML) 2 Page - Brilliance Semiconductor

  BS62LV2003SI Datasheet HTML 1Page - Brilliance Semiconductor BS62LV2003SI Datasheet HTML 2Page - Brilliance Semiconductor BS62LV2003SI Datasheet HTML 3Page - Brilliance Semiconductor BS62LV2003SI Datasheet HTML 4Page - Brilliance Semiconductor BS62LV2003SI Datasheet HTML 5Page - Brilliance Semiconductor BS62LV2003SI Datasheet HTML 6Page - Brilliance Semiconductor BS62LV2003SI Datasheet HTML 7Page - Brilliance Semiconductor BS62LV2003SI Datasheet HTML 8Page - Brilliance Semiconductor BS62LV2003SI Datasheet HTML 9Page - Brilliance Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
R0201-BS62LV2003
Revision 2.4
April 2002
2
Name
Function
A0-A17 Address Input
These 18 address inputs select one of the 262,144 x 8-bit words in the RAM
CE1 Chip Enable 1 Input
CE2 Chip Enable 2 Input
CE1 is active LOW and CE2 is active HIGH. Both chip enables must be active when
data read from or write to the device. If either chip enable is not active, the device is
deselected and is in a standby power mode. The DQ pins will be in the high
impedance state when the device is deselected.
WE Write Enable Input
The write enable input is active LOW and controls read and write operations. With the
chip selected, when WE is HIGH and OE is LOW, output data will be present on the
DQ pins; when WE is LOW, the data present on the DQ pins will be written into the
selected memory location.
OE Output Enable Input
The output enable input is active LOW. If the output enable is active while the chip is
selected and the write enable is inactive, data will be present on the DQ pins and they
will be enabled. The DQ pins will be in the high impedance state when OE is inactive.
DQ0-DQ7 Data Input/Output
Ports
These 8 bi-directional ports are used to read data from or write data into the RAM.
Vcc
Power Supply
Gnd
Ground
TRUTH TABLE
PIN DESCRIPTIONS
BSI
BS62LV2003
CIN
Input
Capacitance
VIN=0V
6
pF
CDQ
Input/Output
Capacitance
VI/O=0V
8
pF
RANGE
AMBIENT
TEMPERATURE
Vcc
Commercial
0 O C to +70 O C2.4V ~ 3.6V
Industrial
-40 O C to +85 O C2.4V ~3.6V
ABSOLUTE MAXIMUM RATINGS(1)
OPERATING RANGE
CAPACITANCE (1) (TA = 25oC, f = 1.0 MHz)
1. Stresses greater than those listed under ABSOLUTE MAXIMUM
RATINGS may cause permanent damage to the device. This is a
stress rating only and functional operation of the device at these
or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
reliability.
1. This parameter is guaranteed and not tested.
SYMBOL
PARAMETER
RATING
UNITS
V TERM
Terminal Voltage with
Respect to GND
-0.5 to
Vcc+0.5
V
T BIAS
Temperature Under Bias
C
-40 to +125
O
T STG
Storage Temperature
C
-60 to +150
O
P T
Power Dissipation
1.0
W
I OUT
DC Output Current
20
mA
MODE
WE
CE1
CE2
OE
I/O OPERATION
Vcc CURRENT
XH
X
X
Not selected
(Power Down)
CCSB1
XX
L
X
High Z
ICCSB, I
Output Disabled
H
L
H
H
High Z
ICC
Read
H
L
H
L
DOUT
ICC
Write
L
L
H
X
DIN
ICC
SYMBOL
PARAMETER
CONDITIONS
MAX.
UNIT


Similar Part No. - BS62LV2003SI

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS62LV2000 BSI-BS62LV2000 Datasheet
282Kb / 10P
   Very Low Power/Voltage CMOS SRAM 256K X 8 bit
BS62LV2000SC BSI-BS62LV2000SC Datasheet
282Kb / 10P
   Very Low Power/Voltage CMOS SRAM 256K X 8 bit
BS62LV2000SI BSI-BS62LV2000SI Datasheet
282Kb / 10P
   Very Low Power/Voltage CMOS SRAM 256K X 8 bit
BS62LV2000STC BSI-BS62LV2000STC Datasheet
282Kb / 10P
   Very Low Power/Voltage CMOS SRAM 256K X 8 bit
BS62LV2000STI BSI-BS62LV2000STI Datasheet
282Kb / 10P
   Very Low Power/Voltage CMOS SRAM 256K X 8 bit
More results

Similar Description - BS62LV2003SI

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS62LV2005 BSI-BS62LV2005 Datasheet
279Kb / 10P
   Very Low Power/Voltage CMOS SRAM 256K X 8 bit
BS62LV2006 BSI-BS62LV2006 Datasheet
321Kb / 9P
   Very Low Power/Voltage CMOS SRAM 256K X 8 bit
logo
List of Unclassifed Man...
STC62WV2568 ETC1-STC62WV2568 Datasheet
330Kb / 9P
   Very Low Power/Voltage CMOS SRAM 256K X 8 bit
logo
Brilliance Semiconducto...
BS62LV2000 BSI-BS62LV2000 Datasheet
282Kb / 10P
   Very Low Power/Voltage CMOS SRAM 256K X 8 bit
BS62LV2008 BSI-BS62LV2008 Datasheet
318Kb / 9P
   Very Low Power/Voltage CMOS SRAM 256K X 8 bit
BS62LV2009 BSI-BS62LV2009 Datasheet
318Kb / 9P
   Very Low Power/Voltage CMOS SRAM 256K X 8 bit
BS62LV2001 BSI-BS62LV2001 Datasheet
283Kb / 10P
   Very Low Power/Voltage CMOS SRAM 256K X 8 bit
BS62LV2007 BSI-BS62LV2007 Datasheet
195Kb / 9P
   Very Low Power/Voltage CMOS SRAM 256K X 8 bit
BS62LV2006 BSI-BS62LV2006_08 Datasheet
333Kb / 10P
   Very Low Power CMOS SRAM 256K X 8 bit
BS62LV2006 BSI-BS62LV2006_06 Datasheet
350Kb / 11P
   Very Low Power CMOS SRAM 256K X 8 bit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com