Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BS62LV2565TC Datasheet(PDF) 6 Page - Brilliance Semiconductor

Part # BS62LV2565TC
Description  Very Low Power/Voltage CMOS SRAM 32K X 8 bit
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BSI [Brilliance Semiconductor]
Direct Link  
Logo BSI - Brilliance Semiconductor

BS62LV2565TC Datasheet(HTML) 6 Page - Brilliance Semiconductor

Back Button BS62LV2565TC Datasheet HTML 2Page - Brilliance Semiconductor BS62LV2565TC Datasheet HTML 3Page - Brilliance Semiconductor BS62LV2565TC Datasheet HTML 4Page - Brilliance Semiconductor BS62LV2565TC Datasheet HTML 5Page - Brilliance Semiconductor BS62LV2565TC Datasheet HTML 6Page - Brilliance Semiconductor BS62LV2565TC Datasheet HTML 7Page - Brilliance Semiconductor BS62LV2565TC Datasheet HTML 8Page - Brilliance Semiconductor BS62LV2565TC Datasheet HTML 9Page - Brilliance Semiconductor BS62LV2565TC Datasheet HTML 10Page - Brilliance Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
R0201-BS62LV2565
Revision 2.2
April 2001
6
JEDEC
PARAMETER
NAME
PARAMETER
NAME
DESCRIPTION
BS62LV2565-55
MIN.
TYP.
MAX.
BS62LV2565-70
MIN.
TYP.
MAX.
UNIT
t
AVAX
t
WC
Write Cycle Time
55
--
--
70
--
--
ns
t
E1LWH
t
CW
Chip Select to End of Write
55
--
--
70
--
--
ns
t
AVWL
t
AS
Address Set up Time
0
--
--
0
--
--
ns
t
AVWH
t
AW
Address Valid to End of Write
55
--
--
70
--
--
ns
t
WLWH
t
WP
Write Pulse Width
35
--
--
45
--
--
ns
t
WHAX
t
WR
Write Recovery Time
(CE , WE)
0
--
--
0
--
--
ns
t
WLOZ
t
WHZ
Write to Output in High Z
--
--
25
--
--
30
ns
t
DVWH
t
DW
Data to Write Time Overlap
35
--
--
40
--
--
ns
t
WHDX
t
DH
Data Hold from Write Time
0
--
--
0
--
--
ns
t
GHOZ
t
OHZ
Output Disable to Output in High Z
0
--25
ns
--30
ns
t
WHQX
t
OW
End ot Write to Output Active
5
--
--
5
--
--
ns
AC ELECTRICAL CHARACTERISTICS ( TA = 0oC to + 70oC, Vcc=5V )
WRITE CYCLE
BSI
BS62LV2565
WRITE CYCLE1 (1)
t WR
(3)
t CW
(11)
(2)
t WP
t AW
t OHZ
(4,10)
t AS
t DH
t DW
D
IN
D
OUT
WE
CE
OE
ADDRESS
(5)
t WC
SWITCHING WAVEFORMS (WRITE CYCLE)


Similar Part No. - BS62LV2565TC

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS62LV256 BSI-BS62LV256 Datasheet
331Kb / 11P
   Very Low Power/Voltage CMOS SRAM 32K X 8 bit
BS62LV256 BSI-BS62LV256 Datasheet
242Kb / 10P
   Very Low Power CMOS SRAM 32K X 8 bit
BS62LV256 BSI-BS62LV256 Datasheet
312Kb / 10P
   Very Low Power CMOS SRAM 32K X 8 bit
BS62LV2563 BSI-BS62LV2563 Datasheet
327Kb / 11P
   Very Low Power/Voltage CMOS SRAM 32K X 8 bit
BS62LV2563DC BSI-BS62LV2563DC Datasheet
327Kb / 11P
   Very Low Power/Voltage CMOS SRAM 32K X 8 bit
More results

Similar Description - BS62LV2565TC

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS62LV2563 BSI-BS62LV2563 Datasheet
327Kb / 11P
   Very Low Power/Voltage CMOS SRAM 32K X 8 bit
BS62LV256 BSI-BS62LV256 Datasheet
331Kb / 11P
   Very Low Power/Voltage CMOS SRAM 32K X 8 bit
BS62LV256 BSI-BS62LV256_06 Datasheet
242Kb / 10P
   Very Low Power CMOS SRAM 32K X 8 bit
BS62LV256 BSI-BS62LV256_08 Datasheet
312Kb / 10P
   Very Low Power CMOS SRAM 32K X 8 bit
logo
Macronix International
MX66C256 MCNIX-MX66C256 Datasheet
183Kb / 9P
   Very Low Power 32k x 8 CMOS SRAM
logo
AMIC Technology
A62L256 AMICC-A62L256 Datasheet
146Kb / 14P
   32K X 8 BIT LOW VOLTAGE CMOS SRAM
logo
Lyontek Inc.
LY62256 LYONTEK-LY62256 Datasheet
212Kb / 14P
   32K X 8 BIT LOW POWER CMOS SRAM
LY62W256 LYONTEK-LY62W256 Datasheet
204Kb / 13P
   32K X 8 BIT LOW POWER CMOS SRAM
logo
List of Unclassifed Man...
UT62256C ETC-UT62256C Datasheet
162Kb / 12P
   32K X 8 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY62256 LYONTEK-LY62256_16 Datasheet
628Kb / 17P
   32K X 8 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com