Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BS62LV256TI Datasheet(PDF) 1 Page - Brilliance Semiconductor

Part # BS62LV256TI
Description  Very Low Power/Voltage CMOS SRAM 32K X 8 bit
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BSI [Brilliance Semiconductor]
Direct Link  
Logo BSI - Brilliance Semiconductor

BS62LV256TI Datasheet(HTML) 1 Page - Brilliance Semiconductor

  BS62LV256TI Datasheet HTML 1Page - Brilliance Semiconductor BS62LV256TI Datasheet HTML 2Page - Brilliance Semiconductor BS62LV256TI Datasheet HTML 3Page - Brilliance Semiconductor BS62LV256TI Datasheet HTML 4Page - Brilliance Semiconductor BS62LV256TI Datasheet HTML 5Page - Brilliance Semiconductor BS62LV256TI Datasheet HTML 6Page - Brilliance Semiconductor BS62LV256TI Datasheet HTML 7Page - Brilliance Semiconductor BS62LV256TI Datasheet HTML 8Page - Brilliance Semiconductor BS62LV256TI Datasheet HTML 9Page - Brilliance Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Revision 2.2
April 2001
1
A6
BSI
Very Low Power/Voltage CMOS SRAM
32K X 8 bit
POWER DISSIPATION
SPEED
(ns)
STANDBY
(ICCSB1, Max)
Operating
(ICC, Max)
PRODUCT
FAMILY
OPERATING
TEMPERATURE
Vcc
RANGE
Vcc=
3.0V
Vcc=
5.0V
Vcc=
3.0V
Vcc=
5.0V
Vcc=
3.0V
PKG
TYPE
BS62LV256SC
SOP-28
BS62LV256TC
TSOP-28
BS62LV256PC
PDIP-28
BS62LV256JC
SOJ-28
BS62LV256DC
0
O C to +70 O C
2.4V ~ 5.5V
70
1uA
0.2uA
35mA
20mA
DICE
BS62LV256SI
SOP-28
BS62LV256TI
TSOP-28
BS62LV256PI
PDIP-28
BS62LV256JI
SOJ-28
BS62LV256DI
-40
O C to +85 O C
2.4V ~ 5.5V
70
2uA
0.4uA
40mA
25mA
DICE
• Wide Vcc operation voltage : 2.4V ~ 5.5V
• Very low power consumption :
Vcc = 3.0V
C-grade : 20mA (Max.) operating current
I- grade : 25mA (Max.) operating current
0.01uA (Typ.) CMOS standby current
Vcc = 5.0V
C-grade : 35mA (Max.) operating current
I- grade : 40mA (Max.) operating current
0.4uA (Typ.) CMOS standby current
• High speed access time :
-70
70ns (Max.) at Vcc=3.0V
• Automatic power down when chip is deselected
• Three state outputs and TTL compatible
• Fully static operation
• Data retention supply voltage as low as 1.5V
• Easy expansion with CE and OE options
The BS62LV256 is a high performance, very low power CMOS
Static Random Access Memory organized as 32,768 words by 8 bits
and operates from a wide range of 2.4V to 5.5V supply voltage.
Advanced CMOS technology and circuit techniques provide both high
speed and low power features with a typical CMOS standby current of
0.01uA and maximum access time of 70ns in 3V operation.
Easy memory expansion is provided by active LOW chip
enable (CE), active LOW output enable (OE) and three-state
output drivers.
The BS62LV256 has an automatic power down feature, reducing the
power consumption significantly when chip is deselected.
The BS62LV256
is available in the DICE form, JEDEC standard
28pin 330mil Plastic SOP, 300mil Plastic SOJ, 600mil Plastic DIP and
8mmx13.4mm TSOP (normal type).
DESCRIPTION
FEATURES
BLOCK DIAGRAM
PRODUCT FAMILY
PIN CONFIGURATIONS
Brilliance Semiconductor Inc. reserves the right to modify document contents without notice.
Address
Input
Buffer
Row
Decoder
Memory Array
512 x 512
Column I/O
Sense Amp
Write Driver
Column Decoder
Data
Buffer
Output
Address Input Buffer
A3 A2 A1 A0 A10
Data
Buffer
Input
Control
Gnd
Vdd
OE
WE
CE
DQ5
DQ4
A12
A8
A7
8
8
8
8
DQ7
DQ6
DQ3
DQ2
DQ1
DQ0
A11
A9
A5
12
64
512
512
18
A14
A13
A4
28
27
26
25
24
23
22
21
20
19
18
17
16
15
A10
CE
DQ7
DQ6
DQ5
DQ4
DQ3
GND
DQ2
DQ1
DQ0
A0
A1
A2
1
2
3
4
5
6
7
8
9
10
11
12
13
14
OE
A11
A9
A8
A13
WE
VCC
A14
A12
A7
A6
A5
A4
A3
BS62LV256
A14
A12
A7
A6
A5
A4
A3
A2
A1
A0
DQ0
DQ1
DQ2
GND
VC
WE
A13
A8
A9
A11
OE
A10
CE
DQ7
DQ6
DQ5
DQ4
DQ3
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
C
R0201-BS62LV256
BS62LV256TC
BS62LV256TI
BS62LV256SC
BS62LV256SI
BS62LV256PC
BS62LV256PI
BS62LV256JC
BS62LV256JI


Similar Part No. - BS62LV256TI

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS62LV256TI55 BSI-BS62LV256TI55 Datasheet
242Kb / 10P
   Very Low Power CMOS SRAM 32K X 8 bit
BS62LV256TI70 BSI-BS62LV256TI70 Datasheet
242Kb / 10P
   Very Low Power CMOS SRAM 32K X 8 bit
BS62LV256TIG55 BSI-BS62LV256TIG55 Datasheet
242Kb / 10P
   Very Low Power CMOS SRAM 32K X 8 bit
BS62LV256TIG55 BSI-BS62LV256TIG55 Datasheet
312Kb / 10P
   Very Low Power CMOS SRAM 32K X 8 bit
BS62LV256TIG70 BSI-BS62LV256TIG70 Datasheet
242Kb / 10P
   Very Low Power CMOS SRAM 32K X 8 bit
More results

Similar Description - BS62LV256TI

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS62LV2565 BSI-BS62LV2565 Datasheet
330Kb / 11P
   Very Low Power/Voltage CMOS SRAM 32K X 8 bit
BS62LV2563 BSI-BS62LV2563 Datasheet
327Kb / 11P
   Very Low Power/Voltage CMOS SRAM 32K X 8 bit
BS62LV256 BSI-BS62LV256_06 Datasheet
242Kb / 10P
   Very Low Power CMOS SRAM 32K X 8 bit
BS62LV256 BSI-BS62LV256_08 Datasheet
312Kb / 10P
   Very Low Power CMOS SRAM 32K X 8 bit
logo
Macronix International
MX66C256 MCNIX-MX66C256 Datasheet
183Kb / 9P
   Very Low Power 32k x 8 CMOS SRAM
logo
AMIC Technology
A62L256 AMICC-A62L256 Datasheet
146Kb / 14P
   32K X 8 BIT LOW VOLTAGE CMOS SRAM
logo
Lyontek Inc.
LY62256 LYONTEK-LY62256 Datasheet
212Kb / 14P
   32K X 8 BIT LOW POWER CMOS SRAM
LY62W256 LYONTEK-LY62W256 Datasheet
204Kb / 13P
   32K X 8 BIT LOW POWER CMOS SRAM
logo
List of Unclassifed Man...
UT62256C ETC-UT62256C Datasheet
162Kb / 12P
   32K X 8 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY62256 LYONTEK-LY62256_16 Datasheet
628Kb / 17P
   32K X 8 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com