Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMK107ABJ105KA-T Datasheet(PDF) 2 Page - Taiyo Yuden (U.S.A.), Inc

Part # EMK107ABJ105KA-T
Description  Notice for TAIYO YUDEN products
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

EMK107ABJ105KA-T Datasheet(HTML) 2 Page - Taiyo Yuden (U.S.A.), Inc

  EMK107ABJ105KA-T Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc EMK107ABJ105KA-T Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc EMK107ABJ105KA-T Datasheet HTML 3Page - Taiyo Yuden (U.S.A.), Inc EMK107ABJ105KA-T Datasheet HTML 4Page - Taiyo Yuden (U.S.A.), Inc EMK107ABJ105KA-T Datasheet HTML 5Page - Taiyo Yuden (U.S.A.), Inc EMK107ABJ105KA-T Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc EMK107ABJ105KA-T Datasheet HTML 7Page - Taiyo Yuden (U.S.A.), Inc EMK107ABJ105KA-T Datasheet HTML 8Page - Taiyo Yuden (U.S.A.), Inc EMK107ABJ105KA-T Datasheet HTML 9Page - Taiyo Yuden (U.S.A.), Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 51 page
background image
4
11
mlcc01_e-01
FEATURES
PART NUMBER
STANDARD EXTERNAL DIMENSIONS/STANDARD QUANTITY
APPLICATIONS
*This catalog contains the typical specification only due to the limitation of space. When you consider the purchase of our products, please check our specification.
For details of each product (characteristics graph, reliability information, precautions for use, and so on), see our Web site (http://www.ty-top.com/) or CD catalogs.
J M K 3 1 6 △ B J 1 0 6 M L - T △
Cap
〔μF〕
Type
107
212
316
325
X7R
B/X5R
F/Y5V
X7R
B/X5R
F/Y5V
X7R
B/X5R
F/Y5V
X7R
B/X5R
F/Y5V
VDC 50 25 16 10 6.3 50 35 25 16 10 6.3 4 50 25 16 10 50 35 25 16 10 6.3 50 25 16 10 6.3 50 16 10 6.3 50 25 16 10 6.3 50 25 16 10 6.3 4 35 25 16 10 50 25 16 10 6.3 50 35 25 16 10 6.3 16 10 6.3
〔3-digit〕
0.1
104
A
G
G
0.15
154
0.22
224 A
A A A
A A A
A
G
G
L
0.33 334
0.47
474 A A A A A A
A A A
A A
G
G
G
L
0.68 684
1
105
A A A A A A A A A
A A G G G G G
G
G
L L
L
2.2
225
A
A A A A
A A
G G G
G G G
G
L L L L
L L
N
3.3
335
N
N
4.7
475
A A A
G G G
G G G G
G
L L
L
L L L
M N N
M N N N
6.8
685
10
106
A A A
G G
G G G
G G
L L L L
L L L L
L L L
N N
M N M.N N N
22
226
A
G G
L
L L L
L
M M
M M.Y Y N N
47
476
G
L L
M M
M M M.N
N
100
107
L L
M M.Y
The use of nickel as electrode material and plating processing im-
prove the solderability and heat resistance characteristics. It also
prevents migration and raises the level of reliability.
Low equivalent series resistance(ESR) provides superior noise ab-
sorption characteristics.
Compared to tantalum or aluminum electrolytic capacitors, multilayer
ceramic capacitors offer a number of superior features, including:
Higher permissible ripple current values
Smaller case sizes with high rated voltage
Improved reliability due to higher insulation resistance and breakdown
voltage.
General digital circuit
Power supply bypass capacitors
Liquid crystal modules
Liquid crystal drive voltage lines
LSI, IC, converters(both for input and output)
Smoothing capacitors
DC-DC converters (for both input and output)
Switching power supplies (secondary side)
HIGH VALUE MULTILAYER CERAMIC CAPACITORS
Packaging
T
φ178mm Taping
(4mm pitch)
All types
P
φ178mm Taping
(4mm pitch,
1000pcs/reel)
1210Type 
Thickness:M
Internal code
△ Standard
△=Blank space
Special code
- Standard
Thickness
〔mm〕
K
0.45
A
0.8
D
0.85
G
1.25
L
1.6
N
1.9
Y 2.0max
M
2.5
REFLOW
WAVE
Type
Dimension [mm]
Standard quantity [pcs]
L
W
T
e
Paper tape
Embossed tape
□MK107
(0603 inch)
1.6±0.10
0.8±0.10
0.45±0.05
K
0.35±0.25
4000
0.8±0.10
A
□MK212
(0805 inch)
2.0±0.10
1.25±0.10
0.45±0.05
K
0.5±0.25
4000
0.85±0.10
D
1.25±0.10
G
3000
□MK316
(1206 inch)
3.2±0.15
1.6±0.15
0.85±0.10
D
0.5+0.35/-0.25
4000
1.25±0.10
G
3000
1.6±0.20
L
2000
□MK325
(1210 inch)
3.2±0.30
2.5±0.20
0.85±0.10
D
0.6±0.3
2000
1.9±0.20
N
1.9+0.1/-0.2
Y
2.5±0.20
M
500(T),1000(P)
Rated
voltage
〔VDC〕
A
4
J
6.3
L
10
E
16
T
25
G
35
U
50
Dimension
Type (inch) L×W[mm]
107 (0603) 1.6×0.8
212 (0805) 2.0×1.25
316 (1206) 3.2×1.6
325 (1210) 3.2×2.5
Series name
M
Multilayer
ceramic
capacitor
End
termination
K
Plated
Temperature
characteristics code
BJ
B
X5R
B7
X7R
△F
F
Y5V
△=Blank space
Capacitance
tolerance
K
±10%
M
±20%
Z
+80
-20%
Nominal
capacitance〔pF〕
example
473
47,000
105
1,000,000
AVAILABLE CAPACITANCE RANGE
Note:Letters in the table indicate product thickness. ■■ X5R only
Dimension tolerance[mm]
Code Type
L
W
T
Code Type
L
W
T
ALL
Standard
Standard
Standard
B
107 1.6+0.2/-0 0.8+0.2/-0
0.45±0.05
A
107
1.6+0.15/-0.05
0.8+0.15/-0.05
0.8+0.15/-0.05
0.8+0.2/-0
212
2.0+0.15/-0.05
1.25+0.15/-0.05
0.45±0.05
212 2.0+0.2/-0 1.25+0.2/-0
0.85±0.1
0.85±0.1
1.25+0.2/-0
1.25+0.15/-0.05
△=Blank space
316
3.2±0.2
1.6±0.2
0.85±0.1
1.6±0.2
325
3.2±0.3
2.5±0.3
2.5±0.3


Similar Part No. - EMK107ABJ105KA-T

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
EMK107ABJ225KA8T TAIYO-YUDEN-EMK107ABJ225KA8T Datasheet
469Kb / 3P
   MLCC (High dielectric type) for Telecommunications infrastructure and Industrial equipment / Medical devices
EMK107ABJ225KAHT TAIYO-YUDEN-EMK107ABJ225KAHT Datasheet
292Kb / 2P
   Multilayer Ceramic Capacitors (High dielectric type) for Automotive
EMK107ABJ225MA8T TAIYO-YUDEN-EMK107ABJ225MA8T Datasheet
469Kb / 3P
   MLCC (High dielectric type) for Telecommunications infrastructure and Industrial equipment / Medical devices
EMK107ABJ225MAHT TAIYO-YUDEN-EMK107ABJ225MAHT Datasheet
292Kb / 2P
   Multilayer Ceramic Capacitors (High dielectric type) for Automotive
EMK107ABJ475KA-T TAIYO-YUDEN-EMK107ABJ475KA-T Datasheet
313Kb / 2P
   High Value Multilayer Ceramic Capacitors (High dielectric type)
More results

Similar Description - EMK107ABJ105KA-T

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
TMK316B7225KL-T TAIYO-YUDEN-TMK316B7225KL-T Datasheet
1Mb / 51P
   Notice for TAIYO YUDEN products
EVK105CH0R3BW-F TAIYO-YUDEN-EVK105CH0R3BW-F Datasheet
1Mb / 21P
   Notice for TAIYO YUDEN products?
LEM2520 TAIYO-YUDEN-LEM2520 Datasheet
627Kb / 12P
   Notice for TAIYO YUDEN products?
LMK107BJ475KA-T TAIYO-YUDEN-LMK107BJ475KA-T Datasheet
1Mb / 51P
   Notice for TAIYO YUDEN products
LMK325B7106KN-T TAIYO-YUDEN-LMK325B7106KN-T Datasheet
1Mb / 2P
   Notice for TAIYO YUDEN products
JWK107B7224MV TAIYO-YUDEN-JWK107B7224MV Datasheet
753Kb / 21P
   Notice for TAIYO YUDEN products
LK16082R7K-T TAIYO-YUDEN-LK16082R7K-T Datasheet
646Kb / 31P
   Notice for TAIYO YUDEN products
LBR2012T470M TAIYO-YUDEN-LBR2012T470M Datasheet
651Kb / 14P
   Notice for TAIYO YUDEN products
UMK316AB7475KL-T TAIYO-YUDEN-UMK316AB7475KL-T Datasheet
2Mb / 27P
   Notice for TAIYO YUDEN products?
JMK212BJ106KD-T TAIYO-YUDEN-JMK212BJ106KD-T Datasheet
2Mb / 27P
   Notice for TAIYO YUDEN products
LMK212B7225KG-T TAIYO-YUDEN-LMK212B7225KG-T Datasheet
1Mb / 51P
   Notice for TAIYO YUDEN products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com