Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BS62LV4001STC Datasheet(PDF) 4 Page - Brilliance Semiconductor

Part # BS62LV4001STC
Description  Low Power/Voltage CMOS SRAM 512K X 8 bit
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BSI [Brilliance Semiconductor]
Direct Link  
Logo BSI - Brilliance Semiconductor

BS62LV4001STC Datasheet(HTML) 4 Page - Brilliance Semiconductor

  BS62LV4001STC Datasheet HTML 1Page - Brilliance Semiconductor BS62LV4001STC Datasheet HTML 2Page - Brilliance Semiconductor BS62LV4001STC Datasheet HTML 3Page - Brilliance Semiconductor BS62LV4001STC Datasheet HTML 4Page - Brilliance Semiconductor BS62LV4001STC Datasheet HTML 5Page - Brilliance Semiconductor BS62LV4001STC Datasheet HTML 6Page - Brilliance Semiconductor BS62LV4001STC Datasheet HTML 7Page - Brilliance Semiconductor BS62LV4001STC Datasheet HTML 8Page - Brilliance Semiconductor BS62LV4001STC Datasheet HTML 9Page - Brilliance Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
R0201-BS62LV4001
Revision 2.5
April 2002
4
JEDEC
PARAMETER
NAME
PARAMETER
NAME
DESCRIPTION
BS62LV4001-70
MIN. TYP. MAX.
BS62LV4001-10
MIN. TYP. MAX.
UNIT
t
AVAX
t
RC
Read Cycle Time
70
--
--
100
--
--
ns
t
AVQV
t
AA
Address Access Time
--
--
70
--
--
100
ns
t
ELQV
t
ACS
Chip Select Access Time
--
--
70
--
--
100
ns
t
GLQV
t
OE
Output Enable to Output Valid
--
--
35
--
--
50
ns
t
ELQX
t
CLZ
Chip Select to Output Low Z
10
--
--
15
--
--
ns
t
GLQX
t
OLZ
Output Enable to Output in Low Z
10
--
--
15
--
--
ns
t
EHQZ
t
CHZ
Chip Deselect to Output in High Z
0--
35
0
-
4
-0
ns
t
GHQZ
t
OHZ
Output Disable to Output in High Z
0--
30
0
-
3
-5
ns
t
AXOX
t
OH
Output Disable to Output Address Change
10
--
--
15
--
--
ns
Input Pulse Levels
Input Rise and Fall Times
Input and Output
Timing Reference Level
Vcc/0
5ns
0.5Vcc
AC ELECTRICAL CHARACTERISTICS ( TA = 0 to + 70oC , Vcc = 3.0V )
READ CYCLE
AC TEST CONDITIONS
AC TEST LOADS AND WAVEFORMS
KEY TO SWITCHING WAVEFORMS
WAVEFORM
INPUTS
OUTPUTS
MUST BE
STEADY
MAY CHANGE
FROM H TO L
DON T CAR
ANY CHANG
PERMITTED
E:
CHANGE :
E
STATE
DOES NOT
APPLY
MUST BE
STEADY
WILL BE
CHANGE
FROM H TO L
UNKNOWN
CENTER
LINE IS HIGH
IMPEDANCE
”OFF ”STATE
MAY CHANGE
FROM L TO H
WILL BE
CHANGE
FROM L TO H
,
BSI
BS62LV4001
667
THEVENIN EQUIVALENT
ALL INPUT PULSES
10%
90%
Vcc
GND
5ns
90%
10%
1.73V
OUTPUT
FIGURE 2
3.3V
OUTPUT
INCLUDING
JIG AND
SCOPE
1269
1404
5PF
FIGURE 1B
3.3V
OUTPUT
INCLUDING
JIG AND
SCOPE
1269
100PF
FIGURE 1A
1404


Similar Part No. - BS62LV4001STC

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS62LV4000 BSI-BS62LV4000 Datasheet
213Kb / 10P
   Very Low Power/Voltage CMOS SRAM 512K X 8 bit
BS62LV4000STC BSI-BS62LV4000STC Datasheet
213Kb / 10P
   Very Low Power/Voltage CMOS SRAM 512K X 8 bit
BS62LV4000STI BSI-BS62LV4000STI Datasheet
213Kb / 10P
   Very Low Power/Voltage CMOS SRAM 512K X 8 bit
BS62LV4000TC BSI-BS62LV4000TC Datasheet
213Kb / 10P
   Very Low Power/Voltage CMOS SRAM 512K X 8 bit
BS62LV4000TI BSI-BS62LV4000TI Datasheet
213Kb / 10P
   Very Low Power/Voltage CMOS SRAM 512K X 8 bit
More results

Similar Description - BS62LV4001STC

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS62LV4005 BSI-BS62LV4005 Datasheet
328Kb / 11P
   Low Power/Voltage CMOS SRAM 512K X 8 bit
logo
Alliance Semiconductor ...
AS6C4008-55TIN ALSC-AS6C4008-55TIN Datasheet
2Mb / 15P
   512K X 8 BIT LOW POWER 512K X 8 BIT LOW POWER CMOS SRAM
logo
AMIC Technology
A62S9308 AMICC-A62S9308 Datasheet
276Kb / 17P
   512K X 8 BIT LOW VOLTAGE CMOS SRAM
LP62S4096E-T AMICC-LP62S4096E-T Datasheet
162Kb / 14P
   512K X 8 BIT LOW VOLTAGE CMOS SRAM
LP62S4096E-I AMICC-LP62S4096E-I_15 Datasheet
171Kb / 13P
   512K X 8 BIT LOW VOLTAGE CMOS SRAM
LP62S4096E-I AMICC-LP62S4096E-I Datasheet
162Kb / 14P
   512K X 8 BIT LOW VOLTAGE CMOS SRAM
LP62S4096E-T AMICC-LP62S4096E-T_15 Datasheet
163Kb / 12P
   512K X 8 BIT LOW VOLTAGE CMOS SRAM
logo
Lyontek Inc.
LY62W5128 LYONTEK-LY62W5128_13 Datasheet
760Kb / 17P
   512K X 8 BIT LOW POWER CMOS SRAM
LY62L5128 LYONTEK-LY62L5128 Datasheet
248Kb / 17P
   512K X 8 BIT LOW POWER CMOS SRAM
LY62W5128 LYONTEK-LY62W5128_17 Datasheet
1Mb / 23P
   512K X 8 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com